Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HI2302JCQ Datasheet(PDF) 9 Page - Intersil Corporation

Part # HI2302JCQ
Description  8-Bit, 50 MSPS, Video A/D Converter with Clamp Function
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

HI2302JCQ Datasheet(HTML) 9 Page - Intersil Corporation

Back Button HI2302JCQ Datasheet HTML 5Page - Intersil Corporation HI2302JCQ Datasheet HTML 6Page - Intersil Corporation HI2302JCQ Datasheet HTML 7Page - Intersil Corporation HI2302JCQ Datasheet HTML 8Page - Intersil Corporation HI2302JCQ Datasheet HTML 9Page - Intersil Corporation HI2302JCQ Datasheet HTML 10Page - Intersil Corporation HI2302JCQ Datasheet HTML 11Page - Intersil Corporation HI2302JCQ Datasheet HTML 12Page - Intersil Corporation HI2302JCQ Datasheet HTML 13Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 16 page
background image
4-9
Electrical Specifications Measurement Circuits
NOTE: CL includes capacitance of probes.
FIGURE 2. OUTPUT DATA DELAY MEASUREMENT CIRCUIT
FIGURE 3. THREE-STATE OUTPUT MEASUREMENT CIRCUIT
FIGURE 4. INTEGRAL NONLINEARITY ERROR/DIFFERENTIAL NONLINEARITY ERROR/OFFSET VOLTAGE TEST CIRCUIT
FIGURE 5. DIFFERENTIAL GAIN ERROR, DIFFERENTIAL PHASE ERROR TEST CIRCUIT
MEASUREMENT
POINT
TO OUTPUT PIN
CL
MEASUREMENT
DVDD
TO OUTPUT PIN
CL
RL
POINT
RL
BUFFER
A < B A > B
COMPARATOR
.
.
.
A8
A1
A0
.
.
.
B8
B1
B0
+V
DUT
HI2302
+
-
-V
DVM
CONTROLLER
TO
..
.
000
00
..
.
111
10
8
“1”
8
“0”
8
VIN
CLK (50 MSPS)
S1
S2
S1: ON IF A < B
S2: ON IF B > A
NTSC
SIGNAL
SOURCE
HI2302
TTL
ECL
10-BIT
D/A
VECTOR
SCOPE
100
40 IRE
0
-40
MODULATION
BURST
SYNC
fC
S.G.
(CW)
TTL
ECL
VIN
8
8
HI20201
620
-5.2V
CLK
-5.2V
620
D.G.
D.P.
0.5V
2.5V
HI2302


Similar Part No. - HI2302JCQ

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HI2302JCQ INTERSIL-HI2302JCQ Datasheet
573Kb / 16P
   8-Bit, 50MSPS, Video A/D Converter with Clamp Function
More results

Similar Description - HI2302JCQ

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HI2303 INTERSIL-HI2303 Datasheet
162Kb / 18P
   Triple 8-Bit, 50 MSPS, Video A/D Converter with Clamp Function
logo
Sony Corporation
CXD2303AQ SONY-CXD2303AQ Datasheet
501Kb / 37P
   8-bit 3-channel 50 MSPS Video A/D Converter with clamp function
CXD1176Q SONY-CXD1176Q Datasheet
402Kb / 25P
   8-bit 20MSPS Video A/D Converter with Clamp Function
logo
Intersil Corporation
HI2302 INTERSIL-HI2302_05 Datasheet
573Kb / 16P
   8-Bit, 50MSPS, Video A/D Converter with Clamp Function
logo
Sony Corporation
CXD1179Q SONY-CXD1179Q Datasheet
202Kb / 14P
   8-bit 35MSPS Video A/D Converter with Clamp Function
CXD2302Q SONY-CXD2302Q Datasheet
344Kb / 25P
   8-bit 50MSPS Video A/D Converter with Clamp Function
logo
Intersil Corporation
HI2301 INTERSIL-HI2301 Datasheet
746Kb / 13P
   8-Bit, 30 MSPS, Video A/D Converter with Amplifier/Clamp
HI1179 INTERSIL-HI1179 Datasheet
117Kb / 14P
   8-Bit, 35 MSPS, Video A/D Converter
August 1997
logo
Cadeka Microcircuits LL...
TMC1175A CADEKA-TMC1175A Datasheet
467Kb / 18P
   Video A/D Converter 8 bit, 40 Msps
logo
Renesas Technology Corp
HI1179 RENESAS-HI1179 Datasheet
721Kb / 15P
   8-Bit, 35 MSPS, Video A/D Converter
October 25, 2005
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com