Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FDC2512 Datasheet(PDF) 1 Page - Guangdong Kexin Industrial Co.,Ltd

Part # FDC2512
Description  N-Channel Enhancement MOSFET
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEXIN [Guangdong Kexin Industrial Co.,Ltd]
Direct Link  http://www.kexin.com.cn/index.asp
Logo KEXIN - Guangdong Kexin Industrial Co.,Ltd

FDC2512 Datasheet(HTML) 1 Page - Guangdong Kexin Industrial Co.,Ltd

  FDC2512 Datasheet HTML 1Page - Guangdong Kexin Industrial Co.,Ltd FDC2512 Datasheet HTML 2Page - Guangdong Kexin Industrial Co.,Ltd FDC2512 Datasheet HTML 3Page - Guangdong Kexin Industrial Co.,Ltd FDC2512 Datasheet HTML 4Page - Guangdong Kexin Industrial Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
SMD Type
www.kexin.com.cn
1
MOSFET
N-Channel Enhancement MOSFET
FDC2512 (KDC2512)
Features
VDS (V) = 150V
ID = 1.4A (VGS = 10V)
RDS(ON) < 425mΩ (VGS = 10V)
RDS(ON) < 475mΩ (VGS = 6V)
6
5
4
1
2
3
Absolute Maximum Ratings Ta = 25℃
Parameter
Symbol
Rating
Unit
Drain-Source Voltage
VDS
150
Gate-Source Voltage
VGS
±
20
Drain Current
- Continuous
*1a
1.4
- Pulsed
8
Power Dissipation
*1a
1.6
*1b
0.8
Thermal Resistance.Junction- to-Ambient
*1a
RthJA
78
Thermal Resistance.Junction- to-Case
*1
RthJC
30
Junction Temperature
TJ
150
Storage Temperature Range
Tstg
-55 to 150
/W
V
A
ID
PD
W
78°C/W when mounted on a 1in2 pad of 2 oz copper
156°C/W when mounted on a minimum pad of 2 oz copper
D
G
S
D
D
D
RθJAis the sum of the junction-to-case and case-to-ambient thermal resistance where the case thermal
reference is defined as the solder mounting surface of the drain pins. RθJCis guaranteed by design
while RθCA is determined by the user's board design.
*1.
*1a.
*1b.
1
2
3
4
5
6
Unit: mm
0.15 +0.02
-0.02
SOT-23-6
(
)
+0.01
-0.01
+0.2
-0.1
0.4-0.1
+0.1


Similar Part No. - FDC2512

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FDC2512 FAIRCHILD-FDC2512 Datasheet
176Kb / 5P
   150V N-Channel PowerTrench MOSFET
logo
VBsemi Electronics Co.,...
FDC2512 VBSEMI-FDC2512 Datasheet
1Mb / 9P
   N-Channel 100 V (D-S) MOSFET
logo
TECH PUBLIC Electronics...
FDC2512 TECHPUBLIC-FDC2512 Datasheet
3Mb / 6P
   150V N-Channel Enhancement Mode MOSFET
More results

Similar Description - FDC2512

ManufacturerPart #DatasheetDescription
logo
Guangdong Kexin Industr...
2N7002E KEXIN-2N7002E_15 Datasheet
1Mb / 2P
   N-Channel Enhancement MOSFET
AO3414 KEXIN-AO3414 Datasheet
1Mb / 4P
   N-Channel Enhancement MOSFET
logo
SeCoS Halbleitertechnol...
SSP7200N SECOS-SSP7200N_15 Datasheet
209Kb / 2P
   N-Channel Enhancement MOSFET
SSP7450N SECOS-SSP7450N Datasheet
702Kb / 4P
   N-Channel Enhancement MOSFET
S2N7002KW SECOS-S2N7002KW Datasheet
542Kb / 2P
   N-Channel Enhancement MOSFET
SMG2322N SECOS-SMG2322N Datasheet
567Kb / 4P
   N-Channel Enhancement MOSFET
SCG3019 SECOS-SCG3019 Datasheet
201Kb / 4P
   N-Channel Enhancement MOSFET
SSP7436N SECOS-SSP7436N Datasheet
167Kb / 2P
   N-Channel Enhancement MOSFET
SSP7464N SECOS-SSP7464N Datasheet
167Kb / 2P
   N-Channel Enhancement MOSFET
SSP7200N SECOS-SSP7200N Datasheet
167Kb / 2P
   N-Channel Enhancement MOSFET
logo
DONGGUAN YOU FENG WEI E...
2N7002 YFWDIODE-2N7002 Datasheet
433Kb / 3P
   N-Channel Enhancement MOSFET
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com