Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HI2315 Datasheet(PDF) 7 Page - Intersil Corporation

Part # HI2315
Description  10-Bit, 80 MSPS D/A Converter (Ultra-Low Glitch Version)
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

HI2315 Datasheet(HTML) 7 Page - Intersil Corporation

  HI2315 Datasheet HTML 1Page - Intersil Corporation HI2315 Datasheet HTML 2Page - Intersil Corporation HI2315 Datasheet HTML 3Page - Intersil Corporation HI2315 Datasheet HTML 4Page - Intersil Corporation HI2315 Datasheet HTML 5Page - Intersil Corporation HI2315 Datasheet HTML 6Page - Intersil Corporation HI2315 Datasheet HTML 7Page - Intersil Corporation HI2315 Datasheet HTML 8Page - Intersil Corporation HI2315 Datasheet HTML 9Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 7 / 9 page
background image
10-7
NOTE:
3. When 5.0V supply voltage (DVDD and AVDD). Digital input from pins 30 to 32 and pins 1 to 7. R1 = 200Ω, R2 = 2.0kΩ, C = 0.1µF.
FIGURE 6. APPLICATION CIRCUIT 2
Typical Application Circuits (Continued)
17
18
19
20
21
22
23
24
8
7
6
5
4
3
2
1
16
15
14
13
12
11
10
9
25
26
27
28
29
30
31
32
D0
D1
D2
D3
D4
D5
D6
D7
D8
D9
NC
CLK
BLK
CE
NC
DVDD
DVSS
VB
IREF
SREF
VREF
AVDD
AVSS
NC
DVSS
AVDD AVDD
AVSS
IO
IO VG
CLOCK INPUT
C
C
C
C
DVDD
DVSS
NC
R1
R2
DVDD
NC
Typical Performance Curves
FIGURE 7. OUTPUT FULL SCALE VOLTAGE (VFS) vs
REFERENCE VOLTAGE (VREF)
FIGURE 8. OUTPUT FULL SCALE VOLTAGE vs AMBIENT
TEMPERATURE
2.0
1.0
2.0
1.0
REFERENCE VOLTAGE (V)
-25
0
255075
0
AMBIENT TEMPERATURE (oC)
1.93
1.95
∆V = 0.2mV/oC
HI2315


Similar Part No. - HI2315

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HI2300 INTERSIL-HI2300 Datasheet
96Kb / 8P
   8-Bit, 18 MSPS, Video A/D Converter with 3.3V Power Supply Operation
August 1997
HI2300JCQ INTERSIL-HI2300JCQ Datasheet
96Kb / 8P
   8-Bit, 18 MSPS, Video A/D Converter with 3.3V Power Supply Operation
August 1997
HI2301 INTERSIL-HI2301 Datasheet
746Kb / 13P
   8-Bit, 30 MSPS, Video A/D Converter with Amplifier/Clamp
HI2301JCQ INTERSIL-HI2301JCQ Datasheet
746Kb / 13P
   8-Bit, 30 MSPS, Video A/D Converter with Amplifier/Clamp
HI2302 INTERSIL-HI2302 Datasheet
167Kb / 16P
   8-Bit, 50 MSPS, Video A/D Converter with Clamp Function
November 1997
More results

Similar Description - HI2315

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
SPT7868 ETC1-SPT7868 Datasheet
47Kb / 5P
   10-BIT,80 MSPS A/D CONVERTER
logo
Cadeka Microcircuits LL...
TMC3033 CADEKA-TMC3033 Datasheet
216Kb / 12P
   Triple Video D/A Converter 10 bit, 80 Msps
logo
Hittite Microwave Corpo...
HMCAD1041-80 HITTITE-HMCAD1041-80 Datasheet
705Kb / 12P
   Single 10-Bit 65/80 MSPS A/D Converter
HMCAD1040-80 HITTITE-HMCAD1040-80 Datasheet
923Kb / 14P
   Dual 10-Bit 65/80 MSPS A/D Converter
logo
Cadeka Microcircuits LL...
TMC3003 CADEKA-TMC3003 Datasheet
200Kb / 12P
   Triple Video D/A Converter 10 bit, 80 Msps
logo
Intersil Corporation
HI5780 INTERSIL-HI5780 Datasheet
75Kb / 8P
   10-Bit, 80 MSPS, High Speed, Low Power D/A Converter
logo
Fairchild Semiconductor
TMC3033 FAIRCHILD-TMC3033 Datasheet
119Kb / 12P
   Triple Video D/A Converter 10 bit, 80 Msps
logo
Analog Devices
AD6645 AD-AD6645 Datasheet
2Mb / 20P
   14-Bit, 80 MSPS A/D Converter
REV. 0
AD9444 AD-AD9444 Datasheet
1Mb / 40P
   14-Bit, 80 MSPS, A/D Converter
REV. 0
logo
Texas Instruments
TLV5580 TI1-TLV5580_15 Datasheet
509Kb / 38P
[Old version datasheet]   8-BIT, 80 MSPS LOW-POWER A/D CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com