Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HI2315JCQ Datasheet(PDF) 4 Page - Intersil Corporation

Part # HI2315JCQ
Description  10-Bit, 80 MSPS D/A Converter (Ultra-Low Glitch Version)
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

HI2315JCQ Datasheet(HTML) 4 Page - Intersil Corporation

  HI2315JCQ Datasheet HTML 1Page - Intersil Corporation HI2315JCQ Datasheet HTML 2Page - Intersil Corporation HI2315JCQ Datasheet HTML 3Page - Intersil Corporation HI2315JCQ Datasheet HTML 4Page - Intersil Corporation HI2315JCQ Datasheet HTML 5Page - Intersil Corporation HI2315JCQ Datasheet HTML 6Page - Intersil Corporation HI2315JCQ Datasheet HTML 7Page - Intersil Corporation HI2315JCQ Datasheet HTML 8Page - Intersil Corporation HI2315JCQ Datasheet HTML 9Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
10-4
Absolute Maximum Ratings TA =25oC
Thermal Information
Supply Voltage (VDD) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 7V
Input Voltage (VIN) . . . . . . . . . . . . . . . . . . .VSS -0.5V to VDD + 0.5V
Output Voltage (IOUT). . . . . . . . . . . . . . . . . . . . . . . . . .0mA to 15mA
Operating Conditions
Supply Voltage
AVDD, AVSS . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 5.0V ±0.25V
DVDD, DVSS . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .5.0V ±0.25V
Reference Input Voltage (VREF). . . . . . . . . . . . . . . . . . .0.5V to 2.0V
Clock Pulse Width (tPW1, tPW0) . . . . . . . . . . . . . . . . . . 6.25ns (Min)
Temperature Range (TOPR) . . . . . . . . . . . . . . . . . . . . -20
oC to 75oC
Thermal Resistance (Typical, Note 1)
θ
JA (
oC/W)
MQFP Package . . . . . . . . . . . . . . . . . . . . . . . . . . . .
122
Maximum Junction Temperature (MQFP Package) . . . . . . . . 150oC
Maximum Storage Temperature Range . . . . . . . . . .-65oC to 150oC
Maximum Lead Temperature (Soldering 10s) . . . . . . . . . . . . . 300oC
(MQFP - Lead Tips Only)
CAUTION: Stresses above those listed in “Absolute Maximum Ratings” may cause permanent damage to the device. This is a stress only rating and operation
of the device at these or any other conditions above those indicated in the operational sections of this specification is not implied.
NOTE:
1.
θJA is measured with the component mounted on an evaluation PC board in free air.
Electrical Specifications
TA = 25
oC, f
CLK = 80MHz, VDD = 5V, R = 200Ω, VREF = 2.0V, 16R = 3.3kΩ
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNITS
Resolution
n
-
10
-
Bit
Maximum Conversion Rate
fMAX
80
-
-
MHz
Linearity Error
EL
-1.5
-
1.5
LSB
Differential Linearity Error
ED
-0.5
-
0.5
LSB
Output Full-Scale Voltage
VFS
1.8
1.94
2.0
V
Output Full-Scale Current
IFS
9.0
9.7
10
mA
Output Off-Set Voltage
VOS
--
1
mV
Output Impedance
-
300
-
k
Supply Current
IDD
-
-
30
mA
Digital Input Current
High Level
IIH
--
5
µA
Low Level
IIL
-5
-
-
µA
Digital Input Voltage
High Level
VIH
2.45
-
-
V
Low Level
VIL
-
-
0.85
V
Accuracy Guarantee Output Voltage Range
VOC
1.8
1.94
2.0
V
Setup Time
tS
3.0
-
-
ns
Hold Time
tH
3.0
-
-
ns
Rise Time
tr
5.0
-
-
ns
Propagation Delay Time
tPD
-5
-
ns
Glitch Energy
GE
ROUT = 200Ω, 2VP-P
-
-
30
pV/s
Differential Gain
DG
-
-
1.0
%
Differential Phase
DP
-
-
1.0
Degrees
SREF Output Voltage
SREF
TA = 25
oC
1.0
1.2
1.4
V
HI2315


Similar Part No. - HI2315JCQ

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HI2300 INTERSIL-HI2300 Datasheet
96Kb / 8P
   8-Bit, 18 MSPS, Video A/D Converter with 3.3V Power Supply Operation
August 1997
HI2300JCQ INTERSIL-HI2300JCQ Datasheet
96Kb / 8P
   8-Bit, 18 MSPS, Video A/D Converter with 3.3V Power Supply Operation
August 1997
HI2301 INTERSIL-HI2301 Datasheet
746Kb / 13P
   8-Bit, 30 MSPS, Video A/D Converter with Amplifier/Clamp
HI2301JCQ INTERSIL-HI2301JCQ Datasheet
746Kb / 13P
   8-Bit, 30 MSPS, Video A/D Converter with Amplifier/Clamp
HI2302 INTERSIL-HI2302 Datasheet
167Kb / 16P
   8-Bit, 50 MSPS, Video A/D Converter with Clamp Function
November 1997
More results

Similar Description - HI2315JCQ

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
SPT7868 ETC1-SPT7868 Datasheet
47Kb / 5P
   10-BIT,80 MSPS A/D CONVERTER
logo
Cadeka Microcircuits LL...
TMC3033 CADEKA-TMC3033 Datasheet
216Kb / 12P
   Triple Video D/A Converter 10 bit, 80 Msps
logo
Hittite Microwave Corpo...
HMCAD1041-80 HITTITE-HMCAD1041-80 Datasheet
705Kb / 12P
   Single 10-Bit 65/80 MSPS A/D Converter
HMCAD1040-80 HITTITE-HMCAD1040-80 Datasheet
923Kb / 14P
   Dual 10-Bit 65/80 MSPS A/D Converter
logo
Cadeka Microcircuits LL...
TMC3003 CADEKA-TMC3003 Datasheet
200Kb / 12P
   Triple Video D/A Converter 10 bit, 80 Msps
logo
Intersil Corporation
HI5780 INTERSIL-HI5780 Datasheet
75Kb / 8P
   10-Bit, 80 MSPS, High Speed, Low Power D/A Converter
logo
Fairchild Semiconductor
TMC3033 FAIRCHILD-TMC3033 Datasheet
119Kb / 12P
   Triple Video D/A Converter 10 bit, 80 Msps
logo
Analog Devices
AD6645 AD-AD6645 Datasheet
2Mb / 20P
   14-Bit, 80 MSPS A/D Converter
REV. 0
AD9444 AD-AD9444 Datasheet
1Mb / 40P
   14-Bit, 80 MSPS, A/D Converter
REV. 0
logo
Texas Instruments
TLV5580 TI1-TLV5580_15 Datasheet
509Kb / 38P
[Old version datasheet]   8-BIT, 80 MSPS LOW-POWER A/D CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com