Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HI3026AEVAL Datasheet(PDF) 8 Page - Intersil Corporation

Part # HI3026AEVAL
Description  8-Bit, 140 MSPS, Flash A/D Converter
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

HI3026AEVAL Datasheet(HTML) 8 Page - Intersil Corporation

Back Button HI3026AEVAL Datasheet HTML 4Page - Intersil Corporation HI3026AEVAL Datasheet HTML 5Page - Intersil Corporation HI3026AEVAL Datasheet HTML 6Page - Intersil Corporation HI3026AEVAL Datasheet HTML 7Page - Intersil Corporation HI3026AEVAL Datasheet HTML 8Page - Intersil Corporation HI3026AEVAL Datasheet HTML 9Page - Intersil Corporation HI3026AEVAL Datasheet HTML 10Page - Intersil Corporation HI3026AEVAL Datasheet HTML 11Page - Intersil Corporation HI3026AEVAL Datasheet HTML 12Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 17 page
background image
4-1385
45
SELECT
VCC or GND
Data Output Mode Selection. (See Table 2,
Operating Mode Table.)
11
VRT
I
4.0V (Typ)
Top Reference Voltage. By-pass to AGND
with a 1
µF tantal capacitor and a 0.1µF
chip capacitor.
9VRM3
VRB +
(VRT - VRB)
Reference Voltage Mid Point. Bypass to
AGND with a 0.1
µF chip capacitor.
7VRM2
VRB +
(VRT - VRB)
Reference Voltage Mid Point. Bypass to
AGND with a 0.1
µF chip capacitor.
4VRM1
VRB +
(VRT - VRB)
Reference Voltage Mid Point. Bypass to
AGND with a 0.1
µF chip capacitor.
2VRB
I
2.0V (Typ)
Bottom Reference Voltage. Bypass to
AGND with a 1
µF tantal capacitor and a
0.1
µF chip capacitor.
6VIN
IVRT to VRB
Analog Input.
33 to 40
P1D0 to
P1D7
O
TTL
Port 1 Side Data Output.
21 to 28
P2D0 to
P2D7
O
Port 2 Side Data Output.
43
CLKOUT
O
Clock Output. (See Table 2, Operating
Mode Table.)
Pin Descriptions (Continued)
PIN NO
SYMBOL
I/O
TYPICAL
VOLTAGE
LEVEL
EQUIVALENT CIRCUIT
DESCRIPTION
45
DVCC1
DGND1
DVEE3
11
9
7
4
2
R2
R2
R
R
R
R
R
R
R/2
R1
COMPARATOR 1
COMPARATOR 63
COMPARATOR 64
COMPARATOR 127
COMPARATOR 128
COMPARATOR 191
COMPARATOR 192
COMPARATOR 255
3
4
---
2
4
---
1
4
---
6
AVCC
DVEE3
COMPARATOR
AVCC
AGND
VREF
21
33
43
40
28
DVCC2
TO
TO
DGND2
DVEE3
DGND1
DVCC1
HI3026A


Similar Part No. - HI3026AEVAL

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HI3026AEVAL INTERSIL-HI3026AEVAL Datasheet
724Kb / 17P
   8-Bit, 140 MSPS, Flash A/D Converter
More results

Similar Description - HI3026AEVAL

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HI3026A INTERSIL-HI3026A_03 Datasheet
724Kb / 17P
   8-Bit, 140 MSPS, Flash A/D Converter
logo
Fujitsu Component Limit...
MB40C318 FUJITSU-MB40C318 Datasheet
173Kb / 16P
   8-bit 140 MSPS A/D Converter
MB40C318V FUJITSU-MB40C318V Datasheet
171Kb / 16P
   8-bit 140 MSPS A/D Converter
logo
Intersil Corporation
HI3086 INTERSIL-HI3086 Datasheet
215Kb / 19P
   6-Bit, 140 MSPS, Flash A/D Converter
August 1997
HI1866 INTERSIL-HI1866 Datasheet
97Kb / 13P
   6-Bit, 140 MSPS, Flash A/D Converter
October 1998
HI1826 INTERSIL-HI1826 Datasheet
52Kb / 8P
   6-Bit, 140 MSPS, Flash A/D Converter
October 1998
logo
Sony Corporation
CXA1826Q SONY-CXA1826Q Datasheet
430Kb / 19P
   6-BIT 140 MSPS FLASH A/D CONVERTER
logo
Intersil Corporation
HI3086 INTERSIL-HI3086_00 Datasheet
894Kb / 18P
   6-Bit, 140 MSPS, Flash A/D Converter
logo
Analog Devices
AD9483 AD-AD9483 Datasheet
319Kb / 26P
   Triple 8-Bit, 140 MSPS A/D Converter
REV. A
AD9483 AD-AD9483_15 Datasheet
398Kb / 28P
   Triple 8-Bit, 140 MSPS A/D Converter
REV. C
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com