Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HI3246 Datasheet(PDF) 9 Page - Intersil Corporation

Part # HI3246
Description  8-Bit, 120MSPS, Flash A/D Converter
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

HI3246 Datasheet(HTML) 9 Page - Intersil Corporation

Back Button HI3246 Datasheet HTML 5Page - Intersil Corporation HI3246 Datasheet HTML 6Page - Intersil Corporation HI3246 Datasheet HTML 7Page - Intersil Corporation HI3246 Datasheet HTML 8Page - Intersil Corporation HI3246 Datasheet HTML 9Page - Intersil Corporation HI3246 Datasheet HTML 10Page - Intersil Corporation HI3246 Datasheet HTML 11Page - Intersil Corporation HI3246 Datasheet HTML 12Page - Intersil Corporation HI3246 Datasheet HTML 13Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 16 page
background image
9
Notes on Operation
• The HI3246 is a high-speed A/D converter which is capable
of TTL, ECL and PECL level clock input. Characteristic
impedance should be properly matched to ensure optimum
performance during high-speed operation.
• The power supply and grounding have a profound influence
on converter performance. The power supply and
grounding method are particularly important during high-
speed operation. General points for caution are as follows:
- The ground pattern should be as large as possible. It is
recommended to make the power supply and ground
patterns wider at an inner layer using a multi-layer
board.
- To prevent interference between AGND and DGND
and between AVCC and DVCC, make sure the
respective patterns are separated. To prevent a DC
offset in the power supply pattern, connect the AVCC
and DVCC lines at one point each, via a ferrite-bead
filter. Shorting the AGND and DGND patterns in one
place immediately under the A/D converter improves
A/D converter performance.
- Ground the power supply pins (AVCC,DVCC1,DVCC2,
DVEE3) as close to each pin as possible with a 0.1µF
or larger ceramic chip capacitor. (Connect the AVCC
pin to the AGND pattern and the DVCC1, DVCC2,
DVEE3 pins to the DGND pattern).
- The digital output wiring should be as short as
possible. If the digital output wiring is long, the wiring
capacitance will increase, deteriorating the output slew
rate and resulting in reflection to the output waveform
since the original output slew rate is quite fast.
• The analog input pin VIN has an input capacitance of
approximately 21pF. To drive the A/D converter with proper
frequency response, it is necessary to prevent performance
deterioration due to parasitic capacitance or parasitic
inductance by using a large capacity drive circuit; keeping
wiring as short as possible, and using chip parts for
resistors and capacitors, etc.
• The VRT and VRB pins must have adequate bypass to
protect them from high-frequency noise. Bypass them to
AGND with approximately 1
µF tantal capacitor and, 0.1µF
capacitor. At this time, approximately DGND3 - 1.2V voltage
is generated. However, this is not recommended for use as
threshold voltage VBB as it is too weak.
When the digital input level is PECL level, ***/E pins should
be used and ***/T pins left open. When the digital input level
is TTL, ***/T pins should be used and III/E pins left open.
TABLE 1. A/D CODE
VIN
STEP
INV
10
D7
D0
D7
D0
VRT
255
1111111100000000
254
1111111000000001
VRM2
128
1000000001111111
127
0111111110000000
1
0 000000111111110
VRB
0
0 000000011111111
Test Circuits
FIGURE 4. CURRENT CONSUMPTION MEASUREMENT
CIRCUIT
FIGURE 5. INTEGRAL LINEARITY ERROR/DIFFERENTIAL
LINEARITY ERROR MEASUREMENT CIRCUIT
VRT
VIN
VRB
AVCC
DVCC1
DVCC2
DGND2
DGND1
AGND
DGND3
CLK/E
DVEE3
4V
1.95V
2V
5MHz PECL
A
A
5V
5V
ICC
IEE
A < B A > B
COMPARATOR
A8
TO
A1
B8
TO
B1
B0
A0
HI3246
BUFFER
CONTROLLER
DVM
000...00
TO
111..10
VIN
8
“0”
8
“1”
-V
+V
S2
S1: ON WHEN A < B
S2: ON WHEN A > B
S1
-
+
HI3246


Similar Part No. - HI3246

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HI3256 INTERSIL-HI3256 Datasheet
229Kb / 16P
   8-Bit, 120MSPS, Flash A/D Converter
June 1999
HI3256JCQ INTERSIL-HI3256JCQ Datasheet
229Kb / 16P
   8-Bit, 120MSPS, Flash A/D Converter
June 1999
HI3276 INTERSIL-HI3276 Datasheet
228Kb / 16P
   8-Bit, 160MSPS, Flash A/D Converter
June 1999
HI3276 INTERSIL-HI3276 Datasheet
680Kb / 16P
   8-Bit, 160MSPS, Flash A/D Converter
HI3276JCQ INTERSIL-HI3276JCQ Datasheet
228Kb / 16P
   8-Bit, 160MSPS, Flash A/D Converter
June 1999
More results

Similar Description - HI3246

ManufacturerPart #DatasheetDescription
logo
Sony Corporation
CXA3246Q SONY-CXA3246Q Datasheet
312Kb / 22P
   8-bit 120MSPS Flash A/D Converter
CXA3026Q SONY-CXA3026Q Datasheet
594Kb / 30P
   8-bit 120MSPS Flash A/D Converter
CXA3256R SONY-CXA3256R Datasheet
331Kb / 23P
   8-bit 120MSPS Flash A/D Converter
logo
Intersil Corporation
HI3256 INTERSIL-HI3256 Datasheet
229Kb / 16P
   8-Bit, 120MSPS, Flash A/D Converter
June 1999
logo
Sony Corporation
CXA3506R SONY-CXA3506R Datasheet
2Mb / 110P
   3-channel 8-bit 120MSPS A/D Converter Amplifier PLL
logo
Nippon Precision Circui...
SM6102P NPC-SM6102P Datasheet
189Kb / 6P
   8-bit, Flash A/D Converter
logo
Sony Corporation
CXA3286R SONY-CXA3286R Datasheet
331Kb / 23P
   8-bit 160MSPS Flash A/D Converter
logo
Murata Power Solutions ...
ADC-301 MURATA-PS-ADC-301 Datasheet
1Mb / 4P
   8-Bit Video Flash A/D Converter
logo
Intersil Corporation
HI3276 INTERSIL-HI3276_01 Datasheet
680Kb / 16P
   8-Bit, 160MSPS, Flash A/D Converter
HI5675 INTERSIL-HI5675 Datasheet
93Kb / 10P
   8-Bit, 20MSPS, Flash A/D Converter
April 1999
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com