Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HI3246 Datasheet(PDF) 11 Page - Intersil Corporation

Part # HI3246
Description  8-Bit, 120MSPS, Flash A/D Converter
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

HI3246 Datasheet(HTML) 11 Page - Intersil Corporation

Back Button HI3246 Datasheet HTML 7Page - Intersil Corporation HI3246 Datasheet HTML 8Page - Intersil Corporation HI3246 Datasheet HTML 9Page - Intersil Corporation HI3246 Datasheet HTML 10Page - Intersil Corporation HI3246 Datasheet HTML 11Page - Intersil Corporation HI3246 Datasheet HTML 12Page - Intersil Corporation HI3246 Datasheet HTML 13Page - Intersil Corporation HI3246 Datasheet HTML 14Page - Intersil Corporation HI3246 Datasheet HTML 15Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 16 page
background image
11
TABLE 3. LOGIC INPUT LEVEL AND POWER SUPPLY SETTINGS
DIGITAL INPUT LEVEL
DVEE3
DGND3
SUPPLY VOLTAGE
APPLICATION CIRCUITS
PECL
0V
+5V
+5V
Figures 18, 20
TTL
0V
+5V
+5V
Figures 19, 21
FIGURE 9. WHEN THE RESET PULSE IS NOT USED
FIGURE 10. WHEN THE RESET PULSE IS USED
HI3246
CLK
RESETN
A
HI3246
CLK
RESETN
B
8 BITS
CLK
CLKOUT
DATA
CLKOUT
DATA
8 BITS
CLK
HI3246
CLK
RESETN
A
HI3246
CLK
RESETN
B
8 BITS
CLK
CLKOUT
DATA
CLKOUT
DATA
8 BITS
CLK
RESET PULSE
RESET
PULSE
Typical Performance Curves
FIGURE 11. CURRENT CONSUMPTION vs AMBIENT
TEMPERATURE CHARACTERISTICS
FIGURE 12. CURRENT CONSUMPTION vs CONVERSION
RATE CHARACTERISTICS RESPONSE
110
75
TA, AMBIENT TEMPERATURE (
oC)
25
-25
105
100
95
90
110
120
fC, CONVERSION RATE (MSPS)
60
0
105
100
95
90
fIN =
-1kHz
fCLK
4
DMUX MODE
CL = 5pF
HI3246


Similar Part No. - HI3246

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HI3256 INTERSIL-HI3256 Datasheet
229Kb / 16P
   8-Bit, 120MSPS, Flash A/D Converter
June 1999
HI3256JCQ INTERSIL-HI3256JCQ Datasheet
229Kb / 16P
   8-Bit, 120MSPS, Flash A/D Converter
June 1999
HI3276 INTERSIL-HI3276 Datasheet
228Kb / 16P
   8-Bit, 160MSPS, Flash A/D Converter
June 1999
HI3276 INTERSIL-HI3276 Datasheet
680Kb / 16P
   8-Bit, 160MSPS, Flash A/D Converter
HI3276JCQ INTERSIL-HI3276JCQ Datasheet
228Kb / 16P
   8-Bit, 160MSPS, Flash A/D Converter
June 1999
More results

Similar Description - HI3246

ManufacturerPart #DatasheetDescription
logo
Sony Corporation
CXA3246Q SONY-CXA3246Q Datasheet
312Kb / 22P
   8-bit 120MSPS Flash A/D Converter
CXA3026Q SONY-CXA3026Q Datasheet
594Kb / 30P
   8-bit 120MSPS Flash A/D Converter
CXA3256R SONY-CXA3256R Datasheet
331Kb / 23P
   8-bit 120MSPS Flash A/D Converter
logo
Intersil Corporation
HI3256 INTERSIL-HI3256 Datasheet
229Kb / 16P
   8-Bit, 120MSPS, Flash A/D Converter
June 1999
logo
Sony Corporation
CXA3506R SONY-CXA3506R Datasheet
2Mb / 110P
   3-channel 8-bit 120MSPS A/D Converter Amplifier PLL
logo
Nippon Precision Circui...
SM6102P NPC-SM6102P Datasheet
189Kb / 6P
   8-bit, Flash A/D Converter
logo
Sony Corporation
CXA3286R SONY-CXA3286R Datasheet
331Kb / 23P
   8-bit 160MSPS Flash A/D Converter
logo
Murata Power Solutions ...
ADC-301 MURATA-PS-ADC-301 Datasheet
1Mb / 4P
   8-Bit Video Flash A/D Converter
logo
Intersil Corporation
HI3276 INTERSIL-HI3276_01 Datasheet
680Kb / 16P
   8-Bit, 160MSPS, Flash A/D Converter
HI5675 INTERSIL-HI5675 Datasheet
93Kb / 10P
   8-Bit, 20MSPS, Flash A/D Converter
April 1999
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com