Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MCH6405 Datasheet(PDF) 4 Page - Guangdong Kexin Industrial Co.,Ltd

Part # MCH6405
Description  N-Channel Enhancement MOSFET
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEXIN [Guangdong Kexin Industrial Co.,Ltd]
Direct Link  http://www.kexin.com.cn/index.asp
Logo KEXIN - Guangdong Kexin Industrial Co.,Ltd

MCH6405 Datasheet(HTML) 4 Page - Guangdong Kexin Industrial Co.,Ltd

  MCH6405 Datasheet HTML 1Page - Guangdong Kexin Industrial Co.,Ltd MCH6405 Datasheet HTML 2Page - Guangdong Kexin Industrial Co.,Ltd MCH6405 Datasheet HTML 3Page - Guangdong Kexin Industrial Co.,Ltd MCH6405 Datasheet HTML 4Page - Guangdong Kexin Industrial Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
SMD Type
www.kexin.com.cn
4
MOSFET
.
N-Channel Enhancement MOSFET
Typical Characterisitics
10
100
1000
7
5
3
2
7
5
3
2
7
5
3
2
1.0
td(on)
td(off)
tr
tf
2
3
5
7
0
.
1
1
.
0
2
3
5
7
10
0
4
8
12
16
20
2
6
10
14
18
10
100
1000
10000
7
5
3
2
7
5
3
2
7
5
3
2
f=1MHz
Ciss
Coss
Crss
VDD=10V
VGS=4V
SW Time -- ID
Ciss, Coss, Crss -- VDS
Drain Current, ID -- A
Drain-to-Source Voltage, VDS -- V
VDS=10V
ID=5A
0
0
1
2
3
4
5
6
7
8
1.0
2.0
3.0
4.0
0.5
1.5
2.5
3.5
0.01
2
3
5
7
10
1.0
2
3
5
7
2
3
5
7
0.1
2
3
5
10
2 3
5 7
1.0
2 3
5 7
2 3
5 7 0.1
0.01
2 3
IDP=20A
ID=5A
Operation in this
area is limited by RDS(on).
100ms
DC
operation
1ms
10ms
<10us
100u
s
Ta=25 C
Single pulse
Mounted on a ceramic board(900mm2• 0.8mm)
VGS -- Qg
A S O
Total Gate Charge, Qg -- nC
Drain-to-Source Voltage, VDS -- V
0
20
40
60
80
100
120
140
160
0
0.5
1.0
1.5
2.0
Mounted
on
a ceramic
board(900mm
2• 0.8mm)
PD -- Ta
Ambient Temperature, Ta -- C
MCH6405 (KCH6405)


Similar Part No. - MCH6405

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
MCH6405 SANYO-MCH6405 Datasheet
27Kb / 4P
   Ultrahigh-Speed Switching Applications
More results

Similar Description - MCH6405

ManufacturerPart #DatasheetDescription
logo
Guangdong Kexin Industr...
2N7002E KEXIN-2N7002E_15 Datasheet
1Mb / 2P
   N-Channel Enhancement MOSFET
AO3414 KEXIN-AO3414 Datasheet
1Mb / 4P
   N-Channel Enhancement MOSFET
logo
SeCoS Halbleitertechnol...
SSP7200N SECOS-SSP7200N_15 Datasheet
209Kb / 2P
   N-Channel Enhancement MOSFET
SSP7450N SECOS-SSP7450N Datasheet
702Kb / 4P
   N-Channel Enhancement MOSFET
S2N7002KW SECOS-S2N7002KW Datasheet
542Kb / 2P
   N-Channel Enhancement MOSFET
SMG2322N SECOS-SMG2322N Datasheet
567Kb / 4P
   N-Channel Enhancement MOSFET
SCG3019 SECOS-SCG3019 Datasheet
201Kb / 4P
   N-Channel Enhancement MOSFET
SSP7436N SECOS-SSP7436N Datasheet
167Kb / 2P
   N-Channel Enhancement MOSFET
SSP7464N SECOS-SSP7464N Datasheet
167Kb / 2P
   N-Channel Enhancement MOSFET
SSP7200N SECOS-SSP7200N Datasheet
167Kb / 2P
   N-Channel Enhancement MOSFET
logo
DONGGUAN YOU FENG WEI E...
2N7002 YFWDIODE-2N7002 Datasheet
433Kb / 3P
   N-Channel Enhancement MOSFET
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com