Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NDT6N70 Datasheet(PDF) 4 Page - Guangdong Kexin Industrial Co.,Ltd

Part # NDT6N70
Description  N-Channel Enhancement MOSFET
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEXIN [Guangdong Kexin Industrial Co.,Ltd]
Direct Link  http://www.kexin.com.cn/index.asp
Logo KEXIN - Guangdong Kexin Industrial Co.,Ltd

NDT6N70 Datasheet(HTML) 4 Page - Guangdong Kexin Industrial Co.,Ltd

  NDT6N70 Datasheet HTML 1Page - Guangdong Kexin Industrial Co.,Ltd NDT6N70 Datasheet HTML 2Page - Guangdong Kexin Industrial Co.,Ltd NDT6N70 Datasheet HTML 3Page - Guangdong Kexin Industrial Co.,Ltd NDT6N70 Datasheet HTML 4Page - Guangdong Kexin Industrial Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
SMD Type
www.kexin.com.cn
4
MOSFET
.
N-Channel Enhancement MOSFET
NDT6N70
Typical Characterisitics
1.2
3.0
0 8
0.9
1.0
1.1
Notes :
1. V
GS = 0 V
2. I
D = 250 μ A
0.5
1.0
1.5
2.0
2.5
Notes :
1. V
GS = 10 V
2. I
D = 2.4 A
Figure 7. Breakdown Voltage Variation
vs Temperature
Figure 8. On-Resistance Variation
vs Temperature
-100
-50
0
50
100
150
200
0.8
T
J, Junction Temperature [
oC]
-100
-50
0
50
100
150
200
0.0
T
J, Junction Temperature [
oC]
10
2
Operation in This Area
is Limited by R
DS(on)
4
5
10
0
10
1
10
2
10
3
10
-2
10
-1
10
0
10
1
100 ms
1 ms
DC
10 ms
100u s
Notes :
1. T
C = 25
oC
2. T
J = 150
oC
3. Single Pulse
25
50
75
100
125
150
0
1
2
3
4
Figure 9. Maximum Safe Operating Area
Figure 10. Maximum Drain Current
vs Case Temperature
V
DS, Drain-Source Voltage [V]
T
C, Case Temperature [
]
10
0
D=0.5
0.2
10
-5
10
-4
10
-3
10
-2
10
-1
10
0
10
1
10
-2
10
-1
Notes :
1. Z
θ JC(t) = 1.3
/W Max.
2. Duty Factor, D=t
1/t2
3. T
JM - TC = PDM * Zθ JC(t)
single pulse
0.02
0.05
0.1
0.01
PDM
t1
t2
Figure 10. Maximum Drain Current
vs Case Temperature
t
1, Square Wave Pulse Duration [sec]


Similar Part No. - NDT6N70

ManufacturerPart #DatasheetDescription
logo
Guangdong Kexin Industr...
NDT6N70P KEXIN-NDT6N70P Datasheet
3Mb / 4P
   N-Channel Enhancement MOSFET
More results

Similar Description - NDT6N70

ManufacturerPart #DatasheetDescription
logo
Guangdong Kexin Industr...
2N7002E KEXIN-2N7002E_15 Datasheet
1Mb / 2P
   N-Channel Enhancement MOSFET
AO3414 KEXIN-AO3414 Datasheet
1Mb / 4P
   N-Channel Enhancement MOSFET
logo
SeCoS Halbleitertechnol...
SSP7200N SECOS-SSP7200N_15 Datasheet
209Kb / 2P
   N-Channel Enhancement MOSFET
SSP7450N SECOS-SSP7450N Datasheet
702Kb / 4P
   N-Channel Enhancement MOSFET
S2N7002KW SECOS-S2N7002KW Datasheet
542Kb / 2P
   N-Channel Enhancement MOSFET
SMG2322N SECOS-SMG2322N Datasheet
567Kb / 4P
   N-Channel Enhancement MOSFET
SCG3019 SECOS-SCG3019 Datasheet
201Kb / 4P
   N-Channel Enhancement MOSFET
SSP7436N SECOS-SSP7436N Datasheet
167Kb / 2P
   N-Channel Enhancement MOSFET
SSP7464N SECOS-SSP7464N Datasheet
167Kb / 2P
   N-Channel Enhancement MOSFET
SSP7200N SECOS-SSP7200N Datasheet
167Kb / 2P
   N-Channel Enhancement MOSFET
logo
DONGGUAN YOU FENG WEI E...
2N7002 YFWDIODE-2N7002 Datasheet
433Kb / 3P
   N-Channel Enhancement MOSFET
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com