Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NDT35N06 Datasheet(PDF) 2 Page - Guangdong Kexin Industrial Co.,Ltd

Part # NDT35N06
Description  N-Channel Enhancement MOSFET
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEXIN [Guangdong Kexin Industrial Co.,Ltd]
Direct Link  http://www.kexin.com.cn/index.asp
Logo KEXIN - Guangdong Kexin Industrial Co.,Ltd

NDT35N06 Datasheet(HTML) 2 Page - Guangdong Kexin Industrial Co.,Ltd

  NDT35N06 Datasheet HTML 1Page - Guangdong Kexin Industrial Co.,Ltd NDT35N06 Datasheet HTML 2Page - Guangdong Kexin Industrial Co.,Ltd NDT35N06 Datasheet HTML 3Page - Guangdong Kexin Industrial Co.,Ltd NDT35N06 Datasheet HTML 4Page - Guangdong Kexin Industrial Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
SMD Type
www.kexin.com.cn
2
MOSFET
N-Channel Enhancement MOSFET
NDT35N06
Electrical Characteristics Ta = 25℃
Parameter
Symbol
Test Conditions
Min
Typ
Max
Unit
Drain-Source Breakdown Voltage
VDSS
ID=1mA, VGS=0V
60
V
Zero Gate Voltage Drain Current
IDSS
VDS=60V, VGS=0V
1
Gate-Body Leakage Current
IGSS
VDS=0V, VGS=±16V
±
10
Cutoff Voltage
VGS(off)
VDS=10V , ID=1mA
1.2
2.6
V
Forward Transfer Admittance
|Yfs |
VDS=10V , ID=18A
35
S
RDS(On)1
VGS=10V, ID=18A
17
23
RDS(On)2
VGS=4.5V, ID=9A
23
33
RDS(On)3
VGS=4.0V, ID=5A
25
37
Input Capacitance
Ciss
1820
Output Capacitance
Coss
150
Reverse Transfer Capacitance
Crss
100
Total Gate Charge
Qg
34.5
Gate Source Charge
Qgs
6.5
Gate Drain Charge
Qgd
6.8
Turn-On DelayTime
td(on)
16
Turn-On Rise Time
tr
110
Turn-Off DelayTime
td(off)
125
Turn-Off Fall Time
tf
87
Maximum Body-Diode Continuous Current
IS
35
A
Diode Forward Voltage
VSD
IS=35A,VGS=0V
0.96
1.2
V
pF
nC
ns
See specified Test Circuit
VGS=0V, VDS=20V, f=1MHz
VGS=10V, VDS=30V, ID=35A
μ
A
Static Drain-Source On-Resistance
Switching Time Test Circuit:
PW=10μs
D.C.≤1%
P.G
50Ω
G
S
D
ID=18A
RL=1.67Ω
VDD=30V
VOUT
VIN
10V
0V
VIN


Similar Part No. - NDT35N06

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
NDT3055 FAIRCHILD-NDT3055 Datasheet
226Kb / 8P
   N-Channel Enhancement Mode Field Effect Transistor
logo
VBsemi Electronics Co.,...
NDT3055 VBSEMI-NDT3055 Datasheet
1,010Kb / 8P
   N-Channel 60-V (D-S) MOSFET
logo
Fairchild Semiconductor
NDT3055L FAIRCHILD-NDT3055L Datasheet
228Kb / 8P
   N-Channel Logic Level Enhancement Mode Field Effect Transistor
logo
VBsemi Electronics Co.,...
NDT3055L VBSEMI-NDT3055L Datasheet
1,010Kb / 8P
   N-Channel 60-V (D-S) MOSFET
logo
ON Semiconductor
NDT3055L ONSEMI-NDT3055L Datasheet
378Kb / 6P
   N-Channel Logic Level Enhancement Mode Field Effect Transistor
September-2017, Rev.1
More results

Similar Description - NDT35N06

ManufacturerPart #DatasheetDescription
logo
Guangdong Kexin Industr...
2N7002E KEXIN-2N7002E_15 Datasheet
1Mb / 2P
   N-Channel Enhancement MOSFET
AO3414 KEXIN-AO3414 Datasheet
1Mb / 4P
   N-Channel Enhancement MOSFET
logo
SeCoS Halbleitertechnol...
SSP7200N SECOS-SSP7200N_15 Datasheet
209Kb / 2P
   N-Channel Enhancement MOSFET
SSP7450N SECOS-SSP7450N Datasheet
702Kb / 4P
   N-Channel Enhancement MOSFET
S2N7002KW SECOS-S2N7002KW Datasheet
542Kb / 2P
   N-Channel Enhancement MOSFET
SMG2322N SECOS-SMG2322N Datasheet
567Kb / 4P
   N-Channel Enhancement MOSFET
SCG3019 SECOS-SCG3019 Datasheet
201Kb / 4P
   N-Channel Enhancement MOSFET
SSP7436N SECOS-SSP7436N Datasheet
167Kb / 2P
   N-Channel Enhancement MOSFET
SSP7464N SECOS-SSP7464N Datasheet
167Kb / 2P
   N-Channel Enhancement MOSFET
SSP7200N SECOS-SSP7200N Datasheet
167Kb / 2P
   N-Channel Enhancement MOSFET
logo
DONGGUAN YOU FENG WEI E...
2N7002 YFWDIODE-2N7002 Datasheet
433Kb / 3P
   N-Channel Enhancement MOSFET
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com