Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HI3286 Datasheet(PDF) 6 Page - Intersil Corporation

Part # HI3286
Description  8-Bit, 160MSPS, Flash A/D Converter
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

HI3286 Datasheet(HTML) 6 Page - Intersil Corporation

Back Button HI3286 Datasheet HTML 2Page - Intersil Corporation HI3286 Datasheet HTML 3Page - Intersil Corporation HI3286 Datasheet HTML 4Page - Intersil Corporation HI3286 Datasheet HTML 5Page - Intersil Corporation HI3286 Datasheet HTML 6Page - Intersil Corporation HI3286 Datasheet HTML 7Page - Intersil Corporation HI3286 Datasheet HTML 8Page - Intersil Corporation HI3286 Datasheet HTML 9Page - Intersil Corporation HI3286 Datasheet HTML 10Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
6
FIGURE 2. STRAIGHT MODE TIMING CHART (SELECT1 = GND)
FIGURE 3. PECL SWITCHING LEVEL
Timing Diagrams (Continued)
N - 1
N
N + 1
N + 2
N + 3
tDS
tPW1
tPW0
N - 4
2.0V
0.8V
2.0V
0.8V
N - 5
N - 3
N - 2
N - 2
N - 1
N - 1
N
N
N + 1
tD02
8ns
2.0V
0.8V
tDCLK
RESET PULSE
CLK OUT
(CLK IS INVERTED AND OUTPUT)
PBD0 TO D7
PAD0 TO D7
CLK
VIN
t
VID
DGND3
VIH (MAX)
VIL
VTH (DGND3 - 1.2V)
VIH
VIL (MIN)
Pin Descriptions
PIN
NO
SYMBOL
I/O
TYPICAL
VOLTAGE LEVEL
EQUIVALENT CIRCUIT
DESCRIPTION
3, 10
AGND
GND
Analog Ground. Separated from the
digital ground.
5, 8
AVCC
+5V (Typ)
Analog Power Supply. Separated
from the digital power supply.
20, 29
32, 41
DGND1
DGND2
GND
Digital Ground.
19, 30
31, 42
DVCC1
DVCC2
+5V (Typ)
Digital Power Supply.
12
DGND3
+5V (Typ) (With a Single Power
Supply)
Digital Power Supply. Apply -5V for
PECL and TTL input.
GND (With Dual Power Supplies)
1DVEE3
GND (With a Single Power Supply)
Digital Power Supply. Apply -5V for
PECL and TTL input.
+5V (Typ) (With Dual Power
Supplies)
HI3286


Similar Part No. - HI3286

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HI3246 INTERSIL-HI3246 Datasheet
228Kb / 16P
   8-Bit, 120MSPS, Flash A/D Converter
March 2000
HI3246JCQ INTERSIL-HI3246JCQ Datasheet
228Kb / 16P
   8-Bit, 120MSPS, Flash A/D Converter
March 2000
HI3256 INTERSIL-HI3256 Datasheet
229Kb / 16P
   8-Bit, 120MSPS, Flash A/D Converter
June 1999
HI3256JCQ INTERSIL-HI3256JCQ Datasheet
229Kb / 16P
   8-Bit, 120MSPS, Flash A/D Converter
June 1999
HI3276 INTERSIL-HI3276 Datasheet
228Kb / 16P
   8-Bit, 160MSPS, Flash A/D Converter
June 1999
More results

Similar Description - HI3286

ManufacturerPart #DatasheetDescription
logo
Sony Corporation
CXA3286R SONY-CXA3286R Datasheet
331Kb / 23P
   8-bit 160MSPS Flash A/D Converter
logo
Intersil Corporation
HI3276 INTERSIL-HI3276_01 Datasheet
680Kb / 16P
   8-Bit, 160MSPS, Flash A/D Converter
HI3276 INTERSIL-HI3276 Datasheet
228Kb / 16P
   8-Bit, 160MSPS, Flash A/D Converter
June 1999
logo
Sony Corporation
CXA3276Q SONY-CXA3276Q Datasheet
312Kb / 22P
   8-bit 160MSPS Flash A/D Converter
CX20201A-1 SONY-CX20201A-1 Datasheet
319Kb / 13P
   10/9/8-BIT 160MSPS D/A CONVERTER
logo
Nippon Precision Circui...
SM6102P NPC-SM6102P Datasheet
189Kb / 6P
   8-bit, Flash A/D Converter
logo
Sony Corporation
CXA3246Q SONY-CXA3246Q Datasheet
312Kb / 22P
   8-bit 120MSPS Flash A/D Converter
logo
Murata Power Solutions ...
ADC-301 MURATA-PS-ADC-301 Datasheet
1Mb / 4P
   8-Bit Video Flash A/D Converter
logo
Intersil Corporation
HI5675 INTERSIL-HI5675 Datasheet
93Kb / 10P
   8-Bit, 20MSPS, Flash A/D Converter
April 1999
logo
Sony Corporation
CXA3026Q SONY-CXA3026Q Datasheet
594Kb / 30P
   8-bit 120MSPS Flash A/D Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com