Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HI3286JCQ Datasheet(PDF) 11 Page - Intersil Corporation

Part # HI3286JCQ
Description  8-Bit, 160MSPS, Flash A/D Converter
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

HI3286JCQ Datasheet(HTML) 11 Page - Intersil Corporation

Back Button HI3286JCQ Datasheet HTML 7Page - Intersil Corporation HI3286JCQ Datasheet HTML 8Page - Intersil Corporation HI3286JCQ Datasheet HTML 9Page - Intersil Corporation HI3286JCQ Datasheet HTML 10Page - Intersil Corporation HI3286JCQ Datasheet HTML 11Page - Intersil Corporation HI3286JCQ Datasheet HTML 12Page - Intersil Corporation HI3286JCQ Datasheet HTML 13Page - Intersil Corporation HI3286JCQ Datasheet HTML 14Page - Intersil Corporation HI3286JCQ Datasheet HTML 15Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 16 page
background image
11
TABLE 3. LOGIC INPUT LEVEL AND POWER SUPPLY SETTINGS
DIGITAL INPUT LEVEL
DVEE3
DGND3
SUPPLY VOLTAGE
APPLICATION CIRCUITS
PECL
0V
+5V
+5V
Figures 18, 20
TTL
0V
+5V
+5V
Figures 19, 21
FIGURE 9. WHEN THE RESET PULSE IS NOT USED
FIGURE 10. WHEN THE RESET PULSE IS USED
HI3286
CLK
RESETN
A
HI3286
CLK
RESETN
B
8 BITS
CLK
CLKOUT
DATA
CLKOUT
DATA
8 BITS
CLK
HI3286
CLK
RESETN
A
HI3286
CLK
RESETN
B
8 BITS
CLK
CLKOUT
DATA
CLKOUT
DATA
8 BITS
CLK
RESET PULSE
RESET
PULSE
Typical Performance Curves
FIGURE 11. CURRENT CONSUMPTION vs AMBIENT
TEMPERATURE CHARACTERISTICS
FIGURE 12. CURRENT CONSUMPTION vs CONVERSION
RATE CHARACTERISTICS RESPONSE
120
75
TA, AMBIENT TEMPERATURE (
oC)
25
-25
115
110
105
100
120
160
fC, CONVERSION RATE (MSPS)
60
0
115
110
105
100
fIN =
-1kHz
fCLK
4
DMUX MODE
CL = 5pF
HI3286


Similar Part No. - HI3286JCQ

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HI3246 INTERSIL-HI3246 Datasheet
228Kb / 16P
   8-Bit, 120MSPS, Flash A/D Converter
March 2000
HI3246JCQ INTERSIL-HI3246JCQ Datasheet
228Kb / 16P
   8-Bit, 120MSPS, Flash A/D Converter
March 2000
HI3256 INTERSIL-HI3256 Datasheet
229Kb / 16P
   8-Bit, 120MSPS, Flash A/D Converter
June 1999
HI3256JCQ INTERSIL-HI3256JCQ Datasheet
229Kb / 16P
   8-Bit, 120MSPS, Flash A/D Converter
June 1999
HI3276 INTERSIL-HI3276 Datasheet
228Kb / 16P
   8-Bit, 160MSPS, Flash A/D Converter
June 1999
More results

Similar Description - HI3286JCQ

ManufacturerPart #DatasheetDescription
logo
Sony Corporation
CXA3286R SONY-CXA3286R Datasheet
331Kb / 23P
   8-bit 160MSPS Flash A/D Converter
logo
Intersil Corporation
HI3276 INTERSIL-HI3276_01 Datasheet
680Kb / 16P
   8-Bit, 160MSPS, Flash A/D Converter
HI3276 INTERSIL-HI3276 Datasheet
228Kb / 16P
   8-Bit, 160MSPS, Flash A/D Converter
June 1999
logo
Sony Corporation
CXA3276Q SONY-CXA3276Q Datasheet
312Kb / 22P
   8-bit 160MSPS Flash A/D Converter
CX20201A-1 SONY-CX20201A-1 Datasheet
319Kb / 13P
   10/9/8-BIT 160MSPS D/A CONVERTER
logo
Nippon Precision Circui...
SM6102P NPC-SM6102P Datasheet
189Kb / 6P
   8-bit, Flash A/D Converter
logo
Sony Corporation
CXA3246Q SONY-CXA3246Q Datasheet
312Kb / 22P
   8-bit 120MSPS Flash A/D Converter
logo
Murata Power Solutions ...
ADC-301 MURATA-PS-ADC-301 Datasheet
1Mb / 4P
   8-Bit Video Flash A/D Converter
logo
Intersil Corporation
HI5675 INTERSIL-HI5675 Datasheet
93Kb / 10P
   8-Bit, 20MSPS, Flash A/D Converter
April 1999
logo
Sony Corporation
CXA3026Q SONY-CXA3026Q Datasheet
594Kb / 30P
   8-bit 120MSPS Flash A/D Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com