Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HI3300 Datasheet(PDF) 10 Page - Intersil Corporation

Part # HI3300
Description  3V 10-Bit, 20MSPS A/D Converter with Internal Voltage Reference
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

HI3300 Datasheet(HTML) 10 Page - Intersil Corporation

Back Button HI3300 Datasheet HTML 6Page - Intersil Corporation HI3300 Datasheet HTML 7Page - Intersil Corporation HI3300 Datasheet HTML 8Page - Intersil Corporation HI3300 Datasheet HTML 9Page - Intersil Corporation HI3300 Datasheet HTML 10Page - Intersil Corporation HI3300 Datasheet HTML 11Page - Intersil Corporation HI3300 Datasheet HTML 12Page - Intersil Corporation HI3300 Datasheet HTML 13Page - Intersil Corporation HI3300 Datasheet HTML 14Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 16 page
background image
10
Digital Output
The following table shows the correlation between the analog input voltage and the digital output code (TESTMODE = 1, LINV,
MINV = 0).
The following table shows the output state for the combination of TESTMODE, LINV, and MlNV states.
TABLE 1.
INPUT SIGNAL
VOLTAGE
STEP
DIGITAL OUTPUT CODE
MSB
LSB
VRT
1023
1 1 1 1 1 1 1 1 1 1
512
1 0 0 0 0 0 0 0 0 0
511
0 1 1 1 1 1 1 11 1
VRB
0
0 0 0 0 0 0 0 0 0 0
TABLE 2.
TEST
MODE
LlNV
MlNV
D0
D1
D2
D3
D4
D5
D6
D7
D8
D9
1
0
0
PPPPPPPPPP
1
1
0
NNNNNNNNN
P
1
0
1
PPPPPPPPP
N
1
1
1
NNNNNNNNNN
0001010101010
0100101010100
0011010101011
0110101010101
NOTE: P: Forward-phase output; N: Inverted output.
HI3300


Similar Part No. - HI3300

ManufacturerPart #DatasheetDescription
logo
RCD COMPONENTS INC.
HI330-100KB RCD-HI330-100KB Datasheet
43Kb / 1P
   POWER SM INDUCTORS, UP TO 20 AMPS SHIELDED AND NON-SHIELDED
HI330-100KBQ RCD-HI330-100KBQ Datasheet
43Kb / 1P
   POWER SM INDUCTORS, UP TO 20 AMPS SHIELDED AND NON-SHIELDED
HI330-100KBW RCD-HI330-100KBW Datasheet
43Kb / 1P
   POWER SM INDUCTORS, UP TO 20 AMPS SHIELDED AND NON-SHIELDED
HI330-100KT RCD-HI330-100KT Datasheet
43Kb / 1P
   POWER SM INDUCTORS, UP TO 20 AMPS SHIELDED AND NON-SHIELDED
HI330-100KTQ RCD-HI330-100KTQ Datasheet
43Kb / 1P
   POWER SM INDUCTORS, UP TO 20 AMPS SHIELDED AND NON-SHIELDED
More results

Similar Description - HI3300

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL5740 INTERSIL-ISL5740 Datasheet
97Kb / 12P
   3V Dual 10-Bit, 20/40/60MSPS A/D Converter with Internal Voltage Reference
HI5762 INTERSIL-HI5762_10 Datasheet
291Kb / 16P
   Dual 10-Bit, 60MSPS A/D Converter with Internal Voltage Reference
HI57626INZ INTERSIL-HI57626INZ Datasheet
286Kb / 16P
   Dual 10-Bit, 60MSPS A/D Converter with Internal Voltage Reference
logo
Renesas Technology Corp
HI5762 RENESAS-HI5762 Datasheet
745Kb / 16P
   Dual 10-Bit, 60MSPS A/D Converter with Internal Voltage Reference
logo
Intersil Corporation
HI5762 INTERSIL-HI5762 Datasheet
133Kb / 14P
   Dual 10-Bit, 60MSPS A/D Converter with Internal Voltage Reference
logo
Sony Corporation
CXA1977R SONY-CXA1977R Datasheet
273Kb / 16P
   10-bit 20MSPS A/D Converter
logo
National Semiconductor ...
ADC10321 NSC-ADC10321 Datasheet
414Kb / 16P
   10-Bit, 20MSPS, 98mW A/D Converter with Internal Sample and Hold
logo
Texas Instruments
ADC10321 TI1-ADC10321_14 Datasheet
983Kb / 27P
[Old version datasheet]   10-Bit, 20MSPS, 98mW A/D Converter with Internal Sample and Hold
ADC10321 TI1-ADC10321_15 Datasheet
985Kb / 26P
[Old version datasheet]   10-Bit, 20MSPS, 98mW A/D Converter with Internal Sample and Hold
logo
Intersil Corporation
HI5767 INTERSIL-HI5767_05 Datasheet
841Kb / 15P
   10-Bit, 20/40/60MSPS A/D Converter with Internal Voltage Reference
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com