Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SI2312DS Datasheet(PDF) 4 Page - Guangdong Kexin Industrial Co.,Ltd

Part # SI2312DS
Description  N-Channel Enhancement MOSFET
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEXIN [Guangdong Kexin Industrial Co.,Ltd]
Direct Link  http://www.kexin.com.cn/index.asp
Logo KEXIN - Guangdong Kexin Industrial Co.,Ltd

SI2312DS Datasheet(HTML) 4 Page - Guangdong Kexin Industrial Co.,Ltd

  SI2312DS Datasheet HTML 1Page - Guangdong Kexin Industrial Co.,Ltd SI2312DS Datasheet HTML 2Page - Guangdong Kexin Industrial Co.,Ltd SI2312DS Datasheet HTML 3Page - Guangdong Kexin Industrial Co.,Ltd SI2312DS Datasheet HTML 4Page - Guangdong Kexin Industrial Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
SMD Type
www.kexin.com.cn
4
MOSFET
.
N-Channel Enhancement MOSFET
SI2312DS (KI2312DS)
Typical Characterisitics
0.0
0.2
0.4
0.6
0.8
1.0
1.2
0.00
0.05
0.10
0.15
0.20
0
2
4
6
8
ID = 5.0 A
20
1
0.01
e
g
a
t
l
o
V
e
c
r
u
o
S
-
o
t
-
e
t
a
G
.
s
v
e
c
n
a
t
s
i
s
e
R
-
n
O
e
g
a
t
l
o
V
d
r
a
w
r
o
F
e
d
o
i
D
n
i
a
r
D
-
e
c
r
u
o
S
VSD
V
)
V
(
e
g
a
tl
o
V
n
i
a
r
D
-
o
t-
e
c
r
u
o
S
-
GS - Gate-to-Source Voltage (V)
0.1
T J = 150 C
T J = 25 C
10
0.01
0
1
10
12
4
6
100
600
0.1
Single Pulse Power
Time (sec)
2
8
-0.4
-0.3
-0.2
-0.1
-0.0
0.1
0.2
-50
-25
0
25
50
75
100
125
150
ID = 250 A
Threshold Voltage
T J
- Temperature ( C)
10
TA = 25 C
10 -3
10 -2
0
0
6
0
1
1
10 -1
10 -4
100
2
1
0.1
0.01
0.2
0.1
0.05
0.02
Single Pulse
Duty Cycle = 0.5
Normalized Thermal Transient Impedance, Junction-to-Ambient
Square Wave Pulse Duration (sec)
1. Duty Cycle, D =
2. Per Unit Base = RthJA= 166 C/W
3. TJM - TA = P DM Z thJA(t)
t1
t2
t1
t2
Notes:
4. Surface Mounted
P DM


Similar Part No. - SI2312DS

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SI2312DS VISHAY-SI2312DS Datasheet
58Kb / 4P
   N-Channel 20-V (D-S) MOSFET
Rev. D, 13-Oct-03
SI2312DS VISHAY-SI2312DS Datasheet
89Kb / 5P
   N-Channel 20 -V (D-S) MOSFET
Rev. E, 04-Apr-05
logo
Guangdong Kexin Industr...
SI2312DS-3 KEXIN-SI2312DS-3 Datasheet
1Mb / 4P
   N-Channel Enhancement MOSFET
SI2312DS-HF KEXIN-SI2312DS-HF Datasheet
1Mb / 4P
   N-Channel MOSFET
SI2312DS-HF-3 KEXIN-SI2312DS-HF-3 Datasheet
1Mb / 4P
   N-Channel MOSFET
More results

Similar Description - SI2312DS

ManufacturerPart #DatasheetDescription
logo
Guangdong Kexin Industr...
2N7002E KEXIN-2N7002E_15 Datasheet
1Mb / 2P
   N-Channel Enhancement MOSFET
AO3414 KEXIN-AO3414 Datasheet
1Mb / 4P
   N-Channel Enhancement MOSFET
logo
SeCoS Halbleitertechnol...
SSP7200N SECOS-SSP7200N_15 Datasheet
209Kb / 2P
   N-Channel Enhancement MOSFET
SSP7450N SECOS-SSP7450N Datasheet
702Kb / 4P
   N-Channel Enhancement MOSFET
S2N7002KW SECOS-S2N7002KW Datasheet
542Kb / 2P
   N-Channel Enhancement MOSFET
SMG2322N SECOS-SMG2322N Datasheet
567Kb / 4P
   N-Channel Enhancement MOSFET
SCG3019 SECOS-SCG3019 Datasheet
201Kb / 4P
   N-Channel Enhancement MOSFET
SSP7436N SECOS-SSP7436N Datasheet
167Kb / 2P
   N-Channel Enhancement MOSFET
SSP7464N SECOS-SSP7464N Datasheet
167Kb / 2P
   N-Channel Enhancement MOSFET
SSP7200N SECOS-SSP7200N Datasheet
167Kb / 2P
   N-Channel Enhancement MOSFET
logo
DONGGUAN YOU FENG WEI E...
2N7002 YFWDIODE-2N7002 Datasheet
433Kb / 3P
   N-Channel Enhancement MOSFET
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com