Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SI2314EDS Datasheet(PDF) 2 Page - Guangdong Kexin Industrial Co.,Ltd

Part # SI2314EDS
Description  N-Channel Enhancement MOSFET
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEXIN [Guangdong Kexin Industrial Co.,Ltd]
Direct Link  http://www.kexin.com.cn/index.asp
Logo KEXIN - Guangdong Kexin Industrial Co.,Ltd

SI2314EDS Datasheet(HTML) 2 Page - Guangdong Kexin Industrial Co.,Ltd

  SI2314EDS Datasheet HTML 1Page - Guangdong Kexin Industrial Co.,Ltd SI2314EDS Datasheet HTML 2Page - Guangdong Kexin Industrial Co.,Ltd SI2314EDS Datasheet HTML 3Page - Guangdong Kexin Industrial Co.,Ltd SI2314EDS Datasheet HTML 4Page - Guangdong Kexin Industrial Co.,Ltd SI2314EDS Datasheet HTML 5Page - Guangdong Kexin Industrial Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
SMD Type
www.kexin.com.cn
2
MOSFET
N-Channel Enhancement MOSFET
SI2314EDS (KI2314EDS)
Electrical Characteristics Ta = 25℃
Parameter
Symbol
Test Conditions
Min
Typ
Max
Unit
Drain-Source Breakdown Voltage
VDSS
ID=250μA, VGS=0V
20
V
VDS=16V, VGS=0V
1
VDS=16V, VGS=0V, Ta=70℃
75
Gate-Body Leakage Current
IGSS
VDS=0V, VGS=±4.5V
±
1.5
A
Gate Threshold Voltage
VGS(th)
VDS=VGS , ID=250μA
0.45
1
V
On-State Drain Current *1
ID(on)
VDS ≥ 10 V, VGS = 4.5 V
15
A
VGS=4.5V, ID=5.0A
27
33
VGS=2.5V, ID=4.5A
33
40
VGS=1.8V, ID=4.0A
42
51
Forward Transconductance *1
gFS
VDS=15V, ID=5.0A
40
S
Total Gate Charge
Qg
11
14
Gate Source Charge
Qgs
1.5
Gate Drain Charge
Qgd
2.1
Turn-On DelayTime
td(on)
0.53
0.8
Turn-On Rise Time
tr
1.4
2.2
Turn-Off DelayTime
td(off)
13.5
20
Turn-Off Fall Time
tf
5.9
9
Body Diode Reverse Recovery Time
trr
IF= 1.0A, dI/dt= 100A/μs
13
25
Maximum Body-Diode Continuous Current
IS
1.0
A
Diode Forward Voltage
VSD
IS=1.0A,VGS=0V
0.8
1.2
V
Zero Gate Voltage Drain Current
IDSS
μ
μ
A
VGS=4.5V, VDS=10V, ID=5.0A
Static Drain-Source On-Resistance *1
nC
us
RDS(On)
ID=1.0A, VDS=10V, ,VGEN=4.5V
RL=10Ω,RG=6Ω
*1 Pulse test: PW ≤ 300us duty cycle≤ 2%.
Marking
Marking
C4*


Similar Part No. - SI2314EDS

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SI2314EDS VISHAY-SI2314EDS Datasheet
41Kb / 4P
   N-Channel 20-V (D-S) MOSFET
Rev. B, 10-Sep-01
Si2314EDS VISHAY-Si2314EDS Datasheet
200Kb / 8P
   N-Channel 20-V (D-S) MOSFET
Rev. D, 02-Feb-09
SI2314EDS VISHAY-SI2314EDS Datasheet
161Kb / 7P
   N-Channel 20-V (D-S) MOSFET
01-Jan-2022
logo
Guangdong Kexin Industr...
SI2314EDS-3 KEXIN-SI2314EDS-3 Datasheet
1Mb / 5P
   N-Channel Enhancement MOSFET
SI2314EDS-HF KEXIN-SI2314EDS-HF Datasheet
1Mb / 5P
   N-Channel MOSFET
More results

Similar Description - SI2314EDS

ManufacturerPart #DatasheetDescription
logo
Guangdong Kexin Industr...
2N7002E KEXIN-2N7002E_15 Datasheet
1Mb / 2P
   N-Channel Enhancement MOSFET
AO3414 KEXIN-AO3414 Datasheet
1Mb / 4P
   N-Channel Enhancement MOSFET
logo
SeCoS Halbleitertechnol...
SSP7200N SECOS-SSP7200N_15 Datasheet
209Kb / 2P
   N-Channel Enhancement MOSFET
SSP7450N SECOS-SSP7450N Datasheet
702Kb / 4P
   N-Channel Enhancement MOSFET
S2N7002KW SECOS-S2N7002KW Datasheet
542Kb / 2P
   N-Channel Enhancement MOSFET
SMG2322N SECOS-SMG2322N Datasheet
567Kb / 4P
   N-Channel Enhancement MOSFET
SCG3019 SECOS-SCG3019 Datasheet
201Kb / 4P
   N-Channel Enhancement MOSFET
SSP7436N SECOS-SSP7436N Datasheet
167Kb / 2P
   N-Channel Enhancement MOSFET
SSP7464N SECOS-SSP7464N Datasheet
167Kb / 2P
   N-Channel Enhancement MOSFET
SSP7200N SECOS-SSP7200N Datasheet
167Kb / 2P
   N-Channel Enhancement MOSFET
logo
DONGGUAN YOU FENG WEI E...
2N7002 YFWDIODE-2N7002 Datasheet
433Kb / 3P
   N-Channel Enhancement MOSFET
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com