Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SI9410DY-HF Datasheet(PDF) 1 Page - Guangdong Kexin Industrial Co.,Ltd

Part # SI9410DY-HF
Description  N-Channel MOSFET
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEXIN [Guangdong Kexin Industrial Co.,Ltd]
Direct Link  http://www.kexin.com.cn/index.asp
Logo KEXIN - Guangdong Kexin Industrial Co.,Ltd

SI9410DY-HF Datasheet(HTML) 1 Page - Guangdong Kexin Industrial Co.,Ltd

  SI9410DY-HF Datasheet HTML 1Page - Guangdong Kexin Industrial Co.,Ltd SI9410DY-HF Datasheet HTML 2Page - Guangdong Kexin Industrial Co.,Ltd SI9410DY-HF Datasheet HTML 3Page - Guangdong Kexin Industrial Co.,Ltd SI9410DY-HF Datasheet HTML 4Page - Guangdong Kexin Industrial Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
SMD Type
www.kexin.com.cn
1
MOSFET
Features
VDS (V) = 30V
ID = 7 A (VGS = 10V)
RDS(ON) < 30mΩ (VGS = 10V)
RDS(ON) < 40mΩ (VGS = 5V)
RDS(ON) < 50mΩ (VGS = 4.5V)
SOP-8
1.50 0.15
1 Source
2 Source
3 Source
4 Gate
5 Drain
6 Drain
7 Drain
8 Drain
Absolute Maximum Ratings Ta = 25℃
Symbol
Rating
Unit
VDS
30
VGS
±
20
TA=25℃
7
TA=70℃
5.8
IDM
30
TA=25℃
2.5
TA=70℃
1.6
RthJA
50
/W
TJ
150
Tstg
-55 to 150
Junction Temperature
Storage Temperature Range
PD
W
Power Dissipation
(Note.1)
Thermal Resistance.Junction- to-Ambient
V
A
Pulsed Drain Current
Parameter
Continuous Drain Current
(Note.1)
ID
Drain-Source Voltage
Gate-Source Voltage
Note.1: Surface Mounted on FR4 Board, t ≤ 10 sec.
Pb−Free Package May be Available. The G−Suffix Denotes a
Pb−Free Lead Finish
N-Channel MOSFET
SI9410DY-HF (KI9410DY-HF)


Similar Part No. - SI9410DY-HF

ManufacturerPart #DatasheetDescription
logo
VBsemi Electronics Co.,...
SI9410DY-T1-E3 VBSEMI-SI9410DY-T1-E3 Datasheet
1,007Kb / 9P
   N-Channel 20V (D-S) MOSFET
More results

Similar Description - SI9410DY-HF

ManufacturerPart #DatasheetDescription
logo
KIA Semiconductor Techn...
2302 KIA-2302 Datasheet
110Kb / 4P
   P-CHANNEL MOSFET N-CHANNEL MOSFET
logo
Microsemi Corporation
APT34M60B MICROSEMI-APT34M60B Datasheet
398Kb / 4P
   N-Channel MOSFET
APT34M120J MICROSEMI-APT34M120J Datasheet
273Kb / 4P
   N-Channel MOSFET
APT41M80B2 MICROSEMI-APT41M80B2 Datasheet
265Kb / 4P
   N-Channel MOSFET
APT43M60B2 MICROSEMI-APT43M60B2 Datasheet
398Kb / 4P
   N-Channel MOSFET
APT58M50J MICROSEMI-APT58M50J Datasheet
275Kb / 4P
   N-Channel MOSFET
APT66M60B2 MICROSEMI-APT66M60B2 Datasheet
398Kb / 4P
   N-Channel MOSFET
APT28M120B2 MICROSEMI-APT28M120B2 Datasheet
283Kb / 4P
   N-Channel MOSFET
APT6M100K MICROSEMI-APT6M100K Datasheet
263Kb / 4P
   N-Channel MOSFET
APT24M120B2 MICROSEMI-APT24M120B2 Datasheet
407Kb / 4P
   N-Channel MOSFET
logo
SemiWell Semiconductor
SFP50N06 SEMIWELL-SFP50N06 Datasheet
895Kb / 7P
   N-Channel MOSFET
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com