Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UPC2710TB Datasheet(PDF) 7 Page - NEC

Part # UPC2710TB
Description  5 V, SUPER MINIMOLD SILICON MMIC MEDIUM OUTPUT POWER AMPLIFIER
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPC2710TB Datasheet(HTML) 7 Page - NEC

Back Button UPC2710TB Datasheet HTML 3Page - NEC UPC2710TB Datasheet HTML 4Page - NEC UPC2710TB Datasheet HTML 5Page - NEC UPC2710TB Datasheet HTML 6Page - NEC UPC2710TB Datasheet HTML 7Page - NEC UPC2710TB Datasheet HTML 8Page - NEC UPC2710TB Datasheet HTML 9Page - NEC UPC2710TB Datasheet HTML 10Page - NEC UPC2710TB Datasheet HTML 11Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 16 page
background image
Data Sheet P13443EJ2V0DS00
7
µµµµPC2710TB
TYPICAL CHARACTERISTICS (Unless otherwise specified, TA = +25
°°°°C)
40
30
20
10
0
12
3
4
5
6
CIRCUIT CURRENT vs. SUPPLY VOLTAGE
Supply Voltage VCC (V)
35
25
15
5
40
30
20
10
0
0
−60
+20
+100
CIRCUIT CURRENT vs. OPERATING
AMBIENT TEMPERATURE
Operating Ambient Temperature TA (
°C)
35
25
15
5
−40 −20
+40 +60 +80
NOISE FIGURE AND INSERTION POWER
GAIN vs. FREQUENCY
35
0.3
1.0
2.0
Frequency f (GHz)
25
0.1
4
4.5
3.5
30
3
NF
VCC = 4.5 V
VCC = 5.0 V
VCC = 5.0 V
GP
VCC = 5.5 V
VCC = 4.5 V
35
0.3
1.0
2.0
Frequency f (GHz)
25
0.1
30
TA =
+85 °C
TA =
−40 °C
TA =
+25 °C
VCC = 5.0 V
0
−20
−30
−40
0.1
0.3
1.0
Frequency f (GHz)
−50
−10
ISOLATION vs. FREQUENCY
2.0
INPUT RETURN LOSS, OUTPUT
RETURN LOSS vs. FREQUENCY
−10
−20
1.0
0.3
2.0
Frequency f (GHz)
−50
0.1
−30
−40
VCC = 5.0 V
VCC = 5.0 V
0
RLin
RLout
INSERTION POWER GAIN vs. FREQUENCY
VCC = 5.5 V
VCC = 5.0 V
No signal
No signal


Similar Part No. - UPC2710TB

ManufacturerPart #DatasheetDescription
logo
California Eastern Labs
UPC2710TB CEL-UPC2710TB Datasheet
320Kb / 14P
   5 V, SILICON MMIC MEDIUM OUTPUT POWER AMPLIFIER
UPC2710TB CEL-UPC2710TB Datasheet
416Kb / 13P
   BIPOLAR ANALOG INTEGRATED CIRCUIT
UPC2710TB CEL-UPC2710TB Datasheet
221Kb / 8P
   5V, SUPER MINIMOLD MEDIUM POWER SI MMIC AMPLIFIER
logo
NEC
UPC2710TB NEC-UPC2710TB Datasheet
117Kb / 16P
   5 V, SUPER MINIMOLD SILICON MMIC MEDIUM OUTPUT POWER AMPLIFIER
logo
Renesas Technology Corp
UPC2710TB RENESAS-UPC2710TB Datasheet
240Kb / 18P
   BIPOLAR ANALOG INTEGRATED CIRCUIT
2001
More results

Similar Description - UPC2710TB

ManufacturerPart #DatasheetDescription
logo
NEC
UPC2709TB NEC-UPC2709TB_1 Datasheet
93Kb / 16P
   5 V, SUPER MINIMOLD SILICON MMIC MEDIUM OUTPUT POWER AMPLIFIER
UPC2776TB NEC-UPC2776TB_1 Datasheet
103Kb / 16P
   5 V, SUPER MINIMOLD SILICON MMIC MEDIUM OUTPUT POWER AMPLIFIER
UPC2776TB NEC-UPC2776TB Datasheet
80Kb / 12P
   5 V, SUPER MINIMOLD SILICON MMIC MEDIUM OUTPUT POWER AMPLIFIER
UPC2710TB NEC-UPC2710TB_1 Datasheet
117Kb / 16P
   5 V, SUPER MINIMOLD SILICON MMIC MEDIUM OUTPUT POWER AMPLIFIER
UPC2708TB NEC-UPC2708TB Datasheet
99Kb / 16P
   5 V, SUPER MINIMOLD SILICON MMIC MEDIUM OUTPUT POWER AMPLIFIER
UPC2709TB NEC-UPC2709TB Datasheet
95Kb / 6P
   5 V, SUPER MINIMOLD SILICON MMIC MEDIUM OUTPUT POWER AMPLIFIER
UPC2708TB NEC-UPC2708TB_1 Datasheet
100Kb / 16P
   5 V, SUPER MINIMOLD SILICON MMIC MEDIUM OUTPUT POWER AMPLIFIER
UPC2711TB NEC-UPC2711TB_1 Datasheet
285Kb / 20P
   5 V, SUPER MINIMOLD SILICON MMIC WIDEBAND AMPLIFIER
UPC3210TB NEC-UPC3210TB Datasheet
87Kb / 16P
   5 V, SUPER MINIMOLD SILICON MMIC WIDEBAND AMPLIFIER
UPC2711TB NEC-UPC2711TB Datasheet
66Kb / 9P
   5 V, SUPER MINIMOLD SILICON MMIC WIDEBAND AMPLIFIER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com