Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HI5628 Datasheet(PDF) 9 Page - Intersil Corporation

Part # HI5628
Description  8-Bit, 165/125/60MSPS, Dual High Speed CMOS D/A Converter
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

HI5628 Datasheet(HTML) 9 Page - Intersil Corporation

Back Button HI5628 Datasheet HTML 2Page - Intersil Corporation HI5628 Datasheet HTML 3Page - Intersil Corporation HI5628 Datasheet HTML 4Page - Intersil Corporation HI5628 Datasheet HTML 5Page - Intersil Corporation HI5628 Datasheet HTML 6Page - Intersil Corporation HI5628 Datasheet HTML 7Page - Intersil Corporation HI5628 Datasheet HTML 8Page - Intersil Corporation HI5628 Datasheet HTML 9Page - Intersil Corporation HI5628 Datasheet HTML 10Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 9 / 10 page
background image
9
Noise Reduction
To minimize power supply noise, 0.1
µF capacitors should be
placed as close as possible to the converter’s power supply
pins, AVDD and DVDD. Also, should the layout be designed
using separate digital and analog ground planes, these
capacitors should be terminated to the digital ground for
DVDD and to the analog ground for AVDD. Additional filtering
of the power supplies on the board is recommended.
Voltage Reference
The internal voltage reference of the device has a nominal
value of +1.2V with a
±60 ppm/oC drift coefficient over the full
temperature range of the converter. It is recommended that a
0.1
µF capacitor be placed as close as possible to the REFIO
pin, connected to the analog ground. The REFLO pin (15)
selects the reference. The internal reference can be selected if
pin 15 is tied low (ground). If an external reference is desired,
then pin 15 should be tied high (to the analog supply voltage)
and the external reference driven into REFIO, pin 23. The full
scale output current of the converter is a function of the voltage
reference used and the value of RSET. IOUT should be within
the 2mA to 20mA range, through operation below 2mA is
possible, with performance degradation.
If the internal reference is used, VFSADJ will equal
approximately 1.16V (pin 22). If an external reference is used,
VFSADJ will equal the external reference. The calculation for
IOUT (Full Scale) is:
IOUT (Full Scale) = (VFSADJ/RSET)x 32.
If the full scale output current is set to 20mA by using the
internal voltage reference (1.16V) and a 1.86k
Ω RSET
resistor, then the input coding to output current will resemble
the following:
Outputs
IOUTA and IOUTB (or QOUTA and QOUTB) are
complementary current outputs. The sum of the two currents
is always equal to the full scale output current minus one
LSB. If single ended use is desired, a load resistor can be
used to convert the output current to a voltage. It is
recommended that the unused output be either grounded or
equally terminated. The voltage developed at the output
must not violate the output voltage compliance range of
-0.3V to 1.25V. RLOAD should be chosen so that the desired
output voltage is produced in conjunction with the output full
scale current, which is described above in the ‘Reference’
section. If a known line impedance is to be driven, then the
output load resistor should be chosen to match this
impedance. The output voltage equation is:
VOUT = IOUT X RLOAD.
These outputs can be used in a differential-to-single-ended
arrangement to achieve better harmonic rejection. The
SFDR measurements in this data sheet were performed with
a 1:1 transformer on the output of the DAC (see Figure 1).
With the center tap grounded, the output swing of pins 16
and 17 will be biased at zero volts. It is important to note
here that the negative voltage output compliance range limit
is -300mV, imposing a maximum of 600mVP-P amplitude
with this configuration. The loading as shown in Figure 1 will
result in a 500mV signal at the output of the transformer if
the full scale output current of the DAC is set to 20mA.
VOUT = 2 x IOUT x REQ ,where REQ is ~12.5Ω.
Allowing the center tap to float will result in identical
transformer output, however the output pins of the DAC will
have positive DC offset. The 50
Ω load on the output of the
transformer represents the spectrum analyzer’s input
impedance.
TABLE 1. INPUT CODING vs OUTPUT CURRENT
INPUT CODE (D7-D0)
IOUTA (mA)
IOUTB (mA)
111 11111
20
0
100 00000
10
10
000 00000
0
20
PIN 17 (20)
PIN 16 (21)
VOUT = (2 x I OUT x R EQ)V
100
50
50
50
IOUTB (QOUTB)
IOUTA (QOUTA)
FIGURE 4.
HI5628


Similar Part No. - HI5628

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HI5628 INTERSIL-HI5628 Datasheet
567Kb / 10P
   8-Bit, 125/60MSPS, Dual High Speed CMOS D/A Converter
HI5628 INTERSIL-HI5628 Datasheet
9Mb / 44P
   Providing high-performance solutions for every link in the signal chain
logo
Renesas Technology Corp
HI5628 RENESAS-HI5628 Datasheet
500Kb / 10P
   8-Bit, 125/60MSPS, Dual High Speed CMOS D/A Converter
logo
Intersil Corporation
HI5628/6IN INTERSIL-HI5628/6IN Datasheet
567Kb / 10P
   8-Bit, 125/60MSPS, Dual High Speed CMOS D/A Converter
logo
Renesas Technology Corp
HI5628/6IN RENESAS-HI5628/6IN Datasheet
500Kb / 10P
   8-Bit, 125/60MSPS, Dual High Speed CMOS D/A Converter
More results

Similar Description - HI5628

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HI5660 INTERSIL-HI5660 Datasheet
83Kb / 11P
   8-Bit, 165/125/60MSPS, High Speed D/A Converter
November 1999
HI5628 INTERSIL-HI5628_00 Datasheet
567Kb / 10P
   8-Bit, 125/60MSPS, Dual High Speed CMOS D/A Converter
logo
Renesas Technology Corp
HI5628 RENESAS-HI5628 Datasheet
500Kb / 10P
   8-Bit, 125/60MSPS, Dual High Speed CMOS D/A Converter
logo
Intersil Corporation
HI5728 INTERSIL-HI5728 Datasheet
207Kb / 17P
   10-Bit, 125/60MSPS, Dual High Speed CMOS D/A Converter
July 1999
logo
Renesas Technology Corp
HI5728 RENESAS-HI5728 Datasheet
952Kb / 19P
   10-Bit, 125/60MSPS, Dual High Speed CMOS D/A Converter
logo
Intersil Corporation
HI5660 INTERSIL-HI5660_04 Datasheet
539Kb / 9P
   8-Bit, 125/60MSPS, High Speed D/A Converter
HI5728INZ-T INTERSIL-HI5728INZ-T Datasheet
458Kb / 19P
   10-Bit, 125/60MSPS, Dual High Speed CMOS D/A Converter
logo
Renesas Technology Corp
HI5660 RENESAS-HI5660 Datasheet
444Kb / 9P
   8-Bit, 125/60MSPS, High Speed D/A Converter
logo
Intersil Corporation
HI5660IB INTERSIL-HI5660IB Datasheet
546Kb / 9P
   8-Bit, 125/60MSPS, High Speed D/A Converte
July 2004
logo
Renesas Technology Corp
HI5760 RENESAS-HI5760 Datasheet
895Kb / 18P
   10-Bit, 125/60MSPS, High Speed D/A Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com