Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SNN01Z10D Datasheet(PDF) 2 Page - KODENSHI_AUK CORP.

Part # SNN01Z10D
Description  Logic level N-CH Power MOWFET
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KODENSHI [KODENSHI_AUK CORP.]
Direct Link  http://www.kodenshi.co.kr
Logo KODENSHI - KODENSHI_AUK CORP.

SNN01Z10D Datasheet(HTML) 2 Page - KODENSHI_AUK CORP.

  SNN01Z10D Datasheet HTML 1Page - KODENSHI_AUK CORP. SNN01Z10D Datasheet HTML 2Page - KODENSHI_AUK CORP. SNN01Z10D Datasheet HTML 3Page - KODENSHI_AUK CORP. SNN01Z10D Datasheet HTML 4Page - KODENSHI_AUK CORP. SNN01Z10D Datasheet HTML 5Page - KODENSHI_AUK CORP. SNN01Z10D Datasheet HTML 6Page - KODENSHI_AUK CORP. SNN01Z10D Datasheet HTML 7Page - KODENSHI_AUK CORP. SNN01Z10D Datasheet HTML 8Page - KODENSHI_AUK CORP.  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
Rev. date: 17-JAN-12
KSD-T6O039-000
www.auk.co.kr
2 of 8
Thermal Characteristics
Characteristic
Symbol
Rating
Unit
Thermal resistance, junction to case
Rth(j-c)
Max. 6.94
C/W
Thermal resistance, junction to ambient
Rth(j-a)
Max. 50
* When mounted on the minimum pad size recommended (PCB).
Electrical Characteristics (T
j=25C unless otherwise noted)
Characteristic
Symbol
Test Condition
Min.
Typ.
Max.
Unit
Drain-source breakdown voltage
BVDSS
ID=250uA, VGS=0V
100
-
-
V
Gate threshold voltage
VGS(th)
ID=250uA, VDS=VGS
1
-
2.5
V
Drain-source cut-off current
IDSS
VDS=100V, VGS=0V
-
-
1
uA
Gate leakage current
IGSS
VDS=0V, VGS=20V
-
-
10
uA
Drain-source on-resistance
RDS(ON)
VGS=10V, ID=0.5A
-
0.18
0.24
VGS=4.5V, ID=0.5A
0.20
0.27
Forward transfer conductance (Note 3)
gfs
VDS=10V, ID=0.5A
-
3
-
S
Input capacitance
Ciss
VDS=25V, VGS=0V,
f=1MHz
-
315
445
pF
Output capacitance
Coss
-
36
71
Reverse transfer capacitance
Crss
-
22
43
Turn-on delay time (Note 3,4)
td(on)
VDD=50V, ID=1A,
RG=25Ω
-
3
-
ns
Rise time (Note 3,4)
tr
-
3.8
-
Turn-off delay time (Note 3,4)
td(off)
-
10.6
-
Fall time (Note 3,4)
tf
-
4.8
-
Total gate charge (Note 3,4)
Qg
VDS=80V, VGS=10V,
ID=1A
-
8
10
nC
Gate-source charge (Note 3,4)
Qgs
-
1
-
Gate-drain charge (Note 3,4)
Qgd
-
2
-
Source-Drain Diode Ratings and Characteristics (T
C=25C unless otherwise noted)
Characteristic
Symbol
Test Condition
Min.
Typ.
Max.
Unit
Source current (DC)
IS
Integral reverse diode
in the MOSFET
-
-
1
A
Source current (Pulsed)
ISM
-
-
4
A
Forward voltage
VSD
VGS=0V, IS=1A
-
-
1.2
V
Reverse recovery time (Note 3,4)
trr
IF=1A, VGS=0V
dIF/dt=100A/us
-
25
-
ns
Reverse recovery charge (Note 3,4)
Qrr
-
18.8
-
uC
Note:
1. Repeated rating: Pulse width limited by safe operating area
2. L=35mH, IAS=1A, VDD=50V, RG=25, Starting TJ=25C\
3. Pulse test: Pulse width≤300us, Duty cycle≤2%
4. Essentially independent of operating temperature typical characteristics
SNN01Z10D


Similar Part No. - SNN01Z10D

ManufacturerPart #DatasheetDescription
logo
KODENSHI_AUK CORP.
SNN01Z10Q KODENSHI-SNN01Z10Q Datasheet
610Kb / 8P
   Logic level N-CH Power MOWFET
More results

Similar Description - SNN01Z10D

ManufacturerPart #DatasheetDescription
logo
KODENSHI_AUK CORP.
SMN630LD KODENSHI-SMN630LD Datasheet
315Kb / 8P
   Logic level N-CH Power MOWFET
SNN01Z10Q KODENSHI-SNN01Z10Q Datasheet
610Kb / 8P
   Logic level N-CH Power MOWFET
SMN04L20D KODENSHI-SMN04L20D Datasheet
423Kb / 8P
   Logic level N-CH Power MOWFET
SMN04L20IS KODENSHI-SMN04L20IS Datasheet
440Kb / 8P
   Logic level N-CH Power MOWFET
SMN01L20Q KODENSHI-SMN01L20Q Datasheet
438Kb / 8P
   Logic level N-CH Power MOWFET
logo
List of Unclassifed Man...
CMT60N03 ETC-CMT60N03 Datasheet
307Kb / 8P
   N CHANNEL LOGIC LEVEL POWER MOSFET
CMT70N03 ETC1-CMT70N03 Datasheet
208Kb / 4P
   N CHANNEL LOGIC LEVEL POWER MOSFET
CMT60N06 ETC-CMT60N06 Datasheet
277Kb / 8P
   N-CHANNEL Logic Level POWER MOSFET
logo
Champion Microelectroni...
CMT60N03G CHAMP-CMT60N03G Datasheet
219Kb / 5P
   N-CHANNEL Logic Level Power MOSFET
CMT60N06G CHAMP-CMT60N06G Datasheet
478Kb / 7P
   N-CHANNEL Logic Level Power MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com