Selected language     English  ā–¼


HI5634 Datasheet(PDF) 4 Page - Intersil Corporation

Part No. HI5634
Description  High Performance Programmable Phase-Locked Loop for LCD Applications
Download  16 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  INTERSIL [Intersil Corporation]
Homepage  http://www.intersil.com/cda/home
Logo 

 
 4 page
background image
4
Absolute Maximum Ratings
Thermal Information
VDDA, VDDD, VDDQ (Measured to VSS) . . . . . . . . . . . . . . . . . 4.3V
Digital Inputs . . . . . . . . . . . . . . . . . . . . . . . . . . VSSD -0.3V to +5.5V
Analog Outputs . . . . . . . . . . . . . . . . . . VSSA -0.3V to VDDA +0.3V
Digital Pouts . . . . . . . . . . . . . . . . . . . . . VSSQ -0.3V to VDDQ +0.3V
ESD Rating
Human Body Model (Per MIL-STD-883 Method 3015.7) . . . >2kV
Operating Conditions
Temperature Range . . . . . . . . . . . . . . . . . . . . . . . . . . . 0oC to 70oC
Voltage Range (VDDA, VDDD, VDDQ to VSS) . . . . . . 3.0V to 3.6V
Thermal Resistance (Typical, Note 3)
Īø
JA (
oC/W)
SOIC Package . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
80
Maximum Junction Temperature (Plastic Package) . . . . . . . .150oC
Maximum Storage Temperature Range . . . . . . . . . . -65oC to 150oC
Maximum Lead Temperature (Soldering 10s) . . . . . . . . . . . . 260oC
(SOIC - Lead Tips Only)
CAUTION: Stresses above those listed in ā€œAbsolute Maximum Ratingsā€ may cause permanent damage to the device. This is a stress only rating and operationofthe
device at these or any other conditions above those indicated in the operational sections of this speciļ¬cation is not implied.
NOTE:
3.
ĪøJA is measured with the component mounted on an evaluation PC board in free air.
Electrical Speciļ¬cations
Per Operating Conditions Listed Above, Unless Otherwise Speciļ¬ed
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNITS
DC SUPPLY CURRENT
Supply Current, Digital
IDDD
VDDD = 3.6V
-
-
25
mA
Supply Current, Output Drivers
IDDQ
VDDQ = 3.6V, No Output Drivers Enabled
-
-
6
mA
Supply Current, Analog
IDDA
VDDA = 3.6V
-
-
5
mA
DIGITAL INPUTS (SDA, SCL, PDEN, EXTFB, HSYNC, OSC, I2CADR)
Input High Voltage
VIH
2
-
5.5
V
Input Low Voltage
VIL
VSS-0.3
-
0.8
V
Input Hysteresis
0.2
-
0.6
V
Input High Current
IIH
VIH = VDD
-
-
Ā±10
ĀµA
Input Low Current
IIL
VIL = 0
-
-
Ā±200
ĀµA
Input Capacitance
CIN
-
-
10
pF
SDA (IN OUTPUT MODE: SDA IS BIDIRECTIONAL)
Output Low Voltage
VOL
IOUT = 3mA. VOH = 6.0V Maximum, as
Determined by the External Pull-up Resistor.
-
-
0.4
V
PECL OUTPUTS (CLK+, CLK-, CLK/2+, CLK/2-)
Output High Voltage
VOH
IOUT = 0
-
-
VDD
V
Output Low Voltage (Note 4)
VOL
IOUT = Programmed Value
1.0
-
-
V
SSTL_3 OUTPUTS (CLK, CLK/2, FUNC, LOCK/REF)
Output Resistance
RO
1 < VO < 2V
-
-
80
ā„¦
AC INPUT CHARACTERISTICS
HSYNC Input Frequency
fHSYNC
Reg 7[7] = 0
0.008
-
10
MHz
OSC Input Frequency
fOSC
Reg 7[7] = 1
0.02
-
100
MHz
TIMING CHARACTERISTICS (Note 5)
REF Output Transition Times
tr
Rise Time/Fall Time
-
2.8/1.8
-
ns
PECL CLK Output Transition Times
tP
Rise Time/Fall Time
-
1.0/1.2
-
ns
SSTL CLK Output Transition Times
tS
Rise Time/Fall Time
-
1.6/0.7
-
ns
FUNC Output Transition Times
tF
Rise Time/Fall Time
-
1.2/1.0
-
ns
HSYNC to REF Delay
t0
11.3
11.5
12
ns
REF to PECL Clock Delay
t1
-1.0
0.8
2.2
ns
HI5634




Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
HC2509CPhase-Locked Loop Clock Distribution for Synchronous DRAM Applications 1 2 3 4 5 MoreHynix Semiconductor
HC2510CPhase-Locked Loop Clock Distribution for Synchronous DRAM Applications 1 2 3 4 5 MoreHynix Semiconductor
HHBA-5218Low Profile 2 Gb/s Fibre Channel Adapters for High Performance Applications 1 2 3 4 Agilent(Hewlett-Packard)
NTE388Silicon Complementary Transistors General Purpose High Power Audio Disk Head Positioner for Linear Applications 1 2 NTE Electronics
NTE7069Integrated Circuit 2 Modulus High Speed Divider w/ECL Output for Phase-Lock Loop PLL Synthesized TV Tuner 1 2 NTE Electronics
2SC5150NPN TRIPLE DIFFUSED MESA TYPE HORIZONTAL DEFLECTION OUTPUT FOR GIHG RESOLUTION DISPLAY COLOR TV. HIGH SPEED SWITCHING APPLICATIONS 1 2 3 4 Toshiba Semiconductor
MACH4High Performance E 2 CMOS In-System Programmable Logic 1 2 3 4 5 MoreLattice Semiconductor
KS57C21832The KS57C21832 single-chip CMOS microcontroller has been designed for high performance using Samsungs newest 4-bit CPU core SAM47 Samsung Arrangeabl 1 2 3 4 5 MoreSamsung semiconductor
2N2857CSMHIGH FREQUENCY NPN TRANSISTOR IN A HERMETICALLY SEALED CERAMIC SURFACE MOUNT PACKAGE FOR HIGH RELIABILITY APPLICATIONS 1 2 Seme LAB
2N4392CSMSMALL SIGNAL N.CHANNEL J.FET IN A HERMETICALLY SEALED CERAMIC SURFACE MOUNT PACKAGE FOR HIGH RELIABILITY APPLICATIONS 1 2 Seme LAB

Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights ReservedĀ© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl