Selected language     English  ā–¼


HI5634 Datasheet(PDF) 2 Page - Intersil Corporation

Part No. HI5634
Description  High Performance Programmable Phase-Locked Loop for LCD Applications
Download  16 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  INTERSIL [Intersil Corporation]
Homepage  http://www.intersil.com/cda/home
Logo 

 
 2 page
background image
2
Pin Descriptions
PIN NO.
PIN NAME
TYPE
DESCRIPTION
COMMENTS
1
VDDD
PWR
Digital Supply
3.3V to Digital Sections
2
VSSD
PWR
Digital Ground
3
SDA
IN/OUT
Serial Data
I2C-Bus (Note 1)
4
SCL
IN
Serial Clock
I2C-Bus (Note 1)
5
PDEN
IN
PFD Enable
Suspends Charge Pump (Note1)
6
EXTFB
IN
External Feedback In
External Divider Input to PFD (Note1)
7
HSYNC
IN
Horizontal Sync
Clock Input to PLL (Note1)
8
EXTFIL
IN
External Filter
External PLL Loop Filter
9
EXTFILRET
IN
External Filter Return
External PLL Loop Filter Return
10
VDDA
PWR
Analog Supply
3.3V for Analog Circuitry
11
VSSA
PWR
Analog Ground
Ground for Analog Circuitry
12
OSC
IN
Oscillator
Input From Crystal Oscillator Package (Notes 1, 2)
13
I2CADR
IN
I2C Address
Chip I2C Address Select
Low = 4Dh Read, 4Ch Write
High = 4Fh Read, 4Eh Write
14
LOCK/REF (SSTL)
OUT
Lock Indicator/Reference
Displays PLL or DPA Lock or REF Input
15
FUNC (SSTL)
OUT
Function Output
SSTL_3 Selectable HSYNC Output
16
CLK/2 (SSTL)
OUT
Pixel Clock/2 Out
SSTL_3 Driver to ADC DeMUX Input
17
CLK (SSTL)
OUT
Pixel Clock Out
SSTL_3 Driver to ADC
18
VDDQ
PWR
Output Driver Supply
3.3V to Output Drivers
19
VSSQ
PWR
Output Driver Ground
Ground for Output Drivers
20
CLK- (PECL)
OUT
Pixel Clock Out
Inverted PECL Driver to ADC. Open Drain Output.
21
CLK+ (PECL)
OUT
Pixel Clock Out
PECL Driver to ADC. Open Drain Output.
22
CLK/2- (PECL)
OUT
Pixel Clock/2 Out
Inverted PECL Driver to ADC DeMUX Input. Open Drain
Output.
23
CLK/2+ (PECL)
OUT
Pixel Clock/2 Out
PECL Driver to ADC DeMUX Input. Open Drain Output.
24
IREF
IN
Reference Current
Reference Current for PECL Outputs
NOTES:
1. These LVTTL inputs are 5V tolerant.
2. Connect to ground if unused.
HI5634




Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
HC2509CPhase-Locked Loop Clock Distribution for Synchronous DRAM Applications 1 2 3 4 5 MoreHynix Semiconductor
HC2510CPhase-Locked Loop Clock Distribution for Synchronous DRAM Applications 1 2 3 4 5 MoreHynix Semiconductor
HHBA-5218Low Profile 2 Gb/s Fibre Channel Adapters for High Performance Applications 1 2 3 4 Agilent(Hewlett-Packard)
NTE388Silicon Complementary Transistors General Purpose High Power Audio Disk Head Positioner for Linear Applications 1 2 NTE Electronics
NTE7069Integrated Circuit 2 Modulus High Speed Divider w/ECL Output for Phase-Lock Loop PLL Synthesized TV Tuner 1 2 NTE Electronics
2SC5150NPN TRIPLE DIFFUSED MESA TYPE HORIZONTAL DEFLECTION OUTPUT FOR GIHG RESOLUTION DISPLAY COLOR TV. HIGH SPEED SWITCHING APPLICATIONS 1 2 3 4 Toshiba Semiconductor
MACH4High Performance E 2 CMOS In-System Programmable Logic 1 2 3 4 5 MoreLattice Semiconductor
KS57C21832The KS57C21832 single-chip CMOS microcontroller has been designed for high performance using Samsungs newest 4-bit CPU core SAM47 Samsung Arrangeabl 1 2 3 4 5 MoreSamsung semiconductor
2N2857CSMHIGH FREQUENCY NPN TRANSISTOR IN A HERMETICALLY SEALED CERAMIC SURFACE MOUNT PACKAGE FOR HIGH RELIABILITY APPLICATIONS 1 2 Seme LAB
2N4392CSMSMALL SIGNAL N.CHANNEL J.FET IN A HERMETICALLY SEALED CERAMIC SURFACE MOUNT PACKAGE FOR HIGH RELIABILITY APPLICATIONS 1 2 Seme LAB

Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights ReservedĀ© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl