Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SR1316-U Datasheet(PDF) 2 Page - KODENSHI_AUK CORP.

Part # SR1316-U
Description  CHip LED
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KODENSHI [KODENSHI_AUK CORP.]
Direct Link  http://www.kodenshi.co.kr
Logo KODENSHI - KODENSHI_AUK CORP.

SR1316-U Datasheet(HTML) 2 Page - KODENSHI_AUK CORP.

  SR1316-U Datasheet HTML 1Page - KODENSHI_AUK CORP. SR1316-U Datasheet HTML 2Page - KODENSHI_AUK CORP. SR1316-U Datasheet HTML 3Page - KODENSHI_AUK CORP. SR1316-U Datasheet HTML 4Page - KODENSHI_AUK CORP.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
AUK CORP.
SR1316-U
The contents of this data sheet are subject to change without advance notice for the purpose of improvement.
When using this product, would you please refer to the latest specifications.
Rev.Odate:08-AUG-11
AUK-LDM-001(A)
4. Absolute Maximum Ratings
(Ta=25
oC)
Characteristic
Symbol
Rating
Unit
Power dissipation
PD
65
mW
Forward current
IF
25
mA
*1 Peak forward current
IFP
50
mA
Reverse voltage
VR
10
V
Operating temperature range
Topr
-25
∼80
°
C
Storage temperature range
Tstg
-30
∼100
°
C
*2 Soldering temperature
Tsol
240°C for 10 seconds
*1.Duty ratio = 1/16, Pulse width = 0.1ms
*2.Recommended reflow soldering temperature profile
- Preheating 150
℃ to 185℃ within 120 seconds soldering 240℃ within 10 seconds
Gradual cooling (Avoid quenching)
max. 10sec
Temp (
℃)
Time (sec)
185
150
240
Peak Temp max. 240
Preheating area
150~185
℃, 90±30sec
max. 3
℃/sec
25
Time from 25
℃ to Peak Temperature max. 6min
Solder area
220
℃, max. 60sec
max. 4
℃/sec
max. -6
℃/sec
240
180
150
60
0


Similar Part No. - SR1316-U

ManufacturerPart #DatasheetDescription
logo
AUK corp
SR1316-U AUK-SR1316-U Datasheet
212Kb / 5P
   Chip LED
More results

Similar Description - SR1316-U

ManufacturerPart #DatasheetDescription
logo
AUK corp
SM2233-D AUK-SM2233-D Datasheet
206Kb / 4P
   Chip LED
SM2333 AUK-SM2333 Datasheet
171Kb / 4P
   Chip LED
SR2332-V AUK-SR2332-V Datasheet
173Kb / 4P
   Chip LED
SR2333-V AUK-SR2333-V Datasheet
204Kb / 4P
   Chip LED
SA1316 AUK-SA1316_1 Datasheet
191Kb / 5P
   Chip LED
SM1316-L AUK-SM1316-L_1 Datasheet
200Kb / 5P
   Chip LED
logo
EPIGAP optoelectronic G...
ELC-460-34 EPIGAP-ELC-460-34 Datasheet
101Kb / 1P
   LED - Chip
logo
Everlight Electronics C...
24-21UYC EVERLIGHT-24-21UYC Datasheet
156Kb / 9P
   Chip LED
logo
EPIGAP optoelectronic G...
ELC-525-31-2 EPIGAP-ELC-525-31-2 Datasheet
30Kb / 1P
   LED - Chip
ELC-595-29-50 EPIGAP-ELC-595-29-50 Datasheet
85Kb / 1P
   LED - Chip
ELC-635-14-3 EPIGAP-ELC-635-14-3 Datasheet
99Kb / 1P
   LED - Chip
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com