Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SR1316-V Datasheet(PDF) 3 Page - KODENSHI_AUK CORP.

Part # SR1316-V
Description  CHip LED
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KODENSHI [KODENSHI_AUK CORP.]
Direct Link  http://www.kodenshi.co.kr
Logo KODENSHI - KODENSHI_AUK CORP.

SR1316-V Datasheet(HTML) 3 Page - KODENSHI_AUK CORP.

  SR1316-V Datasheet HTML 1Page - KODENSHI_AUK CORP. SR1316-V Datasheet HTML 2Page - KODENSHI_AUK CORP. SR1316-V Datasheet HTML 3Page - KODENSHI_AUK CORP. SR1316-V Datasheet HTML 4Page - KODENSHI_AUK CORP.  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
AUK CORP.
SR1316-V
The contents of this data sheet are subject to change without advance notice for the purpose of improvement.
When using this product, would you please refer to the latest specifications.
Rev.Odate:08-AUG-11
AUK-LDM-001(A)
5. Electrical / Optical Characteristics
(Ta=25
oC)
Characteristic
Symbol
Test Condition
Min.
Typ.
Max.
Unit
Forward voltage
VF
IF= 20mA
-
2.0
2.4
V
*3 Luminous intensity
IV
*
3I
F= 6mA
6.9
-
14
mcd
IF= 20mA
23
-
46
Peak wavelength
λP
IF= 20mA
-
660
-
nm
Spectrum bandwidth
λ
IF= 20mA
-
20
-
nm
Reverse current
IR
VR=4V
-
-
10
uA
*4 Half angle
θ/2
X
IF= 20mA
-
±
65
-
deg
Y
-
±
70
-
*4.θ/2 is the off-axis angle where the luminous intensity is 1/2 the peak intensity
*3.The test result of IF=6mA is only for reference
*3.Luminous Intensity Classification
C1
C2
D
E
6.9~8.1
8.1~9.3
9.3~11.4
11.4~14
(Each IV range did not consider a margin. Please refer to ±18% of IV range as a
permitted limit and do not use to combine grade classification. It must be
used separately grade classification)
* Recommended Soldering Land Pattern


Similar Part No. - SR1316-V

ManufacturerPart #DatasheetDescription
logo
AUK corp
SR1316-V AUK-SR1316-V Datasheet
293Kb / 4P
   High Brightness Chip LED Lamp
More results

Similar Description - SR1316-V

ManufacturerPart #DatasheetDescription
logo
AUK corp
SM2233-D AUK-SM2233-D Datasheet
206Kb / 4P
   Chip LED
SM2333 AUK-SM2333 Datasheet
171Kb / 4P
   Chip LED
SR2332-V AUK-SR2332-V Datasheet
173Kb / 4P
   Chip LED
SR2333-V AUK-SR2333-V Datasheet
204Kb / 4P
   Chip LED
SA1316 AUK-SA1316_1 Datasheet
191Kb / 5P
   Chip LED
SM1316-L AUK-SM1316-L_1 Datasheet
200Kb / 5P
   Chip LED
logo
EPIGAP optoelectronic G...
ELC-460-34 EPIGAP-ELC-460-34 Datasheet
101Kb / 1P
   LED - Chip
logo
Everlight Electronics C...
24-21UYC EVERLIGHT-24-21UYC Datasheet
156Kb / 9P
   Chip LED
logo
EPIGAP optoelectronic G...
ELC-525-31-2 EPIGAP-ELC-525-31-2 Datasheet
30Kb / 1P
   LED - Chip
ELC-595-29-50 EPIGAP-ELC-595-29-50 Datasheet
85Kb / 1P
   LED - Chip
ELC-635-14-3 EPIGAP-ELC-635-14-3 Datasheet
99Kb / 1P
   LED - Chip
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com