Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HI5660IB Datasheet(PDF) 5 Page - Intersil Corporation

Part # HI5660IB
Description  8-Bit, 165/125/60MSPS, High Speed D/A Converter
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

HI5660IB Datasheet(HTML) 5 Page - Intersil Corporation

  HI5660IB Datasheet HTML 1Page - Intersil Corporation HI5660IB Datasheet HTML 2Page - Intersil Corporation HI5660IB Datasheet HTML 3Page - Intersil Corporation HI5660IB Datasheet HTML 4Page - Intersil Corporation HI5660IB Datasheet HTML 5Page - Intersil Corporation HI5660IB Datasheet HTML 6Page - Intersil Corporation HI5660IB Datasheet HTML 7Page - Intersil Corporation HI5660IB Datasheet HTML 8Page - Intersil Corporation HI5660IB Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 11 page
background image
5
Input Logic Low Voltage with
5V Supply, VIL
(Note 3)
-
0
1.3
V
Input Logic Low Voltage with
3V Supply, VIL
(Note 3)
-
0
0.9
V
Input Logic Current, IIH
-10
-
+10
µA
Input Logic Current, IIL
-10
-
+10
µA
Digital Input Capacitance, CIN
-5
-
pF
TIMING CHARACTERISTICS
Data Setup Time, tSU
See Figure 3 (Note 3)
3
-
-
ns
Data Hold Time, tHLD
See Figure 3 (Note 3)
3
-
-
ns
Propagation Delay Time, tPD
See Figure 3
-
1
-
ns
CLK Pulse Width, tPW1, tPW2
See Figure 3 (Note 3)
4
-
-
ns
POWER SUPPLY CHARACTERISTICS
AVDD Power Supply
(Note 8, 9)
2.7
5.0
5.5
V
DVDD Power Supply
(Note 8, 9)
2.7
5.0
5.5
V
Analog Supply Current (IAVDD)
5V or 3V, IOUTFS = 20mA
-
23
30
mA
5V or 3V, IOUTFS = 2mA
-
4
-
mA
Digital Supply Current (IDVDD)
5V, IOUTFS = Don’t Care (Note 5)
-
3
5
mA
3V, IOUTFS = Don’t Care (Note 5)
-
1.5
-
mA
Supply Current (IAVDD) Sleep Mode
5V or 3V, IOUTFS = Don’t Care
-
1.6
3
mA
Power Dissipation
5V, IOUTFS = 20mA (Note 6)
-
165
-
mW
5V, IOUTFS = 20mA (Note 10)
-
150
-
mW
5V, IOUTFS = 2mA (Note 6)
-
70
-
mW
3.3V, IOUTFS = 20mA (Note 10)
-
75
-
mW
3V, IOUTFS = 20mA (Note 6)
-
85
-
mW
3V, IOUTFS = 20mA (Note 10)
-
67
-
mW
3V, IOUTFS = 2mA (Note 6)
-
27
-
mW
Power Supply Rejection
Single Supply (Note 7)
-0.2
-
+0.2
% FSR/V
NOTES:
2. Gain Error measured as the error in the ratio between the full scale output current and the current through RSET (typically 625µA). Ideally the
ratio should be 32.
3. Parameter guaranteed by design or characterization and not production tested.
4. Spectral measurements made with differential transformer coupled output and no external filtering.
5. Measured with the clock at 50MSPS and the output frequency at 1MHz.
6. Measured with the clock at 100MSPS and the output frequency at 40MHz.
7. See ‘Definition of Specifications’.
8. It is recommended that the output current be reduced to 12mA or less to maintain optimum performance for operation below 3V. DVDD and
AVDD do not have to be equal.
9. For operation above 125MHz, it is recommended that the power supply be 3.3V or greater. The part is functional with the clock above 125MSPS
and the power supply below 3.3V, but performance is degraded (valid for 165MHz version only).
10. Measured with the clock at 60MSPS and the output frequency at 10MHz.
Electrical Specifications
AVDD = DVDD = +5V, VREF = Internal 1.2V, IOUTFS = 20mA, TA = 25
oC for All Typical Values (Continued)
PARAMETER
TEST CONDITIONS
TA = -40
oC TO 85oC
UNITS
MIN
TYP
MAX
HI5660


Similar Part No. - HI5660IB

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HI5660IB INTERSIL-HI5660IB Datasheet
539Kb / 9P
   8-Bit, 125/60MSPS, High Speed D/A Converter
HI5660IB INTERSIL-HI5660IB Datasheet
546Kb / 9P
   8-Bit, 125/60MSPS, High Speed D/A Converte
July 2004
logo
Renesas Technology Corp
HI5660IB RENESAS-HI5660IB Datasheet
444Kb / 9P
   8-Bit, 125/60MSPS, High Speed D/A Converter
logo
Intersil Corporation
HI5660IBZ INTERSIL-HI5660IBZ Datasheet
539Kb / 9P
   8-Bit, 125/60MSPS, High Speed D/A Converter
HI5660IBZ INTERSIL-HI5660IBZ Datasheet
546Kb / 9P
   8-Bit, 125/60MSPS, High Speed D/A Converte
July 2004
More results

Similar Description - HI5660IB

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HI5628 INTERSIL-HI5628 Datasheet
93Kb / 10P
   8-Bit, 165/125/60MSPS, Dual High Speed CMOS D/A Converter
July 1999
HI5660 INTERSIL-HI5660_04 Datasheet
539Kb / 9P
   8-Bit, 125/60MSPS, High Speed D/A Converter
logo
Renesas Technology Corp
HI5660 RENESAS-HI5660 Datasheet
444Kb / 9P
   8-Bit, 125/60MSPS, High Speed D/A Converter
logo
Intersil Corporation
HI5660IB INTERSIL-HI5660IB Datasheet
546Kb / 9P
   8-Bit, 125/60MSPS, High Speed D/A Converte
July 2004
HI5628 INTERSIL-HI5628_00 Datasheet
567Kb / 10P
   8-Bit, 125/60MSPS, Dual High Speed CMOS D/A Converter
logo
Renesas Technology Corp
HI5628 RENESAS-HI5628 Datasheet
500Kb / 10P
   8-Bit, 125/60MSPS, Dual High Speed CMOS D/A Converter
HI5760 RENESAS-HI5760 Datasheet
895Kb / 18P
   10-Bit, 125/60MSPS, High Speed D/A Converter
logo
Intersil Corporation
HI5760 INTERSIL-HI5760 Datasheet
172Kb / 18P
   10-Bit, 125/60MSPS, High Speed D/A Converter
November 1999
HI5760BIB INTERSIL-HI5760BIB Datasheet
521Kb / 18P
   10-Bit, 125/60MSPS, High Speed D/A Converter
March 30, 2005
HI5760 INTERSIL-HI5760_05 Datasheet
516Kb / 18P
   10-Bit, 125/60MSPS, High Speed D/A Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com