Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADDAC87 Datasheet(PDF) 7 Page - Analog Devices

Part # ADDAC87
Description  Complete Low Cost 12-Bit D/A Converters
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADDAC87 Datasheet(HTML) 7 Page - Analog Devices

Back Button ADDAC87_15 Datasheet HTML 3Page - Analog Devices ADDAC87_15 Datasheet HTML 4Page - Analog Devices ADDAC87_15 Datasheet HTML 5Page - Analog Devices ADDAC87_15 Datasheet HTML 6Page - Analog Devices ADDAC87_15 Datasheet HTML 7Page - Analog Devices ADDAC87_15 Datasheet HTML 8Page - Analog Devices ADDAC87_15 Datasheet HTML 9Page - Analog Devices ADDAC87_15 Datasheet HTML 10Page - Analog Devices ADDAC87_15 Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 16 page
background image
REV. B
ADDAC80/ADDAC85/ADDAC87
–7–
ORDERING GUIDE
Input
Output
Temperature
Linearity
Package
Model
Code
Mode
Technology
Range
Error
Option1
ADDAC80N-CBI-V
Binary
Voltage
Monolithic
0
°C to 70°C
±1/2 LSB
N-24A
ADDAC80D-CBI-V
Binary
Voltage
Monolithic
0
°C to 70°C
±1/2 LSB
D-24
ADDAC85D-CBI-V
Binary
Voltage
Monolithic
–25
°C to +85°C
±1/2 LSB
D-24
ADDAC87D-CBI-V
Binary
Voltage
Monolithic
–55
°Cto +125°C
±1/2 LSB
D-24
ADDAC80-CBI-V
Binary
Voltage
Hybrid
0
°C to 70°C
±1/2 LSB
DH-24A
ADDAC80-CBI-I
Binary
Current
Hybrid
0
°C to 70°C
±1/2 LSB
DH-24A
ADDAC80-CCD-V
Binary Coded Decimal
Voltage
Hybrid
0
°C to 70°C
±1/4 LSB
DH-24A
ADDAC80-CCD-I
Binary Coded Decimal
Current
Hybrid
0
°C to 70°C
±1/4 LSB
DH-24A
ADDAC80Z-CBI-V2
Binary
Voltage
Hybrid
0
°C to 70°C
±1/2 LSB
DH-24A
ADDAC80Z-CBI-I
2
Binary
Current
Hybrid
0
°C to 70°C
±1/2 LSB
DH-24A
ADDAC80Z-CCD-V
2
Binary Coded Decimal
Voltage
Hybrid
0
°C to 70°C
±1/4 LSB
DH-24A
ADDAC80Z-CCD-I
2
Binary Coded Decimal
Current
Hybrid
0
°C to 70°C
±1/4 LSB
DH-24A
ADDAC85C-CBI-V
3
Binary
Voltage
Hybrid
0
°C to 70°C
±1/2 LSB
DH-24A
ADDAC85C-CBI-I
Binary
Current
Hybrid
0
°C to 70°C
±1/2 LSB
DH-24A
ADDAC85-CBI-V3
Binary
Voltage
Hybrid
–25
°C to +85°C
±1/2 LSB
DH-24A
ADDAC85-CBI-I
3
Binary
Current
Hybrid
–25
°C to +85°C
±1/2 LSB
DH-24A
ADDAC85LD-CBI-V
3
Binary
Voltage
Hybrid
–25
°C to +85°C
±1/2 LSB
DH-24A
ADDAC85LD-CBI-I
3
Binary
Current
Hybrid
–25
°C to +85°C
±1/2 LSB
DH-24A
ADDAC85MIL-CBI-V
3
Binary
Voltage
Hybrid
–55
°C to +125°C
±1/2 LSB
DH-24A
ADDAC85MIL-CBI-I
3
Binary
Current
Hybrid
–55
°C to +125°C
±1/2 LSB
DH-24A
ADDAC85C-CCD-V3
Binary Coded Decimal
Voltage
Hybrid
0
°C to 70°C
±1/4 LSB
DH-24A
ADDAC85C-CCD-I
3
Binary Coded Decimal
Current
Hybrid
0
°C to 70°C
±1/4 LSB
DH-24A
ADDAC85-CCD-V
3
Binary Coded Decimal
Voltage
Hybrid
–25
°C to +85°C
±1/4 LSB
DH-24A
ADDAC85-CCD-I
3
Binary Coded Decimal
Current
Hybrid
–25
°C to +85°C
±1/4 LSB
DH-24A
ADDAC85MILCBII8
Binary
Current
Hybrid
–55
°C to +125°C
±1/2 LSB
DH-24A
ADDAC85MILCBIV8
Binary
Voltage
Hybrid
–55
°C to +125°C
±1/2 LSB
DH-24A
ADDAC87-CBI-V3
Binary
Voltage
Hybrid
–55
°C to +125°C
±1/2 LSB
DH-24A
ADDAC87-CBI-I
3
Binary
Current
Hybrid
–55
°C to +125°C
±1/2 LSB
DH-24A
ADDAC87-CBII883
Binary
Current
Hybrid
–55
°C to +125°C
±1/2 LSB
DH-24A
ADDAC87-CBIV883
Binary
Voltage
Hybrid
–55
°C to +125°C
±1/2 LSB
DH-24A
NOTES
1For outline information see Package Information section.
2Z-Suffix devices guarantee performance of 0 V to +5 V and
±5 V spans with minimum supply voltages of ± 11.4 V.
3These models have been discontinued. This is for historical information only.
PRODUCT OFFERING
Analog Devices has developed a number of technologies to
support products within the data acquisition market. In serving
the market new products are implemented with the technology
best suited to the application. The DAC80 series of products was
first implemented in hybrid form and now it is available in a single
monolithic chip. We will provide both the hybrid and mono-
lithic versions of the family so that in existing designs changes to
documentation or product qualification will not have to be done.
Specifications and ordering information for both versions are
delineated in this data sheet.
DIGITAL INPUT CODES
The ADDAC80 Series accepts complementary digital input
code in binary (CBI) format. The CBI model may be connected
by the user for anyone of three complementary codes: CSB,
COB or CTC.
Table I. Digital Input Codes
Digital Input
Analog Input
CSB
COB
CTC*
Compl.
Compl.
Compl.
Straight
Offset
Two’s
MSB
LSB
Binary
Binary
Compl.
000000000000
+Full-Scale
+Full-Scale
–1 LSB
011111111111
+1/2 Full-Scale
Zero
–Full-Scale
100000000000
Midscale
–1 LSB
+Full-Scale
111111111111
Zero
–Full-Scale
Zero
*Invert the MSB of the COB code with an external inverter to obtain CTC code.


Similar Part No. - ADDAC87_15

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADDAC87-CBI-I AD-ADDAC87-CBI-I Datasheet
774Kb / 12P
   COMPLETE LOW COST 12-BIT D/A CONVERTERS
REV. A
ADDAC87-CBI-I3 AD-ADDAC87-CBI-I3 Datasheet
232Kb / 16P
   Complete Low Cost 12-Bit D/A Converters
REV. B
ADDAC87-CBI-V AD-ADDAC87-CBI-V Datasheet
774Kb / 12P
   COMPLETE LOW COST 12-BIT D/A CONVERTERS
REV. A
ADDAC87-CBI-V3 AD-ADDAC87-CBI-V3 Datasheet
232Kb / 16P
   Complete Low Cost 12-Bit D/A Converters
REV. B
ADDAC87-CBII883 AD-ADDAC87-CBII883 Datasheet
774Kb / 12P
   COMPLETE LOW COST 12-BIT D/A CONVERTERS
REV. A
More results

Similar Description - ADDAC87_15

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADDAC80 AD-ADDAC80 Datasheet
774Kb / 12P
   COMPLETE LOW COST 12-BIT D/A CONVERTERS
REV. A
ADDAC80 AD-ADDAC80_15 Datasheet
232Kb / 16P
   Complete Low Cost 12-Bit D/A Converters
REV. B
ADDAC80NZ-CBI-V AD-ADDAC80NZ-CBI-V Datasheet
212Kb / 16P
   Complete Low Cost 12-Bit D/A Converters
REV. B
ADDAC87D-CBI-V883 AD-ADDAC87D-CBI-V883 Datasheet
284Kb / 16P
   Complete Low Cost 12-Bit D/A Converters
REV. B
ADDAC85 AD-ADDAC85_15 Datasheet
232Kb / 16P
   Complete Low Cost 12-Bit D/A Converters
REV. B
AD774B AD-AD774B_15 Datasheet
174Kb / 12P
   Complete 12-Bit A/D Converters
REV. C
AD674B AD-AD674B Datasheet
247Kb / 12P
   Complete 12-Bit A/D Converters
REV. C
AD674B AD-AD674B_15 Datasheet
174Kb / 12P
   Complete 12-Bit A/D Converters
REV. C
AD774BJNZ AD-AD774BJNZ Datasheet
174Kb / 12P
   Complete 12-Bit A/D Converters
REV. C
AD674BTE AD-AD674BTE Datasheet
174Kb / 12P
   Complete 12-Bit A/D Converters
REV. C
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com