Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HI5703EVAL Datasheet(PDF) 7 Page - Intersil Corporation

Part # HI5703EVAL
Description  10-Bit, 40 MSPS A/D Converter
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

HI5703EVAL Datasheet(HTML) 7 Page - Intersil Corporation

Back Button HI5703EVAL Datasheet HTML 3Page - Intersil Corporation HI5703EVAL Datasheet HTML 4Page - Intersil Corporation HI5703EVAL Datasheet HTML 5Page - Intersil Corporation HI5703EVAL Datasheet HTML 6Page - Intersil Corporation HI5703EVAL Datasheet HTML 7Page - Intersil Corporation HI5703EVAL Datasheet HTML 8Page - Intersil Corporation HI5703EVAL Datasheet HTML 9Page - Intersil Corporation HI5703EVAL Datasheet HTML 10Page - Intersil Corporation HI5703EVAL Datasheet HTML 11Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 18 page
background image
4-7
Timing Waveforms
NOTES:
4. SN: N-th sampling period.
5. HN: N-th holding period.
6. BM, N: M-th stage digital output corresponding to N-th sampled input.
7. DN: Final data output corresponding to N-th sampled input.
FIGURE 1. HI5703 INTERNAL CIRCUIT TIMING
FIGURE 2. INPUT-TO-OUTPUT TIMING
DN - 7
DN - 6
DN - 2
DN - 1
DN
DN + 1
ANALOG
INPUT
CLOCK
INPUT
INPUT
S/H
1ST
STAGE
2ND
STAGE
10TH
STAGE
DATA
OUTPUT
SN - 1
HN - 1
SN
HN
SN + 1 HN + 1 SN + 2
SN + 5 HN + 5 SN + 6 HN + 6 SN + 7 HN + 7 SN + 8 HN + 8
B1, N - 1
B1, N
B1, N + 1
B1, N + 4
B1, N + 5
B1, N + 6
B1, N + 7
B2, N - 2
B2, N - 1
B2, N
B2, N + 4
B2, N + 5
B2, N + 6
B10, N - 5
B10, N - 4
B10, N
B10, N + 1
B10, N + 2
B10, N + 3
tLAT
tOD
tH
DATA N - 1
DATA N
CLOCK
INPUT
DATA
OUTPUT
0.8V
2.0V
1.5V
tAP
ANALOG
INPUT
tAJ
1.5V


Similar Part No. - HI5703EVAL

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
HI5703EVAL RENESAS-HI5703EVAL Datasheet
879Kb / 18P
   10-Bit, 40 MSPS A/D Converter
November 1998
More results

Similar Description - HI5703EVAL

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HI5702 INTERSIL-HI5702 Datasheet
94Kb / 14P
   10-Bit, 40 MSPS A/D Converter
August 1997
HI5746 INTERSIL-HI5746 Datasheet
145Kb / 17P
   10-Bit, 40 MSPS A/D Converter
February 1999
logo
Cadeka Microcircuits LL...
SPT7864 CADEKA-SPT7864 Datasheet
148Kb / 8P
   10-BIT, 40 MSPS A/D CONVERTER
logo
Renesas Technology Corp
HI5703 RENESAS-HI5703 Datasheet
879Kb / 18P
   10-Bit, 40 MSPS A/D Converter
November 1998
logo
Analog Devices
AD9040A AD-AD9040A_15 Datasheet
298Kb / 16P
   10-Bit 40 MSPS A/D Converter
REV. D
AD9040A AD-AD9040A Datasheet
192Kb / 12P
   10-Bit 40 MSPS A/D Converter
REV. B
AD9050 AD-AD9050 Datasheet
151Kb / 12P
   10-Bit, 40 MSPS/60 MSPS A/D Converter
REV. B
AD9050 AD-AD9050_15 Datasheet
154Kb / 12P
   10-Bit, 40 MSPS/60 MSPS A/D Converter
REV. B
logo
Cadeka Microcircuits LL...
CDK1305 CADEKA-CDK1305 Datasheet
1Mb / 12P
   10-bit, 40 MSPS 175mW A/D Converter
CDK1306 CADEKA-CDK1306 Datasheet
1Mb / 11P
   10-bit, 40 MSPS 160mW A/D Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com