Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HI5660EVAL1 Datasheet(PDF) 1 Page - Intersil Corporation

Part # HI5660EVAL1
Description  8-Bit, 165/125/60MSPS, High Speed D/A Converter
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

HI5660EVAL1 Datasheet(HTML) 1 Page - Intersil Corporation

  HI5660EVAL1 Datasheet HTML 1Page - Intersil Corporation HI5660EVAL1 Datasheet HTML 2Page - Intersil Corporation HI5660EVAL1 Datasheet HTML 3Page - Intersil Corporation HI5660EVAL1 Datasheet HTML 4Page - Intersil Corporation HI5660EVAL1 Datasheet HTML 5Page - Intersil Corporation HI5660EVAL1 Datasheet HTML 6Page - Intersil Corporation HI5660EVAL1 Datasheet HTML 7Page - Intersil Corporation HI5660EVAL1 Datasheet HTML 8Page - Intersil Corporation HI5660EVAL1 Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
1
File Number
4521.4
HI5660
8-Bit, 165/125/60MSPS, High Speed D/A
Converter
The HI5660 is an 8-bit, 125MSPS, high speed, low power,
D/A converter which is implemented in an advanced CMOS
process. Operating from a single +3V to +5V supply, the
converter provides 20mA of full scale output current and
includes edge-triggered CMOS input data latches. Low glitch
energy and excellent frequency domain performance are
achieved using a segmented current source architecture. For
an equivalent performance dual version, see the HI5628.
This device complements the CommLink™ HI5X60 family of
high speed converters offered by Intersil, which includes 8,
10, 12, and 14-bit devices.
Contact factory for availability.
Features
• Throughput Rate . . . . . . . . . . . . . . . . . . . . . . . .125MSPS
• Low Power . . . . . . . . . . . . . . . 165mW at 5V, 27mW at 3V
• Power Down Mode . . . . . . . . . . 23mW at 5V, 10mW at 3V
• Integral Linearity Error . . . . . . . . . . . . . . . . . . .
±0.25 LSB
• Adjustable Full Scale Output Current . . . . . 2mA to 20mA
• SFDR to Nyquist at 10MHz Output . . . . . . . . . . . . .60dBc
• Internal 1.2V Bandgap Voltage Reference
• Single Power Supply from +5V to +3V
• CMOS Compatible Inputs
• Excellent Spurious Free Dynamic Range
Applications
• Medical Instrumentation
• Wireless Communications
• Direct Digital Frequency Synthesis
• Signal Reconstruction
• Test Instrumentation
• High Resolution Imaging Systems
• Arbitrary Waveform Generators
Pinout
HI5660 (SOIC, TSSOP)
TOP VIEW
Ordering Information
PART
NUMBER
TEMP.
RANGE
(oC)
PACKAGE
PKG.
NO.
CLOCK
SPEED
HI5660/16IB
-40 to 85 28 Ld SOIC
M28.3
165MHz
HI5660/16IA
-40 to 85 28 Ld TSSOP M28.173 165MHz
HI5660IB
-40 to 85 28 Ld SOIC
M28.3
125MHz
HI5660IA
-40 to 85 28 Ld TSSOP M28.173 125MHz
HI5660/6IB
-40 to 85 28 Ld SOIC
M28.3
60MHz
HI5660/6IA
-40 to 85 28 Ld TSSOP M28.173 60MHz
HI5660EVAL1
25
Evaluation Platform
125MHz
28
27
26
25
24
23
22
21
20
19
18
17
16
15
D7 (MSB)
D6
D5
D4
D3
D2
D1
D0 (LSB)
DCOM
DCOM
DCOM
DCOM
DCOM
DCOM
1
2
3
4
5
6
7
8
9
10
11
12
13
14
CLK
DCOM
NC
AVDD
NC
IOUTB
COMP1
FSADJ
REFIO
REFLO
SLEEP
DVDD
IOUTA
ACOM
Data Sheet
November 1999
CAUTION: These devices are sensitive to electrostatic discharge; follow proper IC Handling Procedures.
1-888-INTERSIL or 321-724-7143
| Copyright
© Intersil Corporation 1999
CommLink™ is a trademark of Intersil Corporation.


Similar Part No. - HI5660EVAL1

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HI5660 INTERSIL-HI5660 Datasheet
9Mb / 44P
   Providing high-performance solutions for every link in the signal chain
logo
Renesas Technology Corp
HI5660 RENESAS-HI5660 Datasheet
444Kb / 9P
   8-Bit, 125/60MSPS, High Speed D/A Converter
logo
Intersil Corporation
HI5660 INTERSIL-HI5660 Datasheet
546Kb / 9P
   8-Bit, 125/60MSPS, High Speed D/A Converte
July 2004
HI5660/6IA INTERSIL-HI5660/6IA Datasheet
539Kb / 9P
   8-Bit, 125/60MSPS, High Speed D/A Converter
HI5660/6IA INTERSIL-HI5660/6IA Datasheet
546Kb / 9P
   8-Bit, 125/60MSPS, High Speed D/A Converte
July 2004
More results

Similar Description - HI5660EVAL1

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HI5628 INTERSIL-HI5628 Datasheet
93Kb / 10P
   8-Bit, 165/125/60MSPS, Dual High Speed CMOS D/A Converter
July 1999
HI5660 INTERSIL-HI5660_04 Datasheet
539Kb / 9P
   8-Bit, 125/60MSPS, High Speed D/A Converter
logo
Renesas Technology Corp
HI5660 RENESAS-HI5660 Datasheet
444Kb / 9P
   8-Bit, 125/60MSPS, High Speed D/A Converter
logo
Intersil Corporation
HI5660IB INTERSIL-HI5660IB Datasheet
546Kb / 9P
   8-Bit, 125/60MSPS, High Speed D/A Converte
July 2004
HI5628 INTERSIL-HI5628_00 Datasheet
567Kb / 10P
   8-Bit, 125/60MSPS, Dual High Speed CMOS D/A Converter
logo
Renesas Technology Corp
HI5628 RENESAS-HI5628 Datasheet
500Kb / 10P
   8-Bit, 125/60MSPS, Dual High Speed CMOS D/A Converter
HI5760 RENESAS-HI5760 Datasheet
895Kb / 18P
   10-Bit, 125/60MSPS, High Speed D/A Converter
logo
Intersil Corporation
HI5760 INTERSIL-HI5760 Datasheet
172Kb / 18P
   10-Bit, 125/60MSPS, High Speed D/A Converter
November 1999
HI5760BIB INTERSIL-HI5760BIB Datasheet
521Kb / 18P
   10-Bit, 125/60MSPS, High Speed D/A Converter
March 30, 2005
HI5760 INTERSIL-HI5760_05 Datasheet
516Kb / 18P
   10-Bit, 125/60MSPS, High Speed D/A Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com