Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

WP793SRD-D Datasheet(PDF) 3 Page - Kingbright Corporation

Part # WP793SRD-D
Description  8mm ROUND LED LAMP
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KINGBRIGHT [Kingbright Corporation]
Direct Link  http://www.us.kingbright.com
Logo KINGBRIGHT - Kingbright Corporation

WP793SRD-D Datasheet(HTML) 3 Page - Kingbright Corporation

  WP793SRD-D_15 Datasheet HTML 1Page - Kingbright Corporation WP793SRD-D_15 Datasheet HTML 2Page - Kingbright Corporation WP793SRD-D_15 Datasheet HTML 3Page - Kingbright Corporation WP793SRD-D_15 Datasheet HTML 4Page - Kingbright Corporation WP793SRD-D_15 Datasheet HTML 5Page - Kingbright Corporation WP793SRD-D_15 Datasheet HTML 6Page - Kingbright Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
SPEC NO: DSAF2468
REV NO: V.5A
DATE: JAN/20/2015
PAGE: 3 OF 6
APPROVED: WYNEC
CHECKED: Allen Liu
DRAWN: L.Q.Xie
ERP: 1101007363-01
Super Bright Red
WP793SRD/D


Similar Part No. - WP793SRD-D_15

ManufacturerPart #DatasheetDescription
logo
Kingbright Corporation
WP793SRD-D KINGBRIGHT-WP793SRD-D Datasheet
259Kb / 6P
   8mm ROUND LED LAMP
More results

Similar Description - WP793SRD-D_15

ManufacturerPart #DatasheetDescription
logo
Kingbright Corporation
L-793ID KINGBRIGHT-L-793ID Datasheet
61Kb / 3P
   8mm ROUND LED LAMP
WP793SRD-G KINGBRIGHT-WP793SRD-G Datasheet
261Kb / 6P
   8mm ROUND LED LAMP
WP793SRC-J4 KINGBRIGHT-WP793SRC-J4 Datasheet
338Kb / 5P
   8mm Round LED Lamp
WP793GD KINGBRIGHT-WP793GD Datasheet
260Kb / 6P
   8mm ROUND LED LAMP
WP793SRC-E KINGBRIGHT-WP793SRC-E Datasheet
261Kb / 6P
   8mm ROUND LED LAMP
WP793SRC-D KINGBRIGHT-WP793SRC-D_15 Datasheet
316Kb / 6P
   8mm ROUND LED LAMP
WP793SRD-E KINGBRIGHT-WP793SRD-E_15 Datasheet
316Kb / 6P
   8mm ROUND LED LAMP
WP793SRD-H KINGBRIGHT-WP793SRD-H Datasheet
261Kb / 6P
   8mm ROUND LED LAMP
logo
SunLED Corporation
LM2BG81W SUNLED-LM2BG81W Datasheet
180Kb / 4P
   8mm ROUND LED LAMP
LUS81D SUNLED-LUS81D Datasheet
179Kb / 4P
   8mm ROUND LED LAMP
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com