Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HI5731BIB Datasheet(PDF) 8 Page - Intersil Corporation

Part # HI5731BIB
Description  12-Bit, 100 MSPS, High Speed D/A Converter
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

HI5731BIB Datasheet(HTML) 8 Page - Intersil Corporation

Back Button HI5731BIB Datasheet HTML 4Page - Intersil Corporation HI5731BIB Datasheet HTML 5Page - Intersil Corporation HI5731BIB Datasheet HTML 6Page - Intersil Corporation HI5731BIB Datasheet HTML 7Page - Intersil Corporation HI5731BIB Datasheet HTML 8Page - Intersil Corporation HI5731BIB Datasheet HTML 9Page - Intersil Corporation HI5731BIB Datasheet HTML 10Page - Intersil Corporation HI5731BIB Datasheet HTML 11Page - Intersil Corporation HI5731BIB Datasheet HTML 12Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 15 page
background image
3-8
FIGURE 18. SPURIOUS FREE DYNAMIC RANGE = 71.16dBc
FIGURE 19. SPURIOUS FREE DYNAMIC RANGE = 70.5dBc
FIGURE 20. SPURIOUS FREE DYNAMIC RANGE = 70dBc
Pin Descriptions
PIN NUMBER
PIN NAME
PIN DESCRIPTION
1-12
D11 (MSB) thru
D0 (LSB)
Digital Data Bit 11, the Most Significant Bit thru Digital Data Bit 0, the Least Significant Bit.
15
CLK
Data Clock Pin DC to 100 MSPS.
13, 14
NC
No Connect.
16
DVCC
Digital Logic Supply +5V.
17, 28
DGND
Digital Ground.
18
DVEE
-5.2V Logic supply.
23
RSET
External resistor to set the full scale output current. IFS = 16 x (VREF OUT / RSET). Typically 976Ω.
27
AGND
Analog Ground supply current return pin.
19
ARTN
Analog Signal Return for the R/2R ladder.
21
IOUT
Current Output Pin.
20
IOUT
Complementary Current Output Pin.
22
AVEE
-5.2V Analog Supply.
24
CTRL IN
Input to the current source base rail. Typically connected to CTRL OUT and a 0.1
µF capacitor to AVEE. Allows
external control of the current sources.
25
CTRL OUT
Control Amplifier Out. Provides precision control of the current sources when connected to CTRL IN such that
IFS = 16 x (VREF OUT / RSET).
26
REF OUT
-1.23V (Typ) bandgap reference voltage output. Can sink up to 125
µA or be overdriven by an external
reference capable of delivering up to 2mA.
Typical Performance Curves (Continued)
∆MKR -71.16dB
2.99MHz
10dB/
ATTEN 20dB
RL -10.0dBm
C
S
STOP FREQUENCY 20MHz
START FREQUENCY 500kHz
fC = 40 MSPS
fO = 2.02MHz
∆MKR -70.50dB
1.98MHz
10dB/
ATTEN 20dB
RL -10.0dBm
STOP FREQUENCY 40MHz
START FREQUENCY 500kHz
C
S
fC = 80 MSPS
fO = 2.02MHz
∆MKR -70.00dB
4.13MHz
10dB/
ATTEN 20dB
RL -10.0dBm
C
S
STOP FREQUENCY 50MHz
START FREQUENCY 500kHz
fC = 100 MSPS
fO = 2.02MHz
HI5731


Similar Part No. - HI5731BIB

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HI5731BIB INTERSIL-HI5731BIB Datasheet
528Kb / 17P
   12-Bit, 100MSPS, High Speed D/A Converter
HI5731BIB-T INTERSIL-HI5731BIB-T Datasheet
528Kb / 17P
   12-Bit, 100MSPS, High Speed D/A Converter
HI5731BIBZ INTERSIL-HI5731BIBZ Datasheet
528Kb / 17P
   12-Bit, 100MSPS, High Speed D/A Converter
HI5731BIBZ INTERSIL-HI5731BIBZ Datasheet
1Mb / 18P
   12-Bit, 100MSPS, High Speed D/A Converter
October 2, 2015
logo
Renesas Technology Corp
HI5731BIBZ RENESAS-HI5731BIBZ Datasheet
1Mb / 18P
   12-Bit, 100MSPS, High Speed D/A Converter
More results

Similar Description - HI5731BIB

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HI5741 INTERSIL-HI5741 Datasheet
159Kb / 12P
   14-Bit, 100 MSPS, High Speed D/A Converter
May 2000
logo
Analog Devices
AD9753 AD-AD9753 Datasheet
904Kb / 26P
   12-Bit, 300 MSPS High-Speed TxDACD/A Converter
REV. 0
AD9753ASTZ AD-AD9753ASTZ Datasheet
820Kb / 28P
   12-Bit, 300 MSPS High Speed TxDAC D/A Converter
REV. B
logo
Intersil Corporation
HI5735 INTERSIL-HI5735 Datasheet
136Kb / 12P
   12-Bit, 80 MSPS, High Speed Video D/A Converter
January 1998
HI5735 INTERSIL-HI5735_04 Datasheet
259Kb / 11P
   12-Bit, 80 MSPS, High Speed Video D/A Converter
logo
Renesas Technology Corp
HI5735 RENESAS-HI5735 Datasheet
649Kb / 11P
   12-Bit, 80 MSPS, High Speed Video D/A Converter
logo
Intersil Corporation
ISL5857IBZ INTERSIL-ISL5857IBZ Datasheet
752Kb / 14P
   12-bit, 3.3V, 260MSPS, High Speed D/A Converter
October 7, 2015
ISL5857 INTERSIL-ISL5857 Datasheet
637Kb / 13P
   12-bit, 3.3V, 260MSPS, High Speed D/A Converter
logo
Renesas Technology Corp
ISL5857 RENESAS-ISL5857 Datasheet
1,020Kb / 14P
   12-bit, 3.3V, 260MSPS, High Speed D/A Converter
ISL5861 RENESAS-ISL5861 Datasheet
950Kb / 14P
   12-bit, 3.3V, 130/210MSPS, High Speed D/A Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com