Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HI5735KCP Datasheet(PDF) 9 Page - Intersil Corporation

Part # HI5735KCP
Description  12-Bit, 80 MSPS, High Speed Video D/A Converter
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

HI5735KCP Datasheet(HTML) 9 Page - Intersil Corporation

Back Button HI5735KCP Datasheet HTML 4Page - Intersil Corporation HI5735KCP Datasheet HTML 5Page - Intersil Corporation HI5735KCP Datasheet HTML 6Page - Intersil Corporation HI5735KCP Datasheet HTML 7Page - Intersil Corporation HI5735KCP Datasheet HTML 8Page - Intersil Corporation HI5735KCP Datasheet HTML 9Page - Intersil Corporation HI5735KCP Datasheet HTML 10Page - Intersil Corporation HI5735KCP Datasheet HTML 11Page - Intersil Corporation HI5735KCP Datasheet HTML 12Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
1629
Applications
Bipolar Applications
To convert the output of the HI5735 to a bipolar 4V swing, the
following applications circuit is recommended. The reference
can only provide 125
µA of drive, so it must be buffered to
create the bipolar offset current needed to generate the -2V
output with all bits “off”. The output current must be converted
to a voltage and then gained up and offset to produce the
proper swing. Care must be taken to compensate for the
voltage swing and error
Definition of Specifications
Integral Linearity Error, INL, is the measure of the worst
case point that deviates from a best fit straight line of data
values along the transfer curve.
Differential Linearity Error, DNL, is the measure of the
error in step size between adjacent codes along the con-
verter’s transfer curve. Ideally, the step size is 1 LSB from
one code to the next, and the deviation from 1 LSB is known
as DNL. A DNL specification of greater than -1 LSB guaran-
tees monotonicity.
Feedthru, is the measure of the undesirable switching noise
coupled to the output.
Output Voltage Full Scale Settling Time, is the time
required from the 50% point on the clock input for a full scale
step to settle within an
±1/2 LSB error band.
Output Voltage Small Scale Settling Time, is the time
required from the 50% point on the clock input for a 100mV
step to settle within an 1/2 LSB error band. This is used by
applications reconstructing highly correlated signals such as
sine waves with more than 5 points per cycle.
Glitch Area, GE, is the switching transient appearing on the
output during a code transition. It is measured as the area
under the curve and expressed as a picoVolt•Time
specification (typically pV•s).
Differential Gain,
∆AV, is the gain error from an ideal sine
wave with a normalized amplitude.
Differential Phase,
∆Φ, is the phase error from an ideal
sine wave.
Signal to Noise Ratio, SNR, is the ratio of a fundamental to
the noise floor of the analog output. The first 5 harmonics
are ignored, and an output filter of 1/2 the clock frequency is
used to eliminate alias products.
Total Harmonic Distortion, THD, is the ratio of the DAC
output fundamental to the RMS sum of the harmonics. The
first 5 harmonics are included, and an output filter of 1/2 the
clock frequency is used to eliminate alias products.
Spurious Free Dynamic Range, SFDR, is the amplitude
difference from a fundamental to the largest harmonically or
non-harmonically related spur. A sine wave is loaded into the
D/A and the output filtered at 1/2 the clock frequency to
eliminate noise from clocking alias terms.
Intermodulation Distortion, IMD, is the measure of the
sum and difference products produced when a two tone
input is driven into the D/A. The distortion products created
will arise at sum and difference frequencies of the two tones.
IMD can be calculated using the following equation:
FIGURE 13. MEASURING GLITCH ENERGY
a (mV)
t (ns)
GLITCH ENERGY = (
a x t)/2
HI5735
REF OUT
IOUT
1/2 CA2904
+
-
+
-
+
-
50
5k
1/2 CA2904
5k
60
240
240
HFA1100
VOUT
0.1
µF
FIGURE 14. BIPOLAR OUTPUT CONFIGURATION
(21)
(26)
IMD
20Log (RMS of Sum and Difference Distortion Products)
RMS Amplitude of the Fundamental
()
------------------------------------------------------------------------------------------------------------------------------------------------------- .
=
HI5735


Similar Part No. - HI5735KCP

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HI5735KCB INTERSIL-HI5735KCB Datasheet
259Kb / 11P
   12-Bit, 80 MSPS, High Speed Video D/A Converter
logo
Renesas Technology Corp
HI5735KCB RENESAS-HI5735KCB Datasheet
649Kb / 11P
   12-Bit, 80 MSPS, High Speed Video D/A Converter
logo
Intersil Corporation
HI5735KCBZ INTERSIL-HI5735KCBZ Datasheet
259Kb / 11P
   12-Bit, 80 MSPS, High Speed Video D/A Converter
More results

Similar Description - HI5735KCP

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HI5735 INTERSIL-HI5735_04 Datasheet
259Kb / 11P
   12-Bit, 80 MSPS, High Speed Video D/A Converter
logo
Renesas Technology Corp
HI5735 RENESAS-HI5735 Datasheet
649Kb / 11P
   12-Bit, 80 MSPS, High Speed Video D/A Converter
logo
Analog Devices
AD9432BSQZ-80 AD-AD9432BSQZ-80 Datasheet
504Kb / 20P
   12-Bit, 80 MSPS/105 MSPS A/D Converter
Rev. E
AD9432 AD-AD9432 Datasheet
498Kb / 20P
   12-Bit, 80 MSPS/105 MSPS A/D Converter
REV. E
logo
National Semiconductor ...
ADC12C080 NSC-ADC12C080 Datasheet
451Kb / 24P
   12-Bit, 65/80 MSPS A/D Converter
logo
Cadeka Microcircuits LL...
TMC3033 CADEKA-TMC3033 Datasheet
216Kb / 12P
   Triple Video D/A Converter 10 bit, 80 Msps
TMC3003 CADEKA-TMC3003 Datasheet
200Kb / 12P
   Triple Video D/A Converter 10 bit, 80 Msps
logo
Texas Instruments
THS8134 TI1-THS8134_14 Datasheet
408Kb / 26P
[Old version datasheet]   TRIPLE 8-BIT, 80 MSPS VIDEO D/A CONVERTER
logo
Fairchild Semiconductor
TMC3033 FAIRCHILD-TMC3033 Datasheet
119Kb / 12P
   Triple Video D/A Converter 10 bit, 80 Msps
logo
Intersil Corporation
HI5731 INTERSIL-HI5731 Datasheet
370Kb / 15P
   12-Bit, 100 MSPS, High Speed D/A Converter
May 2000
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com