Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HI5731-EVS Datasheet(PDF) 7 Page - Intersil Corporation

Part # HI5731-EVS
Description  12-Bit, 100 MSPS, High Speed D/A Converter
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

HI5731-EVS Datasheet(HTML) 7 Page - Intersil Corporation

Back Button HI5731-EVS Datasheet HTML 3Page - Intersil Corporation HI5731-EVS Datasheet HTML 4Page - Intersil Corporation HI5731-EVS Datasheet HTML 5Page - Intersil Corporation HI5731-EVS Datasheet HTML 6Page - Intersil Corporation HI5731-EVS Datasheet HTML 7Page - Intersil Corporation HI5731-EVS Datasheet HTML 8Page - Intersil Corporation HI5731-EVS Datasheet HTML 9Page - Intersil Corporation HI5731-EVS Datasheet HTML 10Page - Intersil Corporation HI5731-EVS Datasheet HTML 11Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 15 page
background image
3-7
FIGURE 12. SPURIOUS FREE DYNAMIC RANGE = -81.67dBc
FIGURE 13. SPURIOUS FREE DYNAMIC RANGE = 77dBc
FIGURE 14. SPURIOUS FREE DYNAMIC RANGE = -85.60dBc
FIGURE 15. SPURIOUS FREE DYNAMIC RANGE = 85.5dBc
FIGURE 16. SPURIOUS FREE DYNAMIC RANGE = 80.5dBc
FIGURE 17. SPURIOUS FREE DYNAMIC RANGE = 72.17dBc
Typical Performance Curves (Continued)
∆MKR -81.67dB
-953kHz
10dB/
ATTEN 20dB
RL -10.0dBm
SPAN 2.000MHz
CENTER 10.100MHz
C
S
fC = 50 MSPS
∆MKR -77.00dB
-93kHz
10dB/
ATTEN 20dB
RL -10.0dBm
SPAN 2.000MHz
CENTER 5.097MHz
C
fC = 80 MSPS
∆MKR -85.60dB
-33kHz
10dB/
ATTEN 20dB
RL -10.0dBm
SPAN 2.000MHz
CENTER 2.027MHz
S
C
fC = 100 MSPS
∆MKR -85.50dB
73kHz
10dB/
ATTEN 20dB
RL -10.0dBm
SPAN 2.000MHz
CENTER 5.000MHz
S
C
fC = 100 MSPS
∆MKR -80.50dB
-807kHz
10dB/
ATTEN 20dB
RL -10.0dBm
SPAN 2.000MHz
CENTER 10.133MHz
fC = 100 MSPS
∆MKR -72.17dB
-467kHz
10dB/
ATTEN 20dB
RL -10.0dBm
SPAN 2.000MHz
CENTER 26.637MHz
C
S
fC = 100 MSPS
HI5731


Similar Part No. - HI5731-EVS

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HI5731-EVS INTERSIL-HI5731-EVS Datasheet
528Kb / 17P
   12-Bit, 100MSPS, High Speed D/A Converter
More results

Similar Description - HI5731-EVS

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HI5741 INTERSIL-HI5741 Datasheet
159Kb / 12P
   14-Bit, 100 MSPS, High Speed D/A Converter
May 2000
logo
Analog Devices
AD9753 AD-AD9753 Datasheet
904Kb / 26P
   12-Bit, 300 MSPS High-Speed TxDACD/A Converter
REV. 0
AD9753ASTZ AD-AD9753ASTZ Datasheet
820Kb / 28P
   12-Bit, 300 MSPS High Speed TxDAC D/A Converter
REV. B
logo
Intersil Corporation
HI5735 INTERSIL-HI5735 Datasheet
136Kb / 12P
   12-Bit, 80 MSPS, High Speed Video D/A Converter
January 1998
HI5735 INTERSIL-HI5735_04 Datasheet
259Kb / 11P
   12-Bit, 80 MSPS, High Speed Video D/A Converter
logo
Renesas Technology Corp
HI5735 RENESAS-HI5735 Datasheet
649Kb / 11P
   12-Bit, 80 MSPS, High Speed Video D/A Converter
logo
Intersil Corporation
ISL5857IBZ INTERSIL-ISL5857IBZ Datasheet
752Kb / 14P
   12-bit, 3.3V, 260MSPS, High Speed D/A Converter
October 7, 2015
ISL5857 INTERSIL-ISL5857 Datasheet
637Kb / 13P
   12-bit, 3.3V, 260MSPS, High Speed D/A Converter
logo
Renesas Technology Corp
ISL5857 RENESAS-ISL5857 Datasheet
1,020Kb / 14P
   12-bit, 3.3V, 260MSPS, High Speed D/A Converter
ISL5861 RENESAS-ISL5861 Datasheet
950Kb / 14P
   12-bit, 3.3V, 130/210MSPS, High Speed D/A Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com