Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HI5766KCA Datasheet(PDF) 1 Page - Intersil Corporation

Part # HI5766KCA
Description  10-Bit, 60 MSPS A/D Converter
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

HI5766KCA Datasheet(HTML) 1 Page - Intersil Corporation

  HI5766KCA Datasheet HTML 1Page - Intersil Corporation HI5766KCA Datasheet HTML 2Page - Intersil Corporation HI5766KCA Datasheet HTML 3Page - Intersil Corporation HI5766KCA Datasheet HTML 4Page - Intersil Corporation HI5766KCA Datasheet HTML 5Page - Intersil Corporation HI5766KCA Datasheet HTML 6Page - Intersil Corporation HI5766KCA Datasheet HTML 7Page - Intersil Corporation HI5766KCA Datasheet HTML 8Page - Intersil Corporation HI5766KCA Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
31
CAUTION: These devices are sensitive to electrostatic discharge; follow proper IC Handling Procedures.
1-888-INTERSIL or 321-724-7143
| Copyright
© Intersil Corporation 1999
HI5766
10-Bit, 60 MSPS A/D Converter
The HI5766 is a monolithic, 10-bit, analog-to-digital
converter fabricated in a CMOS process. It is designed for
high speed applications where wide bandwidth and low
power consumption are essential. Its 60 MSPS speed is
made possible by a fully differential pipelined architecture
with an internal sample and hold.
The HI5766 has excellent dynamic performance while
consuming only 260mW power at 60 MSPS. Data output
latches are provided which present valid data to the output
bus with a latency of 7 clock cycles. It is pin-for-pin
functionally compatible with the HI5702, HI5703 and the
HI5746.
For internal voltage reference, please refer to the HI5767
data sheet.
Features
• Sampling Rate . . . . . . . . . . . . . . . . . . . . . . . . . . 60 MSPS
• 8.3 Bits at fIN = 10MHz
• Low Power at 60 MSPS . . . . . . . . . . . . . . . . . . . . 260mW
• Wide Full Power Input Bandwidth. . . . . . . . . . . . . 250MHz
• On Chip Sample and Hold
• Fully Differential or Single-Ended Analog Input
• Single Supply Voltage. . . . . . . . . . . . . . . . . . . . . . . . . +5V
• TTL/CMOS Compatible Digital Inputs
• CMOS Compatible Digital Outputs . . . . . . . . . . . . 3.0/5.0V
• Offset Binary or Two’s Complement Output Format
Applications
• Professional Video Digitizing
• Medical Imaging
• Digital Communication Systems
• High Speed Data Acquisition
Pinout
HI5766
(SOIC, SSOP)
TOP VIEW
Ordering Information
PART
NUMBER
TEMP.
RANGE (oC)
PACKAGE
PKG.
NO.
HI5766KCB
0 to 70
28 Ld SOIC (W)
M28.3
HI5766KCA
0 to 70
28 Ld SSOP
M28.15
HI5766EVAL1
25
Evaluation Board
28
27
26
25
24
23
22
21
20
19
18
17
16
15
DVCC1
DGND
DVCC1
DGND
AVCC
AGND
VREF+
VREF-
VIN+
VIN-
VDC
AGND
AVCC
OE
1
2
3
4
5
6
7
8
9
10
11
12
13
14
D0
D2
D3
D4
DVCC2
DGND
D6
D7
D8
D9
DFS
D1
CLK
D5
Data Sheet
February 1999
File Number
4130.5


Similar Part No. - HI5766KCA

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HI5766KCA INTERSIL-HI5766KCA Datasheet
799Kb / 16P
   10-Bit, 60MSPS A/D Converter
logo
Renesas Technology Corp
HI5766KCA RENESAS-HI5766KCA Datasheet
779Kb / 16P
   10-Bit, 60MSPS A/D Converter
logo
Intersil Corporation
HI5766KCAZ INTERSIL-HI5766KCAZ Datasheet
799Kb / 16P
   10-Bit, 60MSPS A/D Converter
logo
Renesas Technology Corp
HI5766KCAZ RENESAS-HI5766KCAZ Datasheet
779Kb / 16P
   10-Bit, 60MSPS A/D Converter
More results

Similar Description - HI5766KCA

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD9051 AD-AD9051_15 Datasheet
644Kb / 11P
   10-Bit, 60 MSPS A/D Converter
REV. C
logo
Cadeka Microcircuits LL...
SPT7866 CADEKA-SPT7866 Datasheet
148Kb / 8P
   10-BIT, 60 MSPS A/D CONVERTER
logo
Analog Devices
AD9051BRSZ AD-AD9051BRSZ Datasheet
644Kb / 11P
   10-Bit, 60 MSPS A-D Converter
REV. C
AD9020 AD-AD9020_15 Datasheet
245Kb / 12P
   10-Bit 60 MSPS A/D Converter
REV. C
AD9020 AD-AD9020 Datasheet
204Kb / 12P
   10-Bit 60 MSPS A/D Converter
REV. A
AD9051 AD-AD9051 Datasheet
142Kb / 12P
   10-Bit, 60 MSPS A/D Converter
REV. A
AD9050 AD-AD9050 Datasheet
151Kb / 12P
   10-Bit, 40 MSPS/60 MSPS A/D Converter
REV. B
AD9050 AD-AD9050_15 Datasheet
154Kb / 12P
   10-Bit, 40 MSPS/60 MSPS A/D Converter
REV. B
AD9057 AD-AD9057 Datasheet
184Kb / 12P
   8-Bit 40 MSPS/60 MSPS/80 MSPS A/D Converter
REV. B
AD9057BRSZ-40 AD-AD9057BRSZ-40 Datasheet
286Kb / 12P
   8-Bit 40 MSPS/60 MSPS/80 MSPS A/D Converter
REV. D
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com