Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADF4106BRU Datasheet(PDF) 10 Page - Analog Devices

Part # ADF4106BRU
Description  PLL Frequency Synthesizer
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADF4106BRU Datasheet(HTML) 10 Page - Analog Devices

Back Button ADF4106BRU Datasheet HTML 6Page - Analog Devices ADF4106BRU Datasheet HTML 7Page - Analog Devices ADF4106BRU Datasheet HTML 8Page - Analog Devices ADF4106BRU Datasheet HTML 9Page - Analog Devices ADF4106BRU Datasheet HTML 10Page - Analog Devices ADF4106BRU Datasheet HTML 11Page - Analog Devices ADF4106BRU Datasheet HTML 12Page - Analog Devices ADF4106BRU Datasheet HTML 13Page - Analog Devices ADF4106BRU Datasheet HTML 14Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 24 page
background image
ADF4106
Data Sheet
Rev. E | Page 10 of 24
GENERAL DESCRIPTION
REFERENCE INPUT SECTION
The reference input stage is shown in Figure 17. SW1 and SW2
are normally closed switches. SW3 is a normally open switch.
When power-down is initiated, SW3 is closed and SW1 and
SW2 are opened. This ensures that there is no loading of the
REFIN pin on power-down.
100k
NC
REFIN
NC
NO
SW1
SW2
BUFFER
SW3
TO R COUNTER
POWER-DOWN
CONTROL
Figure 17. Reference Input Stage
RF INPUT STAGE
The RF input stage is shown in Figure 18. It is followed by a
2-stage limiting amplifier to generate the CML clock levels
needed for the prescaler.
500
1.6V
500
AGND
RFINA
RFINB
AVDD
BIAS
GENERATOR
Figure 18. RF Input Stage
PRESCALER (P/P +1)
The dual-modulus prescaler (P/P + 1), along with the A counter
and B counter, enables the large division ratio, N, to be realized
(N = BP + A). The dual-modulus prescaler, operating at CML
levels, takes the clock from the RF input stage and divides it
down to a manageable frequency for the CMOS A counter and
B counter. The prescaler is programmable. It can be set in soft-
ware to 8/9, 16/17, 32/33, or 64/65. It is based on a synchronous
4/5 core. There is a minimum divide ratio possible for fully
contiguous output frequencies. This minimum is determined by
P, the prescaler value, and is given by (P2 − P).
A COUNTER AND B COUNTER
The A counter and B CMOS counter combine with the dual
modulus prescaler to allow a wide ranging division ratio in the
PLL feedback counter. The counters are specified to work when
the prescaler output is 325 MHz or less. Thus, with an RF input
frequency of 4.0 GHz, a prescaler value of 16/17 is valid, but a
value of 8/9 is not valid.
Pulse Swallow Function
The A counter and B counter, in conjunction with the dual-
modulus prescaler, make it possible to generate output
frequencies that are spaced only by the reference frequency
divided by R. The equation for the VCO frequency is


R
REFIN
f
A
B
P
VCO
f
where:
fVCO is the output frequency of the external voltage controlled
oscillator (VCO).
P is the preset modulus of the dual-modulus prescaler
(8/9, 16/17, etc.).
B is the preset divide ratio of the binary 13-bit counter
(3 to 8191).
A is the preset divide ratio of the binary 6-bit swallow
counter (0 to 63).
fREFIN is the external reference frequency oscillator.
LOAD
LOAD
FROM RF
INPUT STAGE
PRESCALER
P/P + 1
13-BIT B
COUNTER
TO PFD
6-BIT A
COUNTER
N DIVIDER
MODULUS
CONTROL
N = BP + A
Figure 19. A and B Counters
R COUNTER
The 14-bit R counter allows the input reference frequency to
be divided down to produce the reference clock to the phase
frequency detector (PFD). Division ratios from 1 to 16,383
are allowed.


Similar Part No. - ADF4106BRU

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADF4106BRU AD-ADF4106BRU Datasheet
228Kb / 20P
   PLL Frequency Synthesizer
REV. 0
ADF4106BRU AD-ADF4106BRU Datasheet
361Kb / 24P
   PLL Frequency Synthesizer
Rev. E
ADF4106BRU-REEL AD-ADF4106BRU-REEL Datasheet
361Kb / 24P
   PLL Frequency Synthesizer
Rev. E
ADF4106BRU-REEL7 AD-ADF4106BRU-REEL7 Datasheet
361Kb / 24P
   PLL Frequency Synthesizer
Rev. E
ADF4106BRUZ AD-ADF4106BRUZ Datasheet
361Kb / 24P
   PLL Frequency Synthesizer
Rev. E
More results

Similar Description - ADF4106BRU

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TB31206FN TOSHIBA-TB31206FN Datasheet
602Kb / 15P
   PLL FREQUENCY SYNTHESIZER
logo
Analog Devices
ADF4107 AD-ADF4107_15 Datasheet
470Kb / 20P
   PLL Frequency Synthesizer
REV. D
ADF4108 AD-ADF4108 Datasheet
445Kb / 20P
   PLL Frequency Synthesizer
REV. 0
ADF4107BCPZ AD-ADF4107BCPZ Datasheet
470Kb / 20P
   PLL Frequency Synthesizer
Rev. D
EVAL-ADF4108EBZ1 AD-EVAL-ADF4108EBZ1 Datasheet
404Kb / 20P
   PLL Frequency Synthesizer
REV. B
logo
Sanyo Semicon Device
LC72131K SANYO-LC72131K Datasheet
206Kb / 22P
   PLL Frequency Synthesizer
logo
Analog Devices
ADF4108S AD-ADF4108S Datasheet
791Kb / 21P
   PLL Frequency Synthesizer
REV. A
logo
Infineon Technologies A...
PMB2304R INFINEON-PMB2304R Datasheet
1Mb / 33P
   PLL-FREQUENCY SYNTHESIZER
Version 2.1 June 2002
logo
LANSDALE Semiconductor ...
ML145106 LANSDALE-ML145106_08 Datasheet
151Kb / 8P
   PLL Frequency Synthesizer
logo
Analog Devices
ADF4106 AD-ADF4106 Datasheet
228Kb / 20P
   PLL Frequency Synthesizer
REV. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com