Electronic Components Datasheet Search |
|
ADF4110BCPZ-RL Datasheet(PDF) 7 Page - Analog Devices |
|
ADF4110BCPZ-RL Datasheet(HTML) 7 Page - Analog Devices |
7 / 28 page Data Sheet ADF4110/ADF4111/ADF4112/ADF4113 Rev. F | Page 7 of 28 PIN CONFIGURATIONS AND FUNCTION DESCRIPTIONS 1 2 3 4 5 6 7 8 16 15 14 13 12 11 10 9 DVDD MUXOUT LE VP DATA CLK CE DGND RSET CP CPGND AGND RFINB RFINA AVDD REFIN TOP VIEW (Not to Scale) ADF4110 ADF4111 ADF4112 ADF4113 NOTES 1. THE EXPOSED PADDLE SHOULD BE CONNECTED TO AGND. 14 13 12 1 3 4 LE 15 MUXOUT DATA CLK 11 CE CPGND AGND 2 AGND RFINB 5 RFINA ADF4110 ADF4111 ADF4112 ADF4113 TOP VIEW (Not to Scale) Figure 3. TSSOP Pin Configuration Figure 4. LFCSP Pin Configuration Table 4. Pin Function Descriptions TSSOP Pin No. LFCSP Pin No. Mnemonic Function 1 19 RSET Connecting a resistor between this pin and CPGND sets the maximum charge pump output current. The nominal voltage potential at the RSET pin is 0.56 V. The relationship between ICP and RSET is SET max CP R I 5 . 23 = So, with RSET = 4.7 kΩ, ICPmax = 5 mA. 2 20 CP Charge Pump Output. When enabled, this provides ±ICP to the external loop filter, which in turn drives the external VCO. 3 1 CPGND Charge Pump Ground. This is the ground return path for the charge pump. 4 2, 3 AGND Analog Ground. This is the ground return path of the prescaler. 5 4 RFINB Complementary Input to the RF Prescaler. This point should be decoupled to the ground plane with a small bypass capacitor, typically 100 pF. See Figure 29. 6 5 RFINA Input to the RF Prescaler. This small-signal input is ac-coupled from the VCO. 7 6, 7 AVDD Analog Power Supply. This may range from 2.7 V to 5.5 V. Decoupling capacitors to the analog ground plane should be placed as close as possible to this pin. AVDD must be the same value as DVDD. 8 8 REFIN Reference Input. This is a CMOS input with a nominal threshold of VDD/2, and an equivalent input resistance of 100 kΩ. See Figure 28. This input can be driven from a TTL or CMOS crystal oscillator, or can be ac-coupled. 9 9, 10 DGND Digital Ground. 10 11 CE Chip Enable. A logic low on this pin powers down the device and puts the charge pump output into three-state mode. Taking the pin high powers up the device depending on the status of the power- down Bit F2. 11 12 CLK Serial Clock Input. This serial clock is used to clock in the serial data to the registers. The data is latched into the 24-bit shift register on the CLK rising edge. This input is a high impedance CMOS input. 12 13 DATA Serial Data Input. The serial data is loaded MSB first with the two LSBs being the control bits. This input is a high impedance CMOS input. 13 14 LE Load Enable, CMOS Input. When LE goes high, the data stored in the shift registers is loaded into one of the four latches; the latch is selected using the control bits. 14 15 MUXOUT This multiplexer output allows either the lock detect, the scaled RF, or the scaled reference frequency to be accessed externally. 15 16, 17 DVDD Digital Power Supply. This may range from 2.7 V to 5.5 V. Decoupling capacitors to the digital ground plane should be placed as close as possible to this pin. DVDD must be the same value as AVDD. 16 18 VP Charge Pump Power Supply. This should be greater than or equal to VDD. In systems where VDD is 3 V, VP can be set to 6 V and used to drive a VCO with a tuning range of up to 6 V. 1 EPAD Exposed Pad (LFCSP Only). The exposed paddle should be connected to AGND. |
Similar Part No. - ADF4110BCPZ-RL |
|
Similar Description - ADF4110BCPZ-RL |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |