Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HI5800JCD Datasheet(PDF) 2 Page - Intersil Corporation

Part # HI5800JCD
Description  12-Bit, 3MSPS, Sampling A/D Converter
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

HI5800JCD Datasheet(HTML) 2 Page - Intersil Corporation

  HI5800JCD Datasheet HTML 1Page - Intersil Corporation HI5800JCD Datasheet HTML 2Page - Intersil Corporation HI5800JCD Datasheet HTML 3Page - Intersil Corporation HI5800JCD Datasheet HTML 4Page - Intersil Corporation HI5800JCD Datasheet HTML 5Page - Intersil Corporation HI5800JCD Datasheet HTML 6Page - Intersil Corporation HI5800JCD Datasheet HTML 7Page - Intersil Corporation HI5800JCD Datasheet HTML 8Page - Intersil Corporation HI5800JCD Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 15 page
background image
2
Functional Block Diagram
Typical Application Schematic
REFERENCE
REFOUT
REFIN
ADJ+
ADJ-
VIN
S AND H
7-BIT
FLASH
7-BIT
DAC
X32
7-BIT
LATCH
7-BIT
LATCH
CONTROL
LOGIC
AND
TIMING
RGADJ
ROADJ
IRQ
CS
CONV
OE
AO
D0 (LSB)
D1
D2
DIGITAL
OUTPUTS
D10
D11 (MSB)
OVF
AVCC
AVEE
DVCC
DVEE
AGND
DGND
+10
µF
C1
R11
R9
(10)
(9)
(8)
(3)
(2)
(38)
(21)
(11)
(4)
(15)
(14)
(16)
(33)
(17)
(39)
(40)
(6)
(37)
(36)
(32)
(19)
(31)
(35)
(34)
(29)
(12)
(7)
(28)
(27)
(26)
(25)
(24)
(23)
(22)
(5)
(1)
HI5800
REF_IN
REF_OUT
VIN
CONV
OE
A0
CS
RO_ADJ
RG_ADJ
ADJ+
ADJ-
DGND
DGND
AGND
AGND
AGND
AVEE
AVCC
AVCC
DVCC
OVF
IRQ
(LSB)
D10
D9
D8
D7
D6
D5
D4
D3
D2
D1
D0
(MSB) D11
DVEE
(18)
C22
C23
AVCC
AVEE
AS CLOSE TO PART AS POSSIBLE
10
µF, 0.1µF, AND 0.01µF CAPS ARE PLACED
D11
D10
D9
D8
D7
D6
D5
D4
D3
D2
D1
D0
CS
A0
OE
OVF
IRQ
BNC
CONV
0.01
µF
10K
10K
0.1
µF
(20)
(13) (30)
GND
VIN
10
µF
0.1
µF
0.1
µF
10
µF
0.1
µF
10
µF
+
+
+
0.1
µF
+
10
µF
R10
10K
HI5800


Similar Part No. - HI5800JCD

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HI5800JCD INTERSIL-HI5800JCD Datasheet
957Kb / 15P
   12-Bit, 3MSPS, Sampling A/D Converter
More results

Similar Description - HI5800JCD

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC1412 LINER-LTC1412 Datasheet
499Kb / 16P
   12-Bit, 3Msps, Sampling A/D Converter
logo
Intersil Corporation
HI5800 INTERSIL-HI5800_00 Datasheet
957Kb / 15P
   12-Bit, 3MSPS, Sampling A/D Converter
logo
Linear Technology
LTC1412 LINER-LTC1412_15 Datasheet
343Kb / 16P
   12-Bit, 3Msps, Sampling A/D Converter
logo
Sipex Corporation
SP7800A SIPEX-SP7800A Datasheet
171Kb / 13P
   12-Bit 3ms Sampling A/D Converter
SP8538 SIPEX-SP8538 Datasheet
305Kb / 12P
   Micropower Sampling 12-Bit A/D Converter
SP8528 SIPEX-SP8528 Datasheet
181Kb / 12P
   Micropower Sampling 12-Bit A/D Converter
logo
Linear Technology
LTC1407 LINER-LTC1407 Datasheet
443Kb / 24P
   Serial 12-Bit/14-Bit, 3Msps Simultaneous Sampling Simultaneous Sampling
LTC1272 LINER-LTC1272 Datasheet
340Kb / 20P
   12-Bit, 3us, 250kHz Sampling A/D Converter
logo
Cadeka Microcircuits LL...
SPT7936 CADEKA-SPT7936 Datasheet
162Kb / 8P
   12-BIT, 28 MSPS SAMPLING A/D CONVERTER
logo
National Semiconductor ...
ADC1242 NSC-ADC1242 Datasheet
254Kb / 14P
   12-Bit Plus Sign Sampling A/D Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com