Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HI5805BIB Datasheet(PDF) 4 Page - Intersil Corporation

Part # HI5805BIB
Description  12-Bit, 5MSPS A/D Converter
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

HI5805BIB Datasheet(HTML) 4 Page - Intersil Corporation

  HI5805BIB Datasheet HTML 1Page - Intersil Corporation HI5805BIB Datasheet HTML 2Page - Intersil Corporation HI5805BIB Datasheet HTML 3Page - Intersil Corporation HI5805BIB Datasheet HTML 4Page - Intersil Corporation HI5805BIB Datasheet HTML 5Page - Intersil Corporation HI5805BIB Datasheet HTML 6Page - Intersil Corporation HI5805BIB Datasheet HTML 7Page - Intersil Corporation HI5805BIB Datasheet HTML 8Page - Intersil Corporation HI5805BIB Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
119
INTERNAL VOLTAGE REFERENCE
Reference Output Voltage, VROUT (Loaded)
-
3.5
-
V
Reference Output Current
--
1
mA
Reference Temperature Coefficient
-
200
-
ppm/oC
REFERENCE VOLTAGE INPUT
Reference Voltage Input, VRIN
-
3.5
-
V
Total Reference Resistance, RL
-
7.8
-
k
Reference Current
-
450
-
µA
DC BIAS VOLTAGE
DC Bias Voltage Output, VDC
-
2.3
-
V
Max Output Current (Not To Exceed)
-
-
1
mA
DIGITAL INPUTS (CLK)
Input Logic High Voltage, VIH
2.0
-
-
V
Input Logic Low Voltage, VIL
-
-
0.8
V
Input Logic High Current, IIH
VCLK = 5V
-
-
10.0
µA
Input Logic Low Current, IIL
VCLK = 0V
-
-
10.0
µA
Input Capacitance, CIN
-7-
pF
DIGITAL OUTPUTS (D0-D11)
Output Logic Sink Current, IOL
VO = 0.4V (Note 2)
1.6
-
-
mA
DVCC3 = 3.0V, VO = 0.4V
-
1.6
-
mA
Output Logic Source Current, IOH
VO = 2.4V (Note 2)
-0.2
-
-
mA
DVCC3 = 3.0V, VO = 2.4V
-
-0.2
-
mA
Output Capacitance, COUT
-5-
pF
TIMING CHARACTERISTICS
Aperture Delay, tAP
-5-
ns
Aperture Jitter, tAJ
-
5
-
ps (RMS)
Data Output Delay, tOD
-8-
ns
Data Output Hold, tH
-8-
ns
Data Latency, tLAT
For a Valid Sample (Note 2)
-
-
3
Cycles
Clock Pulse Width (Low)
5MSPS Clock
90
100
110
ns
Clock Pulse Width (High)
5MSPS Clock
90
100
110
ns
POWER SUPPLY CHARACTERISTICS
Total Supply Current, ICC
VIN+ - VIN- = 2V
-
60
70
mA
Analog Supply Current, AICC
VIN+ - VIN- = 2V
-
46
-
mA
Digital Supply Current, DICC1
VIN+ - VIN- = 2V
-
13
-
mA
Output Supply Current, DICC2
VIN+ - VIN- = 2V
-
1
-
mA
Power Dissipation
VIN+ - VIN- = 2V
-
300
350
mW
Offset Error PSRR,
∆VOS
AVCC or DVCC = 5V ±5%
-
2
-
LSB
Gain Error PSRR,
∆FSE
AVCC or DVCC = 5V ±5%
-
30
-
LSB
NOTES:
2. Parameter guaranteed by design or characterization and not production tested.
3. With the clock off (clock low, hold mode).
Electrical Specifications
AVCC = DVCC1 = DVCC2 = DVCC3 = +5.0V, fS = 5MSPS at 50% Duty Cycle, VRIN = 3.5V, CL = 10pF,
TA = -40
oC to 85oC, Differential Analog Input, Typical Values are Test Results at 25oC,
Unless Otherwise Specified (Continued)
PARAMETER
TEST CONDITION
HI5805BIB (-40oC TO 85oC)
UNITS
MIN
TYP
MAX
HI5805


Similar Part No. - HI5805BIB

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HI5805BIB INTERSIL-HI5805BIB Datasheet
613Kb / 12P
   12-Bit, 5MSPS A/D Converter
logo
Renesas Technology Corp
HI5805BIB RENESAS-HI5805BIB Datasheet
581Kb / 12P
   12-Bit, 5MSPS A/D Converter
logo
Intersil Corporation
HI5805BIBZ INTERSIL-HI5805BIBZ Datasheet
613Kb / 12P
   12-Bit, 5MSPS A/D Converter
logo
Renesas Technology Corp
HI5805BIBZ RENESAS-HI5805BIBZ Datasheet
581Kb / 12P
   12-Bit, 5MSPS A/D Converter
More results

Similar Description - HI5805BIB

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
HI5805 RENESAS-HI5805 Datasheet
581Kb / 12P
   12-Bit, 5MSPS A/D Converter
logo
Intersil Corporation
HI5805 INTERSIL-HI5805_05 Datasheet
613Kb / 12P
   12-Bit, 5MSPS A/D Converter
logo
Renesas Technology Corp
HI5905 RENESAS-HI5905 Datasheet
598Kb / 11P
   14-Bit, 5MSPS A/D Converter
March 2003
logo
Intersil Corporation
HI5905 INTERSIL-HI5905_03 Datasheet
581Kb / 11P
   14-Bit, 5MSPS A/D Converter
logo
Texas Instruments
ADC128S102 TI1-ADC128S102_15 Datasheet
1Mb / 29P
[Old version datasheet]   12-Bit A/D Converter
logo
Maxwell Technologies
7672 MAXWELL-7672 Datasheet
247Kb / 11P
   12-Bit A/D Converter
logo
Analog Devices
AD574A AD-AD574A_17 Datasheet
821Kb / 13P
   12-Bit A/D Converter
logo
Texas Instruments
ADC78H90 TI1-ADC78H90 Datasheet
1Mb / 23P
[Old version datasheet]   12-Bit A/D Converter
ADC124S101 TI1-ADC124S101 Datasheet
1Mb / 27P
[Old version datasheet]   12-Bit A/D Converter
logo
Analog Devices
AD1671 AD-AD1671_17 Datasheet
201Kb / 7P
   12-Bit A/D Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com