Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HI5813 Datasheet(PDF) 10 Page - Intersil Corporation

Part # HI5813
Description  CMOS 3.3V, 25 Microsecond, 12-Bit, Sampling A/D Converter with Internal Track and Hold
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

HI5813 Datasheet(HTML) 10 Page - Intersil Corporation

Back Button HI5813 Datasheet HTML 3Page - Intersil Corporation HI5813 Datasheet HTML 4Page - Intersil Corporation HI5813 Datasheet HTML 5Page - Intersil Corporation HI5813 Datasheet HTML 6Page - Intersil Corporation HI5813 Datasheet HTML 7Page - Intersil Corporation HI5813 Datasheet HTML 8Page - Intersil Corporation HI5813 Datasheet HTML 9Page - Intersil Corporation HI5813 Datasheet HTML 10Page - Intersil Corporation HI5813 Datasheet HTML 11Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 10 / 11 page
background image
6-1811
TABLE 2. CODE TABLE
CODE
DESCRIPTION
INPUT
VOLTAGE
VREF+ = 3.3V
VREF - = 0.0V
(V)
DECIMAL
COUNT
BINARY OUTPUT CODE
MSB
LSB
D11
D10
D9
D8
D7
D6
D5
D4
D3
D2
D1
D0
Full Scale (FS)
3.2992
4095
1
1
1
1
1
1
1
1
1
1
1
1
FS - 1 LSB
3.2984
4094
1
1
1
1
1
1
1
1
1
1
1
0
3/
4 FS
2.4750
3072
1
1
0
0
0
0
0
0
0
0
0
0
1/
2 FS
1.6500
2048
1
0
0
0
0
0
0
0
0
0
0
0
1/
4 FS
0.8250
1024
0
1
0
0
0
0
0
0
0
0
0
0
1 LSB
0.00080566
1
0
0
0
0
0
0
0
0
0
0
0
1
Zero
0
0
0
0
0
0
0
0
0
0
0
0
0
0
The voltages listed above represent the ideal lower transition of each output code shown as a function of the reference voltage.
0.01
µF
0.1
µF
10
µF
4.7
µF
VREF+
VIN
VAA+VDD
D11
D0
DRDY
OEM
OEL
STRT
CLK
0.1
µF
VREF-VAA-VSS
+3.3V
OUTPUT
DATA
500kHz CLOCK
ANALOG
INPUT
.
.
.
FIGURE 13. GROUND AND SUPPLY DECOUPLING
HI5813


Similar Part No. - HI5813

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HI5813 INTERSIL-HI5813 Datasheet
476Kb / 12P
   CMOS 3.3V, 25 Microsecond, 12-Bit, Sampling A/D Converter with Internal Track and Hold
HI5813KIB INTERSIL-HI5813KIB Datasheet
476Kb / 12P
   CMOS 3.3V, 25 Microsecond, 12-Bit, Sampling A/D Converter with Internal Track and Hold
HI5813 INTERSIL-HI5813_01 Datasheet
476Kb / 12P
   CMOS 3.3V, 25 Microsecond, 12-Bit, Sampling A/D Converter with Internal Track and Hold
More results

Similar Description - HI5813

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HI5813 INTERSIL-HI5813_01 Datasheet
476Kb / 12P
   CMOS 3.3V, 25 Microsecond, 12-Bit, Sampling A/D Converter with Internal Track and Hold
HI5810 INTERSIL-HI5810 Datasheet
423Kb / 12P
   CMOS 10 Microsecond, 12-Bit, Sampling A/D Converter with Internal Track and Hold
HI5812 INTERSIL-HI5812 Datasheet
427Kb / 13P
   CMOS 20 Microsecond, 12-Bit, Sampling A/D Converter with Internal Track and Hold
HI5812 INTERSIL-HI5812_05 Datasheet
365Kb / 16P
   CMOS 20 Microsecond, 12-Bit, Sampling A/D Converter with Internal Track and Hold
logo
Renesas Technology Corp
HI5812 RENESAS-HI5812 Datasheet
1Mb / 16P
   CMOS 20 Microsecond, 12-Bit, Sampling A/D Converter with Internal Track and Hold
logo
Intersil Corporation
HI5810 INTERSIL-HI5810_01 Datasheet
762Kb / 13P
   CMOS 10 Microsecond, 12-Bit, Sampling A/D Converter with Internal Track and Hold
logo
Maxim Integrated Produc...
MAX163 MAXIM-MAX163 Datasheet
563Kb / 14P
   CMOS 12-Bit A/D Converters With Track-and-Hold
logo
Intersil Corporation
CA3310 INTERSIL-CA3310_01 Datasheet
355Kb / 16P
   CMOS, 10-Bit, A/D Converters with Internal Track and Hold
CA3310 INTERSIL-CA3310 Datasheet
120Kb / 15P
   CMOS, 10-Bit, A/D Converters with Internal Track and Hold
August 1997
logo
Maxim Integrated Produc...
MAX177 MAXIM-MAX177 Datasheet
132Kb / 4P
   CMOS 10-Bit A/D Converter with Track-and-Hold
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com