Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HI5828 Datasheet(PDF) 1 Page - Intersil Corporation

Part # HI5828
Description  12-Bit, 125MSPS, CommLink??Dual High Speed CMOS D/A (2.7V-5.5V)
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

HI5828 Datasheet(HTML) 1 Page - Intersil Corporation

  HI5828 Datasheet HTML 1Page - Intersil Corporation HI5828 Datasheet HTML 2Page - Intersil Corporation HI5828 Datasheet HTML 3Page - Intersil Corporation HI5828 Datasheet HTML 4Page - Intersil Corporation HI5828 Datasheet HTML 5Page - Intersil Corporation HI5828 Datasheet HTML 6Page - Intersil Corporation HI5828 Datasheet HTML 7Page - Intersil Corporation HI5828 Datasheet HTML 8Page - Intersil Corporation HI5828 Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
1
File Number
4658.1
CAUTION: These devices are sensitive to electrostatic discharge; follow proper IC Handling Procedures.
1-888-INTERSIL or 321-724-7143
| Copyright
© Intersil Corporation 1999
CommLink™ is a trademark of Intersil Corporation.
HI5828
12-Bit, 125+MSPS, CommLink™ Dual High
Speed CMOS D/A (2.7V-5.5V)
The HI5828 is a Dual 12-bit, 125+MSPS (Mega Samples Per
Second), high speed, low power, D/A converter which is
implemented in an advanced CMOS process. Operating
from a single +3V to +5V supply, the converter provides
20mA of full scale output current and includes edge-triggered
CMOS input data latches. Low glitch energy and excellent
frequency domain performance is achieved by the HI5828’s
segmented current source architecture.
This device complements the CommLink HI5x60 and HI5x28
family of high speed converters, which includes 8, 10, 12,
and 14-bit devices
Pinout
HI5828
(LQFP)
TOP VIEW
Features
• Throughput Rate . . . . . . . . . . . . . . . . . . . . . . .125+MSPS
• Low Power . . . . 312mW at 5V, 46mW at 3V (at 60MSPS)
• Integral Linearity Error
. . . . . . . . . . . . . . . . . . . ±0.75 LSB (Typ)
• Adjustable Full Scale Output Current . . . . . . 2mA to 20mA
• Internal 1.2V Bandgap Voltage Reference
• Single or Dual Power Supply from +3V to +5V
• Power Down Mode
• CMOS Compatible Inputs
• Excellent Spurious Free Dynamic Range
(76dBc, fS = 50MSPS, fOUT = 2.51MHz)
• Excellent Multitone Intermodulation Distortion
Applications
• Basestations (Cellular, WLL)
• Quadrature Modulation
• Wireless Communications Systems
• Direct Digital Frequency Synthesis
• Signal Reconstruction
• Medical/Test Instrumentation
• High Resolution Imaging Systems
• Arbitrary Waveform Generators
Ordering Information
PART
NUMBER
TEMP.
RANGE
(oC)
PACKAGE
PKG. NO.
CLOCK
SPEED
HI5828IN
-40 to 85
48 Ld LQFP
Q48.7x7A
125MSPS
HI5828EVAL2
25
Evaluation Platform
125MSPS
1
2
3
4
5
6
7
8
32
31
30
29
28
27
26
25
24
23
22
21
20
19
18
17
9
10
11
12
13 14 15 16
33
34
35
36
37
38
39
40
41
42
43
44
45
46
47
48
QD4
QD5
QD6
QD7
QD8
QD9
QD10
QD11 (MSB)
CLK
DGND
AGND
QCOMP2
ID5
ID4
ID3
ID2
ID1
N.C.
SLEEP
DVDD
AGND
ICOMP2
(LSB) ID0
N.C.
Data Sheet
August 1999


Similar Part No. - HI5828

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HI5828 INTERSIL-HI5828 Datasheet
283Kb / 12P
   12-Bit, 125MSPS, CommLink??Dual High Speed CMOS D/A (2.7V-5.5V)
logo
Renesas Technology Corp
HI5828 RENESAS-HI5828 Datasheet
552Kb / 12P
   12-Bit, 130MSPS, Dual High Speed CMOS D/A (2.7V-5.5V)
logo
Intersil Corporation
HI5828EVAL2 INTERSIL-HI5828EVAL2 Datasheet
283Kb / 12P
   12-Bit, 125MSPS, CommLink??Dual High Speed CMOS D/A (2.7V-5.5V)
logo
Renesas Technology Corp
HI5828EVAL2 RENESAS-HI5828EVAL2 Datasheet
552Kb / 12P
   12-Bit, 130MSPS, Dual High Speed CMOS D/A (2.7V-5.5V)
logo
Intersil Corporation
HI5828IN INTERSIL-HI5828IN Datasheet
283Kb / 12P
   12-Bit, 125MSPS, CommLink??Dual High Speed CMOS D/A (2.7V-5.5V)
More results

Similar Description - HI5828

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HI5828 INTERSIL-HI5828_01 Datasheet
283Kb / 12P
   12-Bit, 125MSPS, CommLink??Dual High Speed CMOS D/A (2.7V-5.5V)
logo
Renesas Technology Corp
HI5828 RENESAS-HI5828 Datasheet
552Kb / 12P
   12-Bit, 130MSPS, Dual High Speed CMOS D/A (2.7V-5.5V)
logo
Analog Devices
AD97651 AD-AD97651 Datasheet
472Kb / 28P
   12-Bit, 125 MSPS Dual TxDAC D/A Converter
REV. B
logo
Intersil Corporation
ISL5829 INTERSIL-ISL5829 Datasheet
761Kb / 13P
   Dual 12-bit, 3.3V, 130/210MSPS, CommLink TM High Speed D/A Converter
HI5721 INTERSIL-HI5721 Datasheet
205Kb / 14P
   10-Bit, 125 MSPS, High Speed D/A Converter
June 1999
logo
Analog Devices
AD9762 AD-AD9762 Datasheet
414Kb / 23P
   12-Bit, 125 MSPS TxDAC D/A Converter
REV. B
logo
Intersil Corporation
ISL5827 INTERSIL-ISL5827 Datasheet
666Kb / 13P
   Dual 12-bit, 3.3V, 260MSPS, High Speed D/A Converter
logo
Analog Devices
AD10226 AD-AD10226_15 Datasheet
984Kb / 20P
   Dual-Channel, 12-Bit 125 MSPS
REV. 0
AD9752 AD-AD9752 Datasheet
364Kb / 23P
   12-Bit, 125 MSPS High Performance TxDAC D/A Converter
REV. 0
AD9752ARZRL AD-AD9752ARZRL Datasheet
361Kb / 23P
   12-Bit, 125 MSPS High Performance TxDAC D/A Converter
REV. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com