Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HI5812KIB Datasheet(PDF) 7 Page - Intersil Corporation

Part # HI5812KIB
Description  CMOS 20 Microsecond, 12-Bit, Sampling A/D Converter with Internal Track and Hold
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

HI5812KIB Datasheet(HTML) 7 Page - Intersil Corporation

Back Button HI5812KIB Datasheet HTML 3Page - Intersil Corporation HI5812KIB Datasheet HTML 4Page - Intersil Corporation HI5812KIB Datasheet HTML 5Page - Intersil Corporation HI5812KIB Datasheet HTML 6Page - Intersil Corporation HI5812KIB Datasheet HTML 7Page - Intersil Corporation HI5812KIB Datasheet HTML 8Page - Intersil Corporation HI5812KIB Datasheet HTML 9Page - Intersil Corporation HI5812KIB Datasheet HTML 10Page - Intersil Corporation HI5812KIB Datasheet HTML 11Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 13 page
background image
6-1795
Typical Performance Curves
FIGURE 6. INL vs TEMPERATURE
FIGURE 7. OFFSET VOLTAGE vs TEMPERATURE
FIGURE 8. DNL vs TEMPERATURE
FIGURE 9. ACCURACY vs REFERENCE VOLTAGE
FIGURE 10. FULL SCALE ERROR vs TEMPERATURE
FIGURE 11. POWER SUPPLY REJECTION vs TEMPERATURE
-60
-40
-20
0
20
40
60
80
100
120
140
1.0
0.75
0.5
0.25
0
TEMPERATURE (oC)
VDD = VAA+ = 5V, VREF+ = 4.608V
C
B
A
A. CLK = INTERNAL
B. CLK = 750kHz
C. CLK = 1MHz
-60
-40
-20
0
20
40
60
80
100
120
140
1.5
0.5
1
0
TEMPERATURE (oC)
VDD = VAA+ = 5V
B
A
C
A. CLK = INTERNAL
B. CLK = 750kHz
C. CLK = 1MHz
VREF+ = 4.608V
-60
-40
-20
0
20
40
60
80
100
120
140
1.0
0.75
0.5
0.25
0
TEMPERATURE (oC)
VDD = VAA+ = 5V, VREF+ = 4.608V
C
B
A
A. CLK = INTERNAL
B. CLK = 750kHz
C. CLK = 1MHz
3
3.2
3.4
3.6
3.8
4
4.2
4.4
4.6
2
1.5
1
0.5
0
REFERENCE VOLTAGE, VREF (V)
VDD = VAA+ = 5V, TA = 25
oC
FSE
DNL
INL
CLK = 750kHz
VOS
-60
-40
-20
0
20
40
60
80
100
120
140
2
1.5
1
0.5
0
TEMPERATURE (oC)
VDD = VAA+ = 5V,
C
A
B
A. CLK = INTERNAL
B. CLK = 750kHz
C. CLK = 1MHz
VREF+ = 4.608V
-60
-40
-20
0
20
40
60
80
100
120
140
0.5
0.375
0.25
0.125
0
TEMPERATURE (oC)
VDD = VAA+ = 5V ±5%
PSRR FSE
CLK = 750kHz
PSRR VOS
VREF+ = 4.0V
HI5812


Similar Part No. - HI5812KIB

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HI5812KIB INTERSIL-HI5812KIB Datasheet
365Kb / 16P
   CMOS 20 Microsecond, 12-Bit, Sampling A/D Converter with Internal Track and Hold
logo
Renesas Technology Corp
HI5812KIB RENESAS-HI5812KIB Datasheet
1Mb / 16P
   CMOS 20 Microsecond, 12-Bit, Sampling A/D Converter with Internal Track and Hold
logo
Intersil Corporation
HI5812KIBZ INTERSIL-HI5812KIBZ Datasheet
365Kb / 16P
   CMOS 20 Microsecond, 12-Bit, Sampling A/D Converter with Internal Track and Hold
logo
Renesas Technology Corp
HI5812KIBZ RENESAS-HI5812KIBZ Datasheet
1Mb / 16P
   CMOS 20 Microsecond, 12-Bit, Sampling A/D Converter with Internal Track and Hold
More results

Similar Description - HI5812KIB

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HI5812 INTERSIL-HI5812_05 Datasheet
365Kb / 16P
   CMOS 20 Microsecond, 12-Bit, Sampling A/D Converter with Internal Track and Hold
logo
Renesas Technology Corp
HI5812 RENESAS-HI5812 Datasheet
1Mb / 16P
   CMOS 20 Microsecond, 12-Bit, Sampling A/D Converter with Internal Track and Hold
logo
Intersil Corporation
HI5810 INTERSIL-HI5810 Datasheet
423Kb / 12P
   CMOS 10 Microsecond, 12-Bit, Sampling A/D Converter with Internal Track and Hold
HI5810 INTERSIL-HI5810_01 Datasheet
762Kb / 13P
   CMOS 10 Microsecond, 12-Bit, Sampling A/D Converter with Internal Track and Hold
HI5813 INTERSIL-HI5813 Datasheet
153Kb / 11P
   CMOS 3.3V, 25 Microsecond, 12-Bit, Sampling A/D Converter with Internal Track and Hold
HI5813 INTERSIL-HI5813_01 Datasheet
476Kb / 12P
   CMOS 3.3V, 25 Microsecond, 12-Bit, Sampling A/D Converter with Internal Track and Hold
logo
Maxim Integrated Produc...
MAX163 MAXIM-MAX163 Datasheet
563Kb / 14P
   CMOS 12-Bit A/D Converters With Track-and-Hold
logo
Intersil Corporation
CA3310 INTERSIL-CA3310_01 Datasheet
355Kb / 16P
   CMOS, 10-Bit, A/D Converters with Internal Track and Hold
CA3310 INTERSIL-CA3310 Datasheet
120Kb / 15P
   CMOS, 10-Bit, A/D Converters with Internal Track and Hold
August 1997
logo
Maxim Integrated Produc...
MAX177 MAXIM-MAX177 Datasheet
132Kb / 4P
   CMOS 10-Bit A/D Converter with Track-and-Hold
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com