Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HI5812KIB Datasheet(PDF) 10 Page - Intersil Corporation

Part # HI5812KIB
Description  CMOS 20 Microsecond, 12-Bit, Sampling A/D Converter with Internal Track and Hold
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

HI5812KIB Datasheet(HTML) 10 Page - Intersil Corporation

Back Button HI5812KIB Datasheet HTML 5Page - Intersil Corporation HI5812KIB Datasheet HTML 6Page - Intersil Corporation HI5812KIB Datasheet HTML 7Page - Intersil Corporation HI5812KIB Datasheet HTML 8Page - Intersil Corporation HI5812KIB Datasheet HTML 9Page - Intersil Corporation HI5812KIB Datasheet HTML 10Page - Intersil Corporation HI5812KIB Datasheet HTML 11Page - Intersil Corporation HI5812KIB Datasheet HTML 12Page - Intersil Corporation HI5812KIB Datasheet HTML 13Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 10 / 13 page
background image
6-1798
As long as these current spikes settle completely by end of
the signal acquisition period, converter accuracy will be
preserved. The analog input is tracked for 3 clock cycles.
With an external clock of 750kHz the track period is 4
µs.
A simplified analog input model is presented in Figure 19.
During tracking, the A/D input (VIN) typically appears as a
380pF capacitor being charged through a 420
Ω internal
switch resistance. The time constant is 160ns. To charge this
capacitor from an external “zero
Ω” source to 0.5 LSB
(1/8192), the charging time must be at least 9 time constants
or 1.4
µs. The maximum source impedance (RSOURCE Max)
for a 4
µs acquisition time settling to within 0.5LSB is 750Ω.
If the clock frequency was slower, or the converter was not
restarted immediately (causing a longer sample time), a
higher source impedance could be tolerated.
Reference Input
The reference input VREF+ should be driven from a low
impedance source and be well decoupled.
As shown in Figure 20, current spikes are generated on the
reference pin during each bit test of the successive approxi-
mation part of the conversion cycle as the charge-balancing
capacitors are switched between VREF- and VREF+ (clock
periods 5 - 14). These current spikes must settle completely
during each bit test of the conversion to not degrade the
accuracy of the converter. Therefore VREF+ and VREF-
should be well bypassed. Reference input VREF- is normally
connected directly to the analog ground plane. If VREF- is
biased for nulling the converters offset it must be stable
during the conversion cycle.
The HI5812 is specified with a 4.608V reference, however, it
will operate with a reference down to 3V having a slight
degradation in performance. A typical graph of accuracy vs
reference voltage is presented.
Full Scale and Offset Adjustment
In many applications the accuracy of the HI5812 would be
sufficient without any adjustments. In applications where
accuracy is of utmost importance full scale and offset errors
may be adjusted to zero.
The VREF+ and VREF- pins reference the two ends of the
analog input range and may be used for offset and full scale
adjustments. In a typical system the VREF- might be
returned to a clean ground, and the offset adjustment done
on an input amplifier. VREF+ would then be adjusted to null
out the full scale error. When this is not possible, the VREF-
input can be adjusted to null the offset error, however, VREF-
must be well decoupled.
Full scale and offset error can also be adjusted to zero in the
signal conditioning amplifier driving the analog input (VIN).
Control Signal
The HI5812 may be synchronized from an external source
by using the STRT (Start Conversion) input to initiate conver-
sion, or if STRT is tied low, may be allowed to free run. Each
conversion cycle takes 15 clock periods.
The input is tracked from clock period 1 through period 3,
then disconnected as the successive approximation takes
place. After the start of the next period 1 (specified by tD
data), the output is updated.
The DRDY (Data Ready) status output goes high (specified
by tD1DRDY) after the start of clock period 1, and returns
low (specified by tD2DRDY) after the start of clock period 2.
The 12 data bits are available in parallel on three-state bus
driver outputs. When low, the OEM input enables the most
significant byte (D4 through D11) while the OEL input
enables the four least significant bits (D0 - D3). tEN and tDIS
specify the output enable and disable times.
If the output data is to be latched externally, either the trailing
edge of data ready or the next falling edge of the clock after
data ready goes high can be used.
When STRT input is used to initiate conversions, operation is
slightly different depending on whether an internal or
external clock is used.
Figure 3 illustrates operation with an internal clock. If the
STRT signal is removed (at least tRSTRT) before clock
period 1, and is not reapplied during that period, the clock
will shut off after entering period 2. The input will continue to
track and the DRDY output will remain high during this time.
A low signal applied to STRT (at least tWSTRT wide) can
now initiate a new conversion. The STRT signal (after a
delay of (tDSTRT)) causes the clock to restart.
Depending on how long the clock was shut off, the low
portion of clock period 2 may be longer than during the
remaining cycles.
RSOURCE
VIN
RSW ≈ 420Ω
CSAMPLE ≈ 380pF
R
SOURCE(MAX)
t
AC Q
C
SAMPLEIn 2
N1
+
()
[]
--------------------------------------------------------------
R
SW
=
FIGURE 19. ANALOG INPUT MODEL IN TRACK MODE
20mA
10mA
0mA
5V
0V
5V
0V
IREF+
CLK
DRDY
2
µs/DIV.
CONDITIONS: VDD = VAA+ = 5.0V, VREF+ = 4.608V,
VIN = 2.3V, CLK = 750kHz, TA = 25
oC
FIGURE 20. TYPICAL REFERENCE INPUT CURRENT
HI5812


Similar Part No. - HI5812KIB

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HI5812KIB INTERSIL-HI5812KIB Datasheet
365Kb / 16P
   CMOS 20 Microsecond, 12-Bit, Sampling A/D Converter with Internal Track and Hold
logo
Renesas Technology Corp
HI5812KIB RENESAS-HI5812KIB Datasheet
1Mb / 16P
   CMOS 20 Microsecond, 12-Bit, Sampling A/D Converter with Internal Track and Hold
logo
Intersil Corporation
HI5812KIBZ INTERSIL-HI5812KIBZ Datasheet
365Kb / 16P
   CMOS 20 Microsecond, 12-Bit, Sampling A/D Converter with Internal Track and Hold
logo
Renesas Technology Corp
HI5812KIBZ RENESAS-HI5812KIBZ Datasheet
1Mb / 16P
   CMOS 20 Microsecond, 12-Bit, Sampling A/D Converter with Internal Track and Hold
More results

Similar Description - HI5812KIB

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HI5812 INTERSIL-HI5812_05 Datasheet
365Kb / 16P
   CMOS 20 Microsecond, 12-Bit, Sampling A/D Converter with Internal Track and Hold
logo
Renesas Technology Corp
HI5812 RENESAS-HI5812 Datasheet
1Mb / 16P
   CMOS 20 Microsecond, 12-Bit, Sampling A/D Converter with Internal Track and Hold
logo
Intersil Corporation
HI5810 INTERSIL-HI5810 Datasheet
423Kb / 12P
   CMOS 10 Microsecond, 12-Bit, Sampling A/D Converter with Internal Track and Hold
HI5810 INTERSIL-HI5810_01 Datasheet
762Kb / 13P
   CMOS 10 Microsecond, 12-Bit, Sampling A/D Converter with Internal Track and Hold
HI5813 INTERSIL-HI5813 Datasheet
153Kb / 11P
   CMOS 3.3V, 25 Microsecond, 12-Bit, Sampling A/D Converter with Internal Track and Hold
HI5813 INTERSIL-HI5813_01 Datasheet
476Kb / 12P
   CMOS 3.3V, 25 Microsecond, 12-Bit, Sampling A/D Converter with Internal Track and Hold
logo
Maxim Integrated Produc...
MAX163 MAXIM-MAX163 Datasheet
563Kb / 14P
   CMOS 12-Bit A/D Converters With Track-and-Hold
logo
Intersil Corporation
CA3310 INTERSIL-CA3310_01 Datasheet
355Kb / 16P
   CMOS, 10-Bit, A/D Converters with Internal Track and Hold
CA3310 INTERSIL-CA3310 Datasheet
120Kb / 15P
   CMOS, 10-Bit, A/D Converters with Internal Track and Hold
August 1997
logo
Maxim Integrated Produc...
MAX177 MAXIM-MAX177 Datasheet
132Kb / 4P
   CMOS 10-Bit A/D Converter with Track-and-Hold
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com