Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SM2336-L Datasheet(PDF) 1 Page - KODENSHI_AUK CORP.

Part # SM2336-L
Description  SMD LED
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KODENSHI [KODENSHI_AUK CORP.]
Direct Link  http://www.kodenshi.co.kr
Logo KODENSHI - KODENSHI_AUK CORP.

SM2336-L Datasheet(HTML) 1 Page - KODENSHI_AUK CORP.

  SM2336-L Datasheet HTML 1Page - KODENSHI_AUK CORP. SM2336-L Datasheet HTML 2Page - KODENSHI_AUK CORP. SM2336-L Datasheet HTML 3Page - KODENSHI_AUK CORP. SM2336-L Datasheet HTML 4Page - KODENSHI_AUK CORP. SM2336-L Datasheet HTML 5Page - KODENSHI_AUK CORP.  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
AUK CORP.
SM2336-L
The contents of this data sheet are subject to change without advance notice for the purpose of improvement.
When using this product, would you please refer to the latest specifications.
Rev.Odate:08-AUG-11
AUK-LDM-001(A)
1. Features
◆ Colorless transparency lens type
◆ Using a package with high heat dissipation properties,
it can be driven with a large current
◆ Wide viewing angle
◆ Encapsulating Resin : Silicone Resin
◆ External dimensions : 3.5(L)×2.8(W)×1.9mm(T) surface mount type
2. Applications
◆ Backlighting
◆ Signal indicator
◆ Symbol backlighting
◆ Front panel indicator
3. Outline Dimensions
unit : mm
2
0.80± 0.1
0.30± 0.1
1
2.20± 0.05
2.80± 0.05
1.90± 0.05
0.80± 0.05
Recommended Soldering Pattern
PIN Connections
1. Anode
2. Cathode


Similar Part No. - SM2336-L

ManufacturerPart #DatasheetDescription
logo
AUK corp
SM2336-E AUK-SM2336-E Datasheet
206Kb / 5P
   High Brightness Chip LED
logo
KODENSHI_AUK CORP.
SM2336-E KODENSHI-SM2336-E Datasheet
203Kb / 5P
   SMD LED
More results

Similar Description - SM2336-L

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
LG-170DGM-CT ETC-LG-170DGM-CT Datasheet
146Kb / 11P
   LED SMD
logo
KODENSHI_AUK CORP.
SIB2336E-HD2 KODENSHI-SIB2336E-HD2 Datasheet
295Kb / 6P
   SMD LED
SY2336-G KODENSHI-SY2336-G Datasheet
204Kb / 5P
   SMD LED
SY2336-GA KODENSHI-SY2336-GA Datasheet
204Kb / 5P
   SMD LED
SO2336-G KODENSHI-SO2336-G Datasheet
203Kb / 5P
   SMD LED
logo
Lite-On Technology Corp...
LTPA-S38FUMWE LITEON-LTPA-S38FUMWE Datasheet
745Kb / 16P
   SMD LED
LTSA-T67RZHETA LITEON-LTSA-T67RZHETA Datasheet
920Kb / 15P
   SMD LED
LTSA-T680 LITEON-LTSA-T680 Datasheet
776Kb / 14P
   SMD LED
LTST-S32F1KT-5A LITEON-LTST-S32F1KT-5A_15 Datasheet
877Kb / 13P
   SMD LED
LTPL-C0675WPNB LITEON-LTPL-C0675WPNB Datasheet
629Kb / 16P
   SMD LED
LTSA-C190TBA5 LITEON-LTSA-C190TBA5 Datasheet
482Kb / 14P
   SMD LED
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com