Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HI5960IB Datasheet(PDF) 3 Page - Intersil Corporation

Part # HI5960IB
Description  14-Bit, 125MSPS, CommLinkTM High Speed D/A Converter
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

HI5960IB Datasheet(HTML) 3 Page - Intersil Corporation

  HI5960IB Datasheet HTML 1Page - Intersil Corporation HI5960IB Datasheet HTML 2Page - Intersil Corporation HI5960IB Datasheet HTML 3Page - Intersil Corporation HI5960IB Datasheet HTML 4Page - Intersil Corporation HI5960IB Datasheet HTML 5Page - Intersil Corporation HI5960IB Datasheet HTML 6Page - Intersil Corporation HI5960IB Datasheet HTML 7Page - Intersil Corporation HI5960IB Datasheet HTML 8Page - Intersil Corporation HI5960IB Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
3
Pin Descriptions
PIN NO.
PIN NAME
DESCRIPTION
1-14
D13 (MSB) Through
D0 (LSB)
Digital Data Bit 13, (Most Significant Bit) through Digital Data Bit 0, (Least Significant Bit).
15
SLEEP
Control Pin for Power-Down mode. Sleep Mode is active high; Connect to ground for Normal Mode. Sleep
pin has internal 20
µA active pulldown current.
16
REFLO
Connect to analog ground to enable internal 1.2V reference or connect to AVDD to disable internal
reference.
17
REFIO
Reference voltage input if internal reference is disabled. Reference voltage output if internal reference is
enabled. Use 0.
1µF cap to ground when internal reference is enabled.
18
FSADJ
Full Scale Current Adjust. Use a resistor to ground to adjust full scale output current. Full Scale Output
Current = 32 x VFSADJ/RSET.
19
COMP1
For use in reducing bandwidth/noise. Recommended: connect 0.1
µF to AVDD.
21
IOUTB
The complimentary current output of the device. Full scale output current is achieved when all input bits
are set to binary 0.
22
IOUTA
Current output of the device. Full scale output current is achieved when all input bits are set to binary 1.
23
COMP2
Connect 0.1
µF capacitor to ACOM.
24
AVDD
Analog Supply (+3V to +5V).
20, 25
ACOM
Connect to Analog Ground.
26
DCOM
Connect to Digital Ground.
27
DVDD
Digital Supply (+3V to +5V).
28
CLK
Clock Input. Input data to the DAC passes through the “master” latches when the clock is low and is
latched into the “master” latches when the clock is high. Data presented to the “slave” latch passes
through when the clock is logic high and is latched into the “slave” latches when the clock is logic low.
Adequate setup time must be allowed for the MSBs to pass through the thermometer decoder before the
clock goes high. This master-slave arrangement comprises an edge-triggered flip-flop, with the DAC
being updated on the rising clock edge. It is recommended that the clock edge be skewed such that setup
time is larger than the hold time.
HI5960


Similar Part No. - HI5960IB

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HI5960IB INTERSIL-HI5960IB Datasheet
297Kb / 12P
   14-Bit, 125MSPS, CommLinkTM High Speed D/A Converter
HI5960IB INTERSIL-HI5960IB Datasheet
302Kb / 12P
   14-Bit, 130MSPS, High Speed D/A Converte
March 31, 2005
logo
Renesas Technology Corp
HI5960IB RENESAS-HI5960IB Datasheet
552Kb / 12P
   14-Bit, 130MSPS, High Speed D/A Converter
logo
Intersil Corporation
HI5960IBZ INTERSIL-HI5960IBZ Datasheet
297Kb / 12P
   14-Bit, 125MSPS, CommLinkTM High Speed D/A Converter
HI5960IBZ INTERSIL-HI5960IBZ Datasheet
302Kb / 12P
   14-Bit, 130MSPS, High Speed D/A Converte
March 31, 2005
More results

Similar Description - HI5960IB

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HI5960 INTERSIL-HI5960_05 Datasheet
297Kb / 12P
   14-Bit, 125MSPS, CommLinkTM High Speed D/A Converter
ISL5961 INTERSIL-ISL5961 Datasheet
899Kb / 13P
   14-Bit, 3.3V, 130/210MSPS, CommLinkTM High Speed D/A Converter
logo
Analog Devices
AD9764ARZ AD-AD9764ARZ Datasheet
314Kb / 22P
   14-Bit, 125 MSPS TxDAC D/A Converter
REV. B
AD9764ARUZ AD-AD9764ARUZ Datasheet
314Kb / 22P
   14-Bit, 125 MSPS TxDAC D/A Converter
REV. B
AD9764ARUZRL7 AD-AD9764ARUZRL7 Datasheet
314Kb / 22P
   14-Bit, 125 MSPS TxDAC D/A Converter
REV. B
AD9764 AD-AD9764 Datasheet
307Kb / 22P
   14-Bit, 125 MSPS TxDAC D/A Converter
REV. B
logo
Intersil Corporation
HI5721 INTERSIL-HI5721 Datasheet
205Kb / 14P
   10-Bit, 125 MSPS, High Speed D/A Converter
June 1999
HI5741 INTERSIL-HI5741 Datasheet
159Kb / 12P
   14-Bit, 100 MSPS, High Speed D/A Converter
May 2000
logo
Analog Devices
AD9754ARURL7 AD-AD9754ARURL7 Datasheet
326Kb / 24P
   14-Bit, 125 MSPS High Performance TxDAC D/A Converter
REV. A
AD9754 AD-AD9754 Datasheet
327Kb / 24P
   14-Bit, 125 MSPS High Performance TxDAC D/A Converter
REV. A
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com