Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2N7002 Datasheet(PDF) 2 Page - Guangdong Kexin Industrial Co.,Ltd

Part # 2N7002
Description  N-Channel Enhancement MOSFET
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEXIN [Guangdong Kexin Industrial Co.,Ltd]
Direct Link  http://www.kexin.com.cn/index.asp
Logo KEXIN - Guangdong Kexin Industrial Co.,Ltd

2N7002 Datasheet(HTML) 2 Page - Guangdong Kexin Industrial Co.,Ltd

  2N7002_15 Datasheet HTML 1Page - Guangdong Kexin Industrial Co.,Ltd 2N7002_15 Datasheet HTML 2Page - Guangdong Kexin Industrial Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
SMD Type
www.kexin.com.cn
2
MOSFET
2N7002
N-Channel Enhancement MOSFET
Typical Characterisitics
1
6
0
1
2
8
0
2
4
6
0
2
4
6
8
1 0
0.0
0.2
0.4
0.6
0.8
1.0
0.0
0.4
0.8
1.2
1.6
0.01
0.1
1
0
1
2
3
4
5
0.0
0.2
0.4
0.6
0.8
1.0
0.0
0.2
0.4
0.6
0.8
1.0
0
2
4
6
8
I
D
=50mA
I
D
=500mA
I
D
R
DS(ON)
——
T
a
=25 ℃
Pulsed
V
GS
R
DS(ON)
——
GATE TO SOURCE VOLTAGE
V
GS
(V)
T
a
=25 ℃
Pulsed
Transfer Characteristics
GATE TO SOURCE VOLTAGE
V
GS
(V)
T
a
=25 ℃
Pulsed
0.3
0.03
V
SD
I
S ——
SOURCE TO DRAIN
VOLTAGE
V
SD
(V)
T
a
=25 ℃
Pulsed
V
GS
=10V,9V,8V,7V,6V,5V
V
GS
=2V
V
GS
=4V
V
GS
=3V
Output Characteristics
DRAIN TO SOURCE
VOLTAGE
V
DS
(V)
V
GS
=5V
V
GS
=10V
T
a
=25 ℃
Pulsed
DRAIN CURRENT
I
D
(A)
N


Similar Part No. - 2N7002_15

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
2N7002 DIODES-2N7002_15 Datasheet
118Kb / 5P
   N-CHANNEL ENHANCEMENT MODE MOSFET
logo
Central Semiconductor C...
2N7002 CENTRAL-2N7002_15 Datasheet
634Kb / 4P
   SURFACE MOUNT SILICON N-CHANNEL ENHANCEMENT-MODE MOSFET
logo
NXP Semiconductors
2N7002 PHILIPS-2N7002_15 Datasheet
159Kb / 13P
   2N7002_15
Rev. 7-8 September 2011
logo
Unisonic Technologies
2N7002 UTC-2N7002_15 Datasheet
304Kb / 6P
   N-CHANNEL POWER MOSFET
More results

Similar Description - 2N7002_15

ManufacturerPart #DatasheetDescription
logo
Guangdong Kexin Industr...
2N7002E KEXIN-2N7002E_15 Datasheet
1Mb / 2P
   N-Channel Enhancement MOSFET
AO3414 KEXIN-AO3414 Datasheet
1Mb / 4P
   N-Channel Enhancement MOSFET
logo
SeCoS Halbleitertechnol...
SSP7200N SECOS-SSP7200N_15 Datasheet
209Kb / 2P
   N-Channel Enhancement MOSFET
SSP7450N SECOS-SSP7450N Datasheet
702Kb / 4P
   N-Channel Enhancement MOSFET
S2N7002KW SECOS-S2N7002KW Datasheet
542Kb / 2P
   N-Channel Enhancement MOSFET
SMG2322N SECOS-SMG2322N Datasheet
567Kb / 4P
   N-Channel Enhancement MOSFET
SCG3019 SECOS-SCG3019 Datasheet
201Kb / 4P
   N-Channel Enhancement MOSFET
SSP7436N SECOS-SSP7436N Datasheet
167Kb / 2P
   N-Channel Enhancement MOSFET
SSP7464N SECOS-SSP7464N Datasheet
167Kb / 2P
   N-Channel Enhancement MOSFET
SSP7200N SECOS-SSP7200N Datasheet
167Kb / 2P
   N-Channel Enhancement MOSFET
logo
DONGGUAN YOU FENG WEI E...
2N7002 YFWDIODE-2N7002 Datasheet
433Kb / 3P
   N-Channel Enhancement MOSFET
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com