Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2N7002E-3 Datasheet(PDF) 2 Page - Guangdong Kexin Industrial Co.,Ltd

Part # 2N7002E-3
Description  N-Channel Enhancement MOSFET
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEXIN [Guangdong Kexin Industrial Co.,Ltd]
Direct Link  http://www.kexin.com.cn/index.asp
Logo KEXIN - Guangdong Kexin Industrial Co.,Ltd

2N7002E-3 Datasheet(HTML) 2 Page - Guangdong Kexin Industrial Co.,Ltd

  2N7002E-3 Datasheet HTML 1Page - Guangdong Kexin Industrial Co.,Ltd 2N7002E-3 Datasheet HTML 2Page - Guangdong Kexin Industrial Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
SMD Type
www.kexin.com.cn
2
MOSFET
2N7002E
Typical Characterisitics
0
0.2
0.4
0.6
0.8
1.0
0
1
2
3
4
5
V , DRAIN-SOURCE VOLTAGE (V)
DS
Fig. 1 On-Region Characteristics
V
= 10V
G S
9.0V
8.0V
7.0V
6.5V
6.0V
5.5V
5.0V
4.5V
4.0V
3.5V
3.0V
2.5V
2.1V
5.5V
10V
5.0V
2.1V
0
V , GATE TO SOURCE VOLTAGE (V)
GS
Fig. 2 Drain Current vs. Gate-Source Voltage
0.4
0.8
1.2
1.6
2.0
0
1
2
3
4
5
6
7
T
= -55°
C
A
T
= 125°
C
A
T
= 25°
C
A
0
1
2
3
4
5
0
2
4
6
8
10
V
- GATE TO SOURCE VOLTAGE (V)
GS
Fig. 3 On Resistance vs.
Gate to Source Voltage
I = 75mA
D
I = 250mA
D
0
1
2
3
4
5
0
0.2
0.4
0.6
0.8
1.0
I , DRAIN CURRENT (A)
D
Fig. 4 On Resistance vs.
Drain Current
V
= 4.5V
GS
V
= 10V
GS
0
T , JUNCTION TEMPERATURE (°C)
J
Fig. 5 On-Resistance vs. Junction Temperature
V
= 4.5V @
200m A
GS
1
2
3
4
5
-75
-50
-25
0
25
50
75
10 0 12 5
15 0
V
= 10 V @
250m A
GS
0
50
10 0
25
50
75
10 0
12 5
15 0
17 5
20 0
T , AMBIENT TEMPERATURE (°C)
A
Fig. 6, Max Power Dissipation vs
Ambient Temperature
15 0
20 0
25 0
30 0
35 0
0


Similar Part No. - 2N7002E-3

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
2N7002E-13-F DIODES-2N7002E-13-F Datasheet
110Kb / 5P
   N-CHANNEL ENHANCEMENT MODE MOSFET
2N7002E-7-F DIODES-2N7002E-7-F Datasheet
419Kb / 4P
   N-CHANNEL ENHANCEMENT MODE FIELD EFFECT TRANSISTOR
DS30376 Rev. 5 - 2
2N7002E-7-F DIODES-2N7002E-7-F Datasheet
84Kb / 4P
   N-CHANNEL ENHANCEMENT MODE FIELD EFFECT TRANSISTOR
DS30376 Rev. 8 - 2
2N7002E-7-F DIODES-2N7002E-7-F Datasheet
110Kb / 5P
   N-CHANNEL ENHANCEMENT MODE MOSFET
logo
Vishay Siliconix
2N7002E-T1-E3 VISHAY-2N7002E-T1-E3 Datasheet
183Kb / 8P
   N-Channel 60 V (D-S) MOSFET
Rev. F, 07-Feb-11
More results

Similar Description - 2N7002E-3

ManufacturerPart #DatasheetDescription
logo
Guangdong Kexin Industr...
2N7002E KEXIN-2N7002E_15 Datasheet
1Mb / 2P
   N-Channel Enhancement MOSFET
AO3414 KEXIN-AO3414 Datasheet
1Mb / 4P
   N-Channel Enhancement MOSFET
logo
SeCoS Halbleitertechnol...
SSP7200N SECOS-SSP7200N_15 Datasheet
209Kb / 2P
   N-Channel Enhancement MOSFET
SSP7450N SECOS-SSP7450N Datasheet
702Kb / 4P
   N-Channel Enhancement MOSFET
S2N7002KW SECOS-S2N7002KW Datasheet
542Kb / 2P
   N-Channel Enhancement MOSFET
SMG2322N SECOS-SMG2322N Datasheet
567Kb / 4P
   N-Channel Enhancement MOSFET
SCG3019 SECOS-SCG3019 Datasheet
201Kb / 4P
   N-Channel Enhancement MOSFET
SSP7436N SECOS-SSP7436N Datasheet
167Kb / 2P
   N-Channel Enhancement MOSFET
SSP7464N SECOS-SSP7464N Datasheet
167Kb / 2P
   N-Channel Enhancement MOSFET
SSP7200N SECOS-SSP7200N Datasheet
167Kb / 2P
   N-Channel Enhancement MOSFET
logo
DONGGUAN YOU FENG WEI E...
2N7002 YFWDIODE-2N7002 Datasheet
433Kb / 3P
   N-Channel Enhancement MOSFET
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com