Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HI7106CM44 Datasheet(PDF) 1 Page - Intersil Corporation

Part # HI7106CM44
Description  3 1/2 Digit, LCD/LED Display, A/D Converter
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

HI7106CM44 Datasheet(HTML) 1 Page - Intersil Corporation

  HI7106CM44 Datasheet HTML 1Page - Intersil Corporation HI7106CM44 Datasheet HTML 2Page - Intersil Corporation HI7106CM44 Datasheet HTML 3Page - Intersil Corporation HI7106CM44 Datasheet HTML 4Page - Intersil Corporation HI7106CM44 Datasheet HTML 5Page - Intersil Corporation HI7106CM44 Datasheet HTML 6Page - Intersil Corporation HI7106CM44 Datasheet HTML 7Page - Intersil Corporation HI7106CM44 Datasheet HTML 8Page - Intersil Corporation HI7106CM44 Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
1
CAUTION: These devices are sensitive to electrostatic discharge; follow proper IC Handling Procedures.
http://www.intersil.com or 407-727-9207
| Copyright
© Intersil Corporation 1999
July 1998
HI7106
31/2 Digit, LCD/LED Display, A/D Converter
Features
• Guaranteed Zero Reading for 0V Input on All Scales
• True Polarity at Zero for Precise Null Detection
• 1pA Typical Input Current
• True Differential Input and Reference,
Direct Display Drive
• Low Noise - Less Than 15
µVP-P
• On Chip Clock and Reference
• Low Power Dissipation - Typically Less Than 10mW
• No Additional Active Circuits Required
• Enhanced Display Stability
• Enhanced VCOM Reference Stability
Description
The Intersil HI7106 is a high performance, low power, 31/2
digit A/D converter. Included are seven segment decoders,
display drivers, a reference, and a clock. The HI7106 is
designed to interface with a liquid crystal display (LCD) and
includes a multiplexed backplane drive.
The HI7106 brings together a combination of high accuracy,
versatility, and true economy. It features auto-zero to less
than 10
µV, zero drift of less than 1µV/oC, input bias current
of 10pA (Max), and rollover error of less than one count.
True differential inputs and reference are useful in all sys-
tems, but give the designer an uncommon advantage when
measuring load cells, strain gauges and other bridge type
transducers. Finally, the true economy of single power supply
operation enables a high performance panel meter to be built
with the addition of only 10 passive components and a display.
Ordering Information
PART NO.
TEMP.
RANGE (oC)
PACKAGE
PKG. NO.
HI7106CPL
0 to 70
40 Ld PDIP
E40.6
HI7106CM44
0 to 70
44 Ld MQFP
Q44.10x10
HI7106C/D
0 to 70
DIE
Pinouts
HI7106
(PDIP)
TOP VIEW
HI7106
(MQFP)
TOP VIEW
13
1
2
3
4
5
6
7
8
9
10
11
12
14
15
16
17
18
19
20
V+
D1
C1
B1
A1
F1
G1
E1
D2
C2
B2
A2
F2
E2
D3
B3
F3
E3
(1000) AB4
POL
28
40
39
38
37
36
35
34
33
32
31
30
29
27
26
25
24
23
22
21
OSC 1
OSC 2
OSC 3
TEST
REF HI
REF LO
CREF+
CREF-
COMMON
IN HI
IN LO
A-Z
BUFF
INT
V-
G2 (10’s)
C3
A3
G3
BP/GND
(1’s)
(10’s)
(100’s)
(MINUS)
(100’s)
OSC 2
NC
OSC 3
TEST
NC
NC
1
2
3
4
5
6
7
8
9
10
11
12 13 14 15 16 17
OSC 1
V+
D1
C1
B1
A1 F1 G1 E1 D2 C2
28
27
26
25
24
23
22
21
20
19
18
B2 A2 F2 E2 D3
B3
F3
E3
AB4
POL
BP/GND
39 38 37 36 35 34
33
32
31
30
29
44 43 42 41 40
NC
G2
C3
A3
G3
File Number
4551


Similar Part No. - HI7106CM44

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HI7106C/D INTERSIL-HI7106C/D Datasheet
243Kb / 11P
   3 1/2 Digit, LCD/LED Display, A/D Converter
HI7106CPL INTERSIL-HI7106CPL Datasheet
243Kb / 11P
   3 1/2 Digit, LCD/LED Display, A/D Converter
More results

Similar Description - HI7106CM44

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HI7106 INTERSIL-HI7106_02 Datasheet
243Kb / 11P
   3 1/2 Digit, LCD/LED Display, A/D Converter
ICL7106 INTERSIL-ICL7106 Datasheet
534Kb / 16P
   3 1/2 Digit, LCD/LED Display, A/D Converters
logo
Wing Shing Computer Com...
WS7106 WINGS-WS7106 Datasheet
323Kb / 14P
   3 1/2 Digit LCD/LED Display A/D Converters
logo
Intersil Corporation
ICL7106CPLZ INTERSIL-ICL7106CPLZ Datasheet
610Kb / 17P
   3 1/2 Digit, LCD/LED Display, A/D Converters
October 24, 2014
logo
Cyrustek corporation
ES5106 CYRUSTEK-ES5106_03 Datasheet
756Kb / 20P
   3 1/2 DIGIT A/D CONVERTER W/LCD
logo
List of Unclassifed Man...
ES5136 ETC1-ES5136 Datasheet
364Kb / 22P
   3 1/2 DIGIT A/D CONVERTER W/LCD
logo
Intersil Corporation
ICL7116 INTERSIL-ICL7116 Datasheet
140Kb / 14P
   31/2 Digit, LCD/LED Display, A/D Converter with Display Hold
logo
List of Unclassifed Man...
ES5107 ETC-ES5107 Datasheet
327Kb / 20P
   3 1/2 DIGIT A/D CONVERTER W/LED
logo
Cyrustek corporation
ES5136 CYRUSTEK-ES5136 Datasheet
692Kb / 22P
   3 1/2 DIGIT A/D CONVERTER W/LCD(Low power)
logo
Renesas Technology Corp
ICL7106 RENESAS-ICL7106 Datasheet
919Kb / 17P
   31/2 Digit, LCD/LED Display, A/D Converters
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com