Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HI7191IP Datasheet(PDF) 10 Page - Intersil Corporation

Part # HI7191IP
Description  24-Bit, High Precision, Sigma Delta A/D Converter
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

HI7191IP Datasheet(HTML) 10 Page - Intersil Corporation

Back Button HI7191IP Datasheet HTML 6Page - Intersil Corporation HI7191IP Datasheet HTML 7Page - Intersil Corporation HI7191IP Datasheet HTML 8Page - Intersil Corporation HI7191IP Datasheet HTML 9Page - Intersil Corporation HI7191IP Datasheet HTML 10Page - Intersil Corporation HI7191IP Datasheet HTML 11Page - Intersil Corporation HI7191IP Datasheet HTML 12Page - Intersil Corporation HI7191IP Datasheet HTML 13Page - Intersil Corporation HI7191IP Datasheet HTML 14Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 24 page
background image
1906
Analog Inputs
The analog input on the HI7191 is a fully differential input
with programmable gain capabilities. The input accepts both
unipolar and bipolar input signals and gains range from 1 to
128. The common mode range of this input is from AVSS to
AVDD provided that the absolute value of the analog input
voltage lies within the power supplies. The input impedance
of the HI7191 is dependent upon the modulator input sam-
pling rate and the sampling rate varies with the selected
PGIA gain. Table 3 below shows the sampling rates and
input impedances for the different gain settings of the
HI7191. Note that this table is valid only for a 10MHz master
clock. If the input clock frequency is changed then the input
impedance will change accordingly. The equation used to
calculate the input impedance is:
where Cin is the nominal input capacitance (8pF) and fS is
the modulator sampling rate.
Bipolar/Unipolar Input Ranges
The input on the HI7191 can accept either unipolar or bipolar
input voltages. Bipolar or unipolar options are chosen by pro-
gramming the B/U bit of the Control Register. Programming
the part for either unipolar or bipolar operation does not
change the input signal conditioning.
The inputs are differential, and as a result are referenced to
the voltage on the VINLO input. For example, if VINLO is
+1.25V and the HI7191 is configured for unipolar operation
with a gain of 1 and a VREF of +2.5V, the input voltage range
on the VINLO input is +1.25V to +3.75V. If VINLO is +1.25V
and the HI7191 is configured for bipolar mode with gain of 1
and a VREF of +2.5V, the analog input range on the VINHI
input is -1.25V to +3.75V.
Programmable Gain Instrumentation Amplifier
The Programmable Gain Instrumentation Amplifier allows the
user to directly interface low level sensors and bridges directly
to the HI7191. The PGIA has 4 selectable gain options of 1, 2,
4, 8 which are implemented by multiple sampling of the input
signal. Input signals can be gained up further to 16, 32, 64 or
128. These higher gains are implemented in the digital section
of the design to maintain a high signal to noise ratio through
the front end amplifiers. The gain is digitally programmable in
the Control Register via the serial interface. For optimum
PGIA performance the VCM pin should be tied to the mid point
of the analog supplies.
Differential Reference Input
The reference inputs of the of the HI7191, VRHI and VRLO,
provide a differential reference input capability. The nominal
differential voltage (VREF = VRHI - VRLO) is +2.5V and the
common mode voltage cab be anywhere between AVSS and
AVDD. Larger values of VREF can be used without
degradation in performance with the maximum reference
voltage being VREF = +5V. Smaller values of VREF can also
be used but performance will be degraded since the LSB
size is reduced.
The full scale range of the HI7191 is defined as:
and VRHI must always be greater than VRLO for proper
operation of the device.
The reference inputs provide a high impedance dynamic
load similar to the analog inputs and the effective input
impedance for the reference inputs can be calculated in the
same manner as it is for the analog input impedance. The
only difference in the calculation is that CIN for the reference
inputs is 10.67pF. Therefor, the input impedance range for
the reference inputs is from 149k
Ω in a gain of 8 or higher
mode to 833k
Ω in the gain of 1 mode.
VCM Input
The voltage at the VCM input is the voltage that the internal
analog circuitry is referenced to and should always be tied to
the midpoint of the AVDD and AVSS supplies. This point
provides a common mode input voltage for the internal oper-
ational amplifiers and must be driven from a low noise, low
impedance source if it is not tied to analog ground. Failure to
do so will result in degraded HI7191 performance. It is
recommended that VCM be tied to analog ground when
operating off of AVDD = +5V and AVSS = -5V supplies.
VCM also determines the headroom at the upper and lower
ends of the power supplies which is limited by the common
mode input range where the internal operational amplifiers
remain in the linear, high gain region of operation. The
HI7191 is designed to have a range of AVSS +1.8V < VCM <
AVDD - 1.8V. Exceeding this range on the VCM pin will
compromise the device performance.
Transducer Burn-Out Current Source
The VINHI input of the HI7191 contains a 500nA (Typ) current
source which can be turned on/off via the Control Register.
This current source can be used in checking whether a trans-
ducer has burnt-out or become open before attempting to take
measurements on that channel. When the current source is
turned on an additional offset will be created indicating the
presence of a transducer. The current source is controlled by
the BO bit (Bit 4) in the Control Register and is disabled on
power up. See Figure 8 for an applications circuit.
TABLE 3. EFFECTIVE INPUT IMPEDANCE vs GAIN
GAIN
SAMPLING RATE
(kHz)
INPUT IMPEDANCE
(M
Ω)
1
78.125
1.6
2
156.25
0.8
4
312.5
0.4
8, 16, 32, 64, 128
625
0.2
ZIN = 1/(CIN x fS),
FSRBIPOLAR = 2 x VREF/GAIN
FSRUNIPOLAR = VREF/GAIN
HI7191


Similar Part No. - HI7191IP

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HI7191IP INTERSIL-HI7191IP Datasheet
623Kb / 25P
   24-Bit, High Precision, Sigma Delta A/D Converter
HI7191IP INTERSIL-HI7191IP Datasheet
630Kb / 25P
   24-Bit, High Precision, Sigma Delta A/D Converter
June 1, 2006
logo
Renesas Technology Corp
HI7191IP RENESAS-HI7191IP Datasheet
1Mb / 25P
   24-Bit, High Precision, Sigma Delta A/D Converter
logo
Intersil Corporation
HI7191IPZ INTERSIL-HI7191IPZ Datasheet
623Kb / 25P
   24-Bit, High Precision, Sigma Delta A/D Converter
HI7191IPZ INTERSIL-HI7191IPZ Datasheet
630Kb / 25P
   24-Bit, High Precision, Sigma Delta A/D Converter
June 1, 2006
More results

Similar Description - HI7191IP

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HI7190 INTERSIL-HI7190_06 Datasheet
471Kb / 25P
   24-Bit, High Precision, Sigma Delta A/D Converter
logo
Renesas Technology Corp
HI7190 RENESAS-HI7190 Datasheet
1Mb / 25P
   24-Bit, High Precision, Sigma Delta A/D Converter
logo
Intersil Corporation
HI7190IP INTERSIL-HI7190IP Datasheet
474Kb / 25P
   24-Bit, High Precision, Sigma Delta A/D Converter
June 27, 2006
HI7190 INTERSIL-HI7190 Datasheet
187Kb / 24P
   24-Bit, High Precision, Sigma Delta A/D Converter
HI7191IP INTERSIL-HI7191IP Datasheet
630Kb / 25P
   24-Bit, High Precision, Sigma Delta A/D Converter
June 1, 2006
HI7191 INTERSIL-HI7191_06 Datasheet
623Kb / 25P
   24-Bit, High Precision, Sigma Delta A/D Converter
logo
Renesas Technology Corp
HI7191 RENESAS-HI7191 Datasheet
1Mb / 25P
   24-Bit, High Precision, Sigma Delta A/D Converter
logo
Holtek Semiconductor In...
BH66F5233 HOLTEK-BH66F5233 Datasheet
6Mb / 137P
   24-Bit Delta Sigma A/D MCU
BH66F5232 HOLTEK-BH66F5232 Datasheet
7Mb / 145P
   24-Bit Delta Sigma A/D Flash MCU
HT67F5650 HOLTEK-HT67F5650 Datasheet
7Mb / 235P
   24-Bit Delta Sigma A/D LCD Flash MCU
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com