Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HIN206A Datasheet(PDF) 7 Page - Intersil Corporation

Part # HIN206A
Description  High Speed 5V Powered RS-232 Transmitters/Receivers
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

HIN206A Datasheet(HTML) 7 Page - Intersil Corporation

Back Button HIN206A Datasheet HTML 3Page - Intersil Corporation HIN206A Datasheet HTML 4Page - Intersil Corporation HIN206A Datasheet HTML 5Page - Intersil Corporation HIN206A Datasheet HTML 6Page - Intersil Corporation HIN206A Datasheet HTML 7Page - Intersil Corporation HIN206A Datasheet HTML 8Page - Intersil Corporation HIN206A Datasheet HTML 9Page - Intersil Corporation HIN206A Datasheet HTML 10Page - Intersil Corporation HIN206A Datasheet HTML 11Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 17 page
background image
3-7
HIN235A (PDIP)
TOP VIEW
HIN236A (PDIP, SOIC, SSOP)
TOP VIEW
Pinouts (Continued)
1
2
3
4
5
6
7
8
9
10
11
12
T4OUT
T3OUT
T1OUT
T2OUT
R2IN
R2OUT
T2IN
T1IN
R1OUT
R1IN
GND
VCC
16
17
18
19
20
21
22
23
24
15
14
13
R3IN
T5IN
SD
EN
T5OUT
R4OUT
T3IN
R5OUT
R5IN
R3OUT
R4IN
T4IN
T3OUT
T1OUT
T2OUT
R1IN
R1OUT
T2IN
T1IN
GND
VCC
C1+
V+
C1-
T4OUT
R2OUT
SD
EN
T4IN
R3OUT
V-
C2-
C2+
R2IN
T3IN
R3IN
1
2
3
4
5
6
7
8
9
10
11
12
16
17
18
19
20
21
22
23
24
15
14
13
12
VCC
T1OUT
T1IN
T1
+5V
+
0.1
µF
6
2
3
18
1
19
24
10
400k
13
14
R1OUT
R1IN
R1
4
5
R2OUT
R2IN
R2
23
22
R3OUT
R3IN
R3
16
17
21
20
+5V
T2OUT
T2IN
+5V
T3OUT
T3IN
+5V
T4OUT
T4IN
+5V
T5OUT
T5IN
+5V
400k
400k
400k
400k
T2
T3
T4
T5
GND
9
R4IN
R5IN
R4
R5
11
15
7
8
R4OUT
R5OUT
EN
SD
5k
5k
5k
5k
5k
9
VCC
+5V TO 10V
VOLTAGE DOUBLER
+10V TO -10V
VOLTAGE INVERTER
T1OUT
T2OUT
T3OUT
T4OUT
T4IN
T1IN
T2IN
T3IN
T1
T2
T3
T4
+5V
+
0.1
µF
+
0.1
µF
+
0.1
µF
7
6
2
3
18
1
19
24
10
12
11
15
V+
V-
C1+
C1-
C2+
C2-
+5V
400k
+5V
400k
+5V
400k
+5V
400k
+
0.1
µF
13
14
R1OUT
R1IN
R1
4
5
5k
R2OUT
R2IN
R2
23
22
5k
R3OUT
R3IN
R3
16
17
5k
EN
20
21
SD
GND
8
HIN202A thru HIN241A


Similar Part No. - HIN206A

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HIN206 INTERSIL-HIN206 Datasheet
203Kb / 13P
   5V Powered RS-232 Transmitters/Receivers with 0.1Microfarad External Capacitors
HIN206 INTERSIL-HIN206 Datasheet
586Kb / 18P
   5V Powered RS-232 Transmitters/Receivers with 0.1Microfarad External Capacitors
logo
Harris Corporation
HIN206 HARRIS-HIN206 Datasheet
158Kb / 14P
   5V Powered RS-232 Transmitters/Receivers with 0.1Microfarad External Capacitors
logo
Intersil Corporation
HIN206 INTERSIL-HIN206 Datasheet
491Kb / 19P
   5V Powered RS-232 Transmitters/Receivers with 0.1Microfarad External Capacitors
HIN206 INTERSIL-HIN206 Datasheet
484Kb / 19P
   5V Powered RS-232 Transmitters/Receivers with 0.1Microfarad External Capacitors
More results

Similar Description - HIN206A

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
HIN232A RENESAS-HIN232A Datasheet
494Kb / 10P
   High Speed 5V Powered RS-232 Transmitters/Receivers
logo
Intersil Corporation
HIN232A INTERSIL-HIN232A_06 Datasheet
245Kb / 10P
   High Speed 5V Powered RS-232 Transmitters/Receivers
HIN232 INTERSIL-HIN232_05 Datasheet
624Kb / 20P
   5V Powered RS-232 Transmitters/Receivers
HIN232 INTERSIL-HIN232 Datasheet
600Kb / 21P
   5V Powered RS-232 Transmitters/Receivers
HIN230 INTERSIL-HIN230 Datasheet
379Kb / 15P
   5V Powered RS-232 Transmitters/Receivers
logo
Renesas Technology Corp
HIN232 RENESAS-HIN232 Datasheet
1Mb / 22P
   5V Powered RS-232 Transmitters/Receivers
HIN202E RENESAS-HIN202E Datasheet
1Mb / 23P
   짹15kV, ESD-Protected, 5V Powered, RS-232 Transmitters/Receivers
logo
Intersil Corporation
HIN213ECAZ-T INTERSIL-HIN213ECAZ-T Datasheet
645Kb / 22P
   짹15kV, ESD-Protected, 5V Powered, RS-232 Transmitters/Receivers
HIN202E INTERSIL-HIN202E Datasheet
645Kb / 22P
   짹15kV, ESD-Protected, 5V Powered, RS-232 Transmitters/Receivers
HIN202 INTERSIL-HIN202 Datasheet
586Kb / 18P
   5V Powered RS-232 Transmitters/Receivers with 0.1Microfarad External Capacitors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com