Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADF4252 Datasheet(PDF) 9 Page - Analog Devices

Part # ADF4252
Description  Dual Fractional-N/Integer-N Frequency Synthesizer
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADF4252 Datasheet(HTML) 9 Page - Analog Devices

Back Button ADF4252_15 Datasheet HTML 5Page - Analog Devices ADF4252_15 Datasheet HTML 6Page - Analog Devices ADF4252_15 Datasheet HTML 7Page - Analog Devices ADF4252_15 Datasheet HTML 8Page - Analog Devices ADF4252_15 Datasheet HTML 9Page - Analog Devices ADF4252_15 Datasheet HTML 10Page - Analog Devices ADF4252_15 Datasheet HTML 11Page - Analog Devices ADF4252_15 Datasheet HTML 12Page - Analog Devices ADF4252_15 Datasheet HTML 13Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 28 page
background image
REV. B
ADF4252
–9–
*Across all fractional channel steps from f = 0/130 to f = 129/130.
RFOUT = 1.45 GHz, Int Reg = 55, Ref = 26 MHz, and LBW = 40 kHz. Plots attained using EVAL-ADF4252EB2 evaluation board.
FREQUENCY (GHz)
–70
–120
1.430
1.460
1.435
1.440
1.445
1.450
1.455
–75
–90
–105
–110
–115
–80
–85
–95
–100
LOWEST SPUR MODE
LOW NOISE AND SPUR MODE
LOWEST NOISE MODE
TPC 13. In-Band Phase Noise vs. Frequency*
FREQUENCY (GHz)
–10
–110
1.430
1.460
1.435
1.440
1.445
1.450
1.455
–20
–50
–80
–90
–100
–30
–40
–60
–70
LOWEST NOISE MODE
LOWEST SPUR MODE
TPC 14. 100 kHz Spur vs. Frequency*
FREQUENCY (GHz)
–20
–120
1.430
1.460
1.435
1.440
1.445
1.450
1.455
–30
–60
–90
–100
–110
–40
–50
–70
–80
LOWEST NOISE MODE
LOWEST SPUR MODE
TPC 15. 200 kHz Spur vs. Frequency*
FREQUENCY (GHz)
–20
–120
1.430
1.460
1.435
1.440
1.445
1.450
1.455
–30
–60
–90
–100
–110
–40
–50
–70
–80
LOWEST NOISE MODE
LOWEST SPUR MODE
TPC 16. 400 kHz Spur vs. Frequency*
FREQUENCY (GHz)
–20
–120
1.430
1.460
1.435
1.440
1.445
1.450
1.455
–30
–60
–90
–100
–110
–40
–50
–70
–80
LOWEST NOISE MODE
LOWEST SPUR MODE
TPC 17. 600 kHz Spur vs. Frequency*
FREQUENCY (GHz)
–20
–120
1.430
1.460
1.435
1.440
1.445
1.450
1.455
–30
–60
–90
–100
–110
–40
–50
–70
–80
LOWEST NOISE MODE
LOWEST SPUR MODE
TPC 18. 3 MHz Spur vs. Frequency*


Similar Part No. - ADF4252_15

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADF4252BCP AD-ADF4252BCP Datasheet
476Kb / 28P
   Dual Fractional-N/Integer-N Frequency Synthesizer
REV. B
ADF4252BCP-REEL AD-ADF4252BCP-REEL Datasheet
476Kb / 28P
   Dual Fractional-N/Integer-N Frequency Synthesizer
REV. B
ADF4252BCP-REEL7 AD-ADF4252BCP-REEL7 Datasheet
476Kb / 28P
   Dual Fractional-N/Integer-N Frequency Synthesizer
REV. B
ADF4252BCPZ AD-ADF4252BCPZ Datasheet
507Kb / 30P
   Dual Fractional-N/Integer-N Frequency Synthesizer
Rev. E
ADF4252BCPZ-R7 AD-ADF4252BCPZ-R7 Datasheet
507Kb / 30P
   Dual Fractional-N/Integer-N Frequency Synthesizer
Rev. E
More results

Similar Description - ADF4252_15

ManufacturerPart #DatasheetDescription
logo
Hynix Semiconductor
HM6F5201 HYNIX-HM6F5201 Datasheet
328Kb / 25P
   Dual Fractional-N / Integer-N Frequency Synthesizer
logo
Analog Devices
ADF4251 AD-ADF4251_15 Datasheet
440Kb / 28P
   Dual Fractional-N/Integer-N Frequency Synthesizer
REV. 0
ADF4252 AD-ADF4252 Datasheet
476Kb / 28P
   Dual Fractional-N/Integer-N Frequency Synthesizer
REV. B
ADF4251 AD-ADF4251 Datasheet
424Kb / 28P
   Dual Fractional-N/Integer-N Frequency Synthesizer
REV. 0
ADF4252 AD-ADF4252_V01 Datasheet
507Kb / 30P
   Dual Fractional-N/Integer-N Frequency Synthesizer
Rev. E
ADF4151 AD-ADF4151 Datasheet
462Kb / 28P
   Fractional-N/Integer-N PLL Synthesizer
REV. B
ADF4150BCPZ AD-ADF4150BCPZ Datasheet
486Kb / 28P
   Fractional-N/Integer-N PLL Synthesizer
REV. 0
ADF4155 AD-ADF4155 Datasheet
530Kb / 32P
   Integer-N/Fractional-N PLL Synthesizer
ADF41513 AD-ADF41513 Datasheet
565Kb / 33P
   Integer N/Fractional-N, PLL Synthesizer
ADF4150 AD-ADF4150 Datasheet
818Kb / 28P
   Fractional-N/Integer-N PLL Synthesizer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com