Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HIP0082AS1 Datasheet(PDF) 4 Page - Intersil Corporation

Part # HIP0082AS1
Description  Quad Power Drivers with Serial Diagnostic Interface
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

HIP0082AS1 Datasheet(HTML) 4 Page - Intersil Corporation

  HIP0082AS1 Datasheet HTML 1Page - Intersil Corporation HIP0082AS1 Datasheet HTML 2Page - Intersil Corporation HIP0082AS1 Datasheet HTML 3Page - Intersil Corporation HIP0082AS1 Datasheet HTML 4Page - Intersil Corporation HIP0082AS1 Datasheet HTML 5Page - Intersil Corporation HIP0082AS1 Datasheet HTML 6Page - Intersil Corporation HIP0082AS1 Datasheet HTML 7Page - Intersil Corporation HIP0082AS1 Datasheet HTML 8Page - Intersil Corporation HIP0082AS1 Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
4
Positive Output Voltage
Ramp Slew Rate, Inductive
Load Switching Off
SR1
IOUTX = 1A, Load 6mH, 12Ω;
Measure 25% to 75% of VZ
6
70
100
6
14
24
V/
µs
IOUTX = 1A, Load 6mH, 12Ω;
Measure 4V to 16V of VZ
N/A
2
9
20
V/
µs
IOUTX = 1A, Load 6mH, 12Ω;
Measure 75% to 95% of VZ
5.1
11
20.4
V/
µs
Negative Output Voltage
Ramp Slew Rate, Inductive
Load Switching On
SR2
VBATT = 12V, Load 6mH, 6Ω;
Measure 25% to 75%,
VCC = 5V ±2%
0.75
15
25
0.75
1.5
3.75
V/
µs
VBATT = 12V, Load 6mH, 6Ω;
Measure 25% to 75%,
TJ = 25
oC, V
CC = 5V ±2%
N/A
1
-
3
V/
µs
Output Negative Voltage
Ramp Fall Time
tf
IOUTX = 2A, From 90% to 10%,
6
Ω Load
-
-
25
-
15
25
µs
Turn-Off Delay
td(OFF)
IOUTX = 2A,
From 50% of INx to 10% of OUTx
0.5
-
3
-
-
10
µs
Turn-On Delay
td(ON)
IOUTX = 2A,
From 50% of INx to 90% of OUTx
N/A
-
-
10
µs
Matching Turn-On Delay
∆td(ON)
--
±3
µs
Matching Turn-Off Delay
∆td(OFF)
--
±3
µs
Output Rise Time
tr
For SR3 Postive Ramp Conditions
From 10% to 90% of VZ
-10
µs
Output Leakage Current
ILK
INx = High, VOUTX = 60V
-
-
10
N/A
µA
VOUTX = 60V, VCC Open
-
-
10
µA
INx = High, VOUTX =VCC+ to 60V
N/A
-10
-
10
µA
INx = Low, VOUTX = 0V to 60V,
VCC = 0V
-10
-
10
µA
SUPPLY
Power Supply Current
ICC
Standby, No Load
-
7.5
15
-
7.5
15
mA
Low VCC Shutdown Thresh-
old
VCC(LOW) (Note 9)
3.4
3.7
4.0
3.4
3.7
4.0
V
Active Supply Range for RST
Pin
VCC(RST)
3.5
-
5.5
3.5
-
5.5
V
INPUTS
(INx, CS, CLK, RST, R/W, TXD)
Low-Level Input Voltage
VIL
-0.3
-
0.2 X
VCC
-0.3
-
0.2 X
VCC
V
High-Level Input Voltage
VIH
0.7 x
VCC
-VCC +
0.3
0.7 x
VCC
-VCC +
0.3
V
Input Hysteresis Voltage
VHYS
0.85
1.2
2.25
0.85
1.2
2.25
V
Reset Time after RST L
→HtRST
48-80
48-80
µs
Input Pull-Up Resistance
RIN
50
-
150
50
-
150
k
Input Current
IIH
Logic High Input Voltage
--
2
-
-
2
µA
TXD PIN
(R/W = High)
Three-State Leakage Current
ILK_TXD
CS = High, VTXD = VCC
-5
-
5
-5
-
5
µA
Logic High Output Voltage
VTXDH
IOH = -4mA, CS = Low
VCC -
0.4
--
VCC -
0.4
--
V
Logic Low Output Voltage
VTXDL
IOL = 3.2mA, CS = Low
-
-
0.42
-
-
0.42
V
Electrical Specifications
VCC = 5V ±10%, TA = -40
oC to 125oC; Unless Otherwise Specified (Continued)
PARAMETER
SYMBOL
TEST CONDITIONS
HIP0082
HIP0084
UNITS
MIN
TYP
MAX
MIN
TYP
MAX
HIP0082, HIP0084


Similar Part No. - HIP0082AS1

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
HIP0082AS1 RENESAS-HIP0082AS1 Datasheet
1Mb / 11P
   Quad Power Drivers with Serial Diagnostic Interface
Features
More results

Similar Description - HIP0082AS1

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
HIP0082 RENESAS-HIP0082 Datasheet
1Mb / 11P
   Quad Power Drivers with Serial Diagnostic Interface
Features
logo
Intersil Corporation
HIP0080 INTERSIL-HIP0080_00 Datasheet
147Kb / 14P
   Quad Inverting Power Drivers with Serial Diagnostic Interface
logo
Renesas Technology Corp
HIP0080 RENESAS-HIP0080 Datasheet
750Kb / 14P
   Quad Inverting Power Drivers with Serial Diagnostic Interface
November 2000
logo
Intersil Corporation
HIP0080 INTERSIL-HIP0080 Datasheet
115Kb / 15P
   Quad Inverting Power Drivers with Serial Diagnostic Interface
CA3272A INTERSIL-CA3272A Datasheet
91Kb / 10P
   Quad-Gated Inverting Power Drivers with Fault Mode Diagnostic Flag Output
July 1997
logo
Cypress Semiconductor
CY24488 CYPRESS-CY24488 Datasheet
292Kb / 15P
   Quad PLL Clock Generator with Serial Interface (I2C)
logo
Maxim Integrated Produc...
MAX5742 MAXIM-MAX5742 Datasheet
676Kb / 15P
   12-Bit, Low-Power, Quad, Voltage-Output DAC with Serial Interface
Rev 2; 7/03
MAX5500 MAXIM-MAX5500 Datasheet
219Kb / 14P
   Low-Power, Quad, 12-Bit Voltage-Output DACs with Serial Interface
Rev 0; 11/08
MAX5500 MAXIM-MAX5500_09 Datasheet
289Kb / 15P
   Low-Power, Quad, 12-Bit Voltage-Output DACs with Serial Interface
Rev 1; 4/09
MAX5250 MAXIM-MAX5250 Datasheet
134Kb / 16P
   Low-Power, Quad, 10-Bit Voltage-Output DAC with Serial Interface
Rev 0; 12/96
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com