Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HIP1012A Datasheet(PDF) 8 Page - Intersil Corporation

Part # HIP1012A
Description  Dual Power Distribution Controller
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

HIP1012A Datasheet(HTML) 8 Page - Intersil Corporation

Back Button HIP1012A Datasheet HTML 4Page - Intersil Corporation HIP1012A Datasheet HTML 5Page - Intersil Corporation HIP1012A Datasheet HTML 6Page - Intersil Corporation HIP1012A Datasheet HTML 7Page - Intersil Corporation HIP1012A Datasheet HTML 8Page - Intersil Corporation HIP1012A Datasheet HTML 9Page - Intersil Corporation HIP1012A Datasheet HTML 10Page - Intersil Corporation HIP1012A Datasheet HTML 11Page - Intersil Corporation HIP1012A Datasheet HTML 12Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 15 page
background image
8
FIGURE 7. 12V, 3/5V GATE DRIVE
FIGURE 8. PUMP VOLTAGE
FIGURE 9. OC VOLTAGE THRESHOLD WITH RLIM = 5kΩ
FIGURE 10. OC VOLTAGE THRESHOLD WITH RLIM = 10kΩ
FIGURE 11. POWER ON RESET VOLTAGE THRESHOLD
Typical Performance Curves (Continued)
12V VG
3.3V, 5V VG
20
40
60
80
-40
0
-20
17.36
17.34
17.32
17.30
17.28
17.26
11.935
11.930
11.925
11.920
11.915
11.910
11.905
11.900
TEMPERATURE (oC)
20
40
60
80
-40
0
-20
TEMPERATURE (oC)
17.6
17.4
17.2
16.8
16.6
17.0
CHARGE PUMP VOLTAGE
NO LOAD
CHARGE PUMP VOLTAGE
100
µA LOAD
20
40
60
80
-40
0
-20
TEMPERATURE (oC)
54.5
54.0
53.5
53.0
52.5
12 OC Vth
5 OC Vth
20
40
60
80
-40
0
-20
12 OC VTth
5 OC Vth
TEMPERATURE (oC)
102.5
102.0
101.5
101.0
100.5
-40
-20
0
20
40
60
80
-30
-10
10
30
50
70
10.2
10.0
9.8
9.6
TEMPERATURE (oC)
VDD LOW TO HIGH
VDD HIGH TO LOW
HIP1012, HIP1012A


Similar Part No. - HIP1012A

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HIP1012A INTERSIL-HIP1012A Datasheet
543Kb / 15P
   Dual Power Distribution Controller
logo
Renesas Technology Corp
HIP1012A RENESAS-HIP1012A Datasheet
864Kb / 15P
   Dual Power Distribution Controller
logo
Intersil Corporation
HIP1012ACB INTERSIL-HIP1012ACB Datasheet
543Kb / 15P
   Dual Power Distribution Controller
logo
Renesas Technology Corp
HIP1012ACB RENESAS-HIP1012ACB Datasheet
864Kb / 15P
   Dual Power Distribution Controller
logo
Intersil Corporation
HIP1012ACBZA INTERSIL-HIP1012ACBZA Datasheet
543Kb / 15P
   Dual Power Distribution Controller
More results

Similar Description - HIP1012A

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HIP1012A INTERSIL-HIP1012A_04 Datasheet
543Kb / 15P
   Dual Power Distribution Controller
logo
Renesas Technology Corp
ISL6161 RENESAS-ISL6161 Datasheet
691Kb / 14P
   Dual Power Distribution Controller
Aug 16, 2018
HIP1012A RENESAS-HIP1012A Datasheet
864Kb / 15P
   Dual Power Distribution Controller
logo
Intersil Corporation
ISL6161IBZA INTERSIL-ISL6161IBZA Datasheet
218Kb / 11P
   Dual Power Distribution Controller
October 2, 2008
ISL6161 INTERSIL-ISL6161 Datasheet
221Kb / 11P
   Dual Power Distribution Controller
HIP1013 INTERSIL-HIP1013 Datasheet
51Kb / 7P
   Low Cost Dual Power Distribution Controller
HIP1013 INTERSIL-HIP1013_04 Datasheet
206Kb / 8P
   Low Cost Dual Power Distribution Controller
logo
Renesas Technology Corp
HIP1013 RENESAS-HIP1013 Datasheet
423Kb / 7P
   Low Cost Dual Power Distribution Controller
logo
Anpec Electronics Corop...
APL3540 ANPEC-APL3540 Datasheet
313Kb / 19P
   High-Side Power Distribution Controller
APL3542A ANPEC-APL3542A Datasheet
268Kb / 20P
   High-Side Power Distribution Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com